Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B8753 Datasheet(PDF) 3 Page - EPCOS

Part # B8753
Description  SAW RF low loss filter Digital radio
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B8753 Datasheet(HTML) 3 Page - EPCOS

  B8753 Datasheet HTML 1Page - EPCOS B8753 Datasheet HTML 2Page - EPCOS B8753 Datasheet HTML 3Page - EPCOS B8753 Datasheet HTML 4Page - EPCOS B8753 Datasheet HTML 5Page - EPCOS B8753 Datasheet HTML 6Page - EPCOS B8753 Datasheet HTML 7Page - EPCOS B8753 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
January 17, 2008
B8753
2338.755 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW RF low loss filter
Data sheet
Characteristics
Temperature range for specification:
T
= +25 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL = 100 Ω (balanced)
min.
typ.
@ 25 ˚C
max.
Nominal frequency
fN
2338.755
MHz
Maximum insertion attenuation
α
max
2332.5
... 2345.0
MHz
2.0
2.5
dB
Amplitude ripple (p-p)
∆α
2332.5
... 2345.0
MHz
0.2
0.8
dB
Output amplitude balance (|S31/S21|)
2332.5
... 2345.0
MHz
–1.0
±0.3
1.0
dB
Output phase balance (
φ(S
31) – φ(S21)+180˚)
2332.5
... 2345.0
MHz
–7.0
±3.0
7.0
˚
Input return loss
12
18
dB
Output return loss
12
16
dB
Attenuation
α
88.0
...
108.0
MHz
50
65
dB
880.0
...
960.0
MHz
45
60
dB
1710.0
... 1990.0
MHz
35
50
dB
2305.0
MHz
11
dB
2310.0
MHz
9
dB
2315.0
MHz
10
dB
2320.0
MHz
4.4
dB
2450.0
MHz
22
26
dB
3060.0
MHz
38
49
dB
Group delay ripple (p-p)
2332.5
... 2345.0
MHz
1.5
10
ns


Similar Part No. - B8753

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
B875 PULSE-B875 Datasheet
65Kb / 1P
   VDSL LINE TRANSFORMER
logo
EPCOS
B8755 EPCOS-B8755 Datasheet
56Kb / 7P
   SAW filter Digital radio
More results

Similar Description - B8753

ManufacturerPart #DatasheetDescription
logo
EPCOS
B1646 EPCOS-B1646 Datasheet
66Kb / 8P
   SAW RF low loss filter Digital radio
B8762 EPCOS-B8762 Datasheet
62Kb / 8P
   SAW RF low loss filter Digital radio
B1626 EPCOS-B1626 Datasheet
77Kb / 9P
   SAW RF low loss filter
B1616 EPCOS-B1616 Datasheet
56Kb / 6P
   SAW RF low loss filter
B1636 EPCOS-B1636 Datasheet
63Kb / 7P
   SAW RF low loss filter
logo
TDK Electronics
B39202B1650B510 TDK-B39202B1650B510 Datasheet
107Kb / 8P
   SAW RF low loss filter
logo
EPCOS
B1634 EPCOS-B1634 Datasheet
63Kb / 7P
   SAW RF low loss filter
B1644 EPCOS-B1644 Datasheet
67Kb / 9P
   SAW RF low loss filter
logo
TDK Electronics
B39192B1638U510 TDK-B39192B1638U510 Datasheet
83Kb / 7P
   SAW RF low loss filter
B39192B1660B510 TDK-B39192B1660B510 Datasheet
85Kb / 7P
   SAW RF low loss filter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com