Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX14579E Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX14579E
Description  Low-Power Headset Detectors with SEND/END Button Support Low-Power Microphone Mode
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14579E Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX14579E Datasheet HTML 2Page - Maxim Integrated Products MAX14579E Datasheet HTML 3Page - Maxim Integrated Products MAX14579E Datasheet HTML 4Page - Maxim Integrated Products MAX14579E Datasheet HTML 5Page - Maxim Integrated Products MAX14579E Datasheet HTML 6Page - Maxim Integrated Products MAX14579E Datasheet HTML 7Page - Maxim Integrated Products MAX14579E Datasheet HTML 8Page - Maxim Integrated Products MAX14579E Datasheet HTML 9Page - Maxim Integrated Products MAX14579E Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6 ______________________________________________________________________________________
Low-Power Headset Detectors
with SEND/END Button Support
Pin Configuration
Pin Description
TDFN
TOP VIEW
*EP/GND
*CONNECT THE EXPOSED PAD (EP/GND) TO THE GROUND PLANE.
MAX14579E
MAX14579AE
1
+
8
MIC
RES
2
7
DETIN
MODE
4
5
CAP
DET
3
6
VCC
SWD
PIN
NAME
FUNCTION
1
RES
Resistor Connection. Connect an external 2.2kI resistor from RES to MIC for microphone
biasing.
2
MODE
Microphone Mode Control Input. MODE selects the operating mode. See the MODE Control
Input section for more information.
3
SWD
SEND/END Button Detection Output. SWD asserts when a SEND/END button press event
occurs. SWD is an active-low, open-drain output.
4
DET
Jack Insertion Detection Open-Drain Output. DET is asserted when there is a 3.5mm jack
inserted into the socket. DET is an active-low output.
5
CAP
Internal LDO Output. Connect a 0.22FF ceramic (X5R, X7R, or better) capacitor between CAP
and ground.
6
VCC
Supply Voltage. Bypass VCC to ground with a 1FF ceramic capacitor.
7
DETIN
Jack Insertion Detection Input. An internal comparator monitors DETIN for jack insertion/
removal events.
8
MIC
Microphone Connection. During audio operation, a 2.2V bias voltage is supplied to MIC
through RES. An internal comparator monitors MIC for SEND/END button press events.
EP
Exposed Pad. The exposed pad is the ground connection for the device. Connect EP/GND to
the ground plane.


Similar Part No. - MAX14579E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1457 MAXIM-MAX1457 Datasheet
93Kb / 12P
   0.1%-Accurate Signal Conditioner for Piezoresistive Sensor Compensation
Rev 1; 8/98
MAX14570 MAXIM-MAX14570 Datasheet
1Mb / 20P
   High-Efficiency Voice Coil Motor Driver
Rev 0; 9/11
MAX14570EZT+T MAXIM-MAX14570EZT+T Datasheet
1Mb / 20P
   High-Efficiency Voice Coil Motor Driver
Rev 0; 9/11
MAX14571 MAXIM-MAX14571 Datasheet
1Mb / 14P
   Adjustable Overvoltage and Overcurrent Protectors with High Accuracy
Rev 0; 9/12
MAX14571 MAXIM-MAX14571 Datasheet
1Mb / 14P
   Adjustable Overvoltage and Overcurrent Protectors with High Accuracy
Rev 1; 12/12
More results

Similar Description - MAX14579E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14627 MAXIM-MAX14627 Datasheet
2Mb / 16P
   Low-Power Headset Detectors with SEND/END Button Support
Rev 0; 5/12
logo
TDK Electronics
ICS-40212 TDK-ICS-40212 Datasheet
312Kb / 16P
   Analog Microphone with Low Power Mode
T3902 TDK-T3902 Datasheet
440Kb / 22P
   Bottom Port PDM Low‐Power Multi‐Mode Microphone With High AOP Mode
logo
Cirrus Logic
CS48L32 CIRRUS-CS48L32 Datasheet
9Mb / 192P
   Low-Power Audio DSP with Microphone Interface
F4 NOV 2019
logo
Diodes Incorporated
AZV5001 DIODES-AZV5001 Datasheet
634Kb / 12P
   Low-Power Headset Detection IC in Miniaturized Package
logo
Texas Instruments
TLV320DAC3202 TI1-TLV320DAC3202 Datasheet
605Kb / 19P
[Old version datasheet]   LOW POWER HIGH FIDELITY I2S INPUT HEADSET IC
logo
Maxim Integrated Produc...
MAX6754 MAXIM-MAX6754 Datasheet
286Kb / 22P
   Low-Power, Single/Dual-Voltage Window Detectors
Rev 1; 12/03
MAX6764UT MAXIM-MAX6764UT Datasheet
560Kb / 20P
   Low-Power, Single/Dual-Voltage Window Detectors
Rev 4; 1/11
logo
Vishay Siliconix
DG2592 VISHAY-DG2592 Datasheet
187Kb / 13P
   Audio Jack Detector with Send / End Detect
Rev. D, 30-Nov-15
logo
Texas Instruments
TPS3420 TI-TPS3420 Datasheet
855Kb / 19P
[Old version datasheet]   Low-Power, Push-Button Controllers with Configurable Delay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com