Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX13330 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX13330
Description  Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13330 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX13330_11 Datasheet HTML 1Page - Maxim Integrated Products MAX13330_11 Datasheet HTML 2Page - Maxim Integrated Products MAX13330_11 Datasheet HTML 3Page - Maxim Integrated Products MAX13330_11 Datasheet HTML 4Page - Maxim Integrated Products MAX13330_11 Datasheet HTML 5Page - Maxim Integrated Products MAX13330_11 Datasheet HTML 6Page - Maxim Integrated Products MAX13330_11 Datasheet HTML 7Page - Maxim Integrated Products MAX13330_11 Datasheet HTML 8Page - Maxim Integrated Products MAX13330_11 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
General Description
The MAX13330/MAX13331 stereo headphone amplifiers
are designed for automotive applications requiring out-
put short-circuit and ESD protection to battery/ground
with diagnostics. These devices use Maxim’s unique
DirectDrive® architecture to produce a ground-refer-
enced output from a single supply, eliminating the need
for large DC-blocking capacitors, saving board space
and component height. The gain of the amplifier is set
internally (-1.5V/V) on the MAX13330 or adjusted exter-
nally with resistors on the MAX13331.
The MAX13330/MAX13331 deliver 120mW per channel
into a 16
Ω load or 135mW into a 32Ω load and have a
low 0.01% THD+N. Low output impedance and the effi-
cient integrated charge pump allows the device to drive
loads as low as 8
Ω, enabling the use of small loud-
speakers. An 80dB at 217Hz PSRR allows these
devices to operate from noisy digital supplies without
an additional linear regulator. These devices include
±15kV Human Body Model ESD protection and short-
circuit protection up to +45V at the headphone outputs.
Comprehensive click-and-pop circuitry suppresses
audible clicks and pops on startup and shutdown. A
low-power shutdown mode reduces the supply current
to 3µA (typ).
The MAX13330/MAX13331 are specified from -40°C to
+105°C AEC-Q100 Level 2 automotive temperature
range and are available in a 16-pin QSOP package.
Applications
Automotive Entertainment Systems
Automotive Rear Seat Entertainment Systems
Features
♦ 4V to 5.5V Single-Supply Operation
♦ 2MHz Charge Pump Prevents AM Radio
Interference
♦ Ground-Referenced Outputs Eliminate Bulky DC-
Blocking Capacitors
♦ Short-to-Ground and Battery (VBAT up to +45V)
Output Protection, Load Dump Protection
♦ Short-Circuit Diagnostic Output
♦ Adjustable Gain (MAX13331) or Fixed -1.5V/V Gain
(MAX13330)
♦ 125mW per Channel into 32Ω at 0.01% THD+N
♦ Integrated Click-and-Pop Suppression
♦ High PSRR Eliminates LDO
♦ No Degradation of Low-Frequency Response Due
to Output Capacitors
♦ ±15kV Human Body Model ESD Protection for
Output Pins
Automotive DirectDrive Headphone Amplifiers
with Output Protection and Diagnostics
________________________________________________________________
Maxim Integrated Products
1
MAX13330
MAX13331
OUTR
VSS
PGND
OUTL
13
14
15
16
4
3
2
1
SGND
DIAG
12
5
VDD
INR
SGND
INL
QSOP
+
PGND
C1N
CPVSS
9
10
11
8
7
6
C1P
CPVDD
SHDN
Pin Configuration
CLICK-AND-POP
SUPPRESSION
RIGHT-CHANNEL
AUDIO IN
LEFT-CHANNEL
AUDIO IN
MAX13330
DIAGNOSTICS
OUTPUT
SHDN
Simplified Block Diagram
19-4341; Rev 3; 7/11
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
DirectDrive is a registered trademark of Maxim Integrated
Products, Inc.
Ordering Information
/V denotes an automotive qualified part.
+
Denotes a lead(Pb)-free/RoHS-compliant package.
T = Tape and reel.
Typical Application Circuits appear at end of data sheet.
PART
GAIN
TEMP
RANGE
PIN-
PACKAGE
MAX13330GEE/V+T
-1.5V/V
-40°C to +105°C 16 QSOP
MAX13331GEE/V+T
Externally
Set
-40°C to +105°C 16 QSOP


Similar Part No. - MAX13330_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13330GEE/V+T MAXIM-MAX13330GEE/V+T Datasheet
248Kb / 15P
   Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics
Rev 0; 10/08
MAX13330GEE/V+T MAXIM-MAX13330GEE/V+T Datasheet
382Kb / 15P
   Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics
Rev 1; 4/09
MAX13330GEE/V+T MAXIM-MAX13330GEE/V+T Datasheet
1Mb / 15P
   Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics
19-4341; Rev 5; 3/21
MAX13330 MAXIM-MAX13330_09 Datasheet
382Kb / 15P
   Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics
Rev 1; 4/09
MAX13330 MAXIM-MAX13330_V01 Datasheet
1Mb / 15P
   Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics
19-4341; Rev 5; 3/21
More results

Similar Description - MAX13330_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13330 MAXIM-MAX13330_V01 Datasheet
1Mb / 15P
   Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics
19-4341; Rev 5; 3/21
MAX13330 MAXIM-MAX13330 Datasheet
248Kb / 15P
   Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics
Rev 0; 10/08
MAX13330 MAXIM-MAX13330_09 Datasheet
382Kb / 15P
   Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics
Rev 1; 4/09
MAX9728AETC-T MAXIM-MAX9728AETC-T Datasheet
309Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09
MAX9750 MAXIM-MAX9750 Datasheet
669Kb / 30P
   2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers
Rev 0; 1/04
MAX9750 MAXIM-MAX9750_V01 Datasheet
481Kb / 30P
   2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers
19-3006; Rev 8; 6/08
MAX9728A MAXIM-MAX9728A Datasheet
287Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09
MAX9728 MAXIM-MAX9728 Datasheet
309Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
19-3963; Rev 1; 7/09
MAX9756 MAXIM-MAX9756 Datasheet
790Kb / 31P
   2.3W Stereo Speaker Amplifiers and DirectDrive Headphone Amplifiers with Automatic Level Control
19-3782; Rev 1; 1/06
MAX9856 MAXIM-MAX9856 Datasheet
672Kb / 46P
   Low-Power Audio CODEC with DirectDrive Headphone Amplifiers
Rev 2; 12/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com