Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B9432 Datasheet(PDF) 7 Page - EPCOS

Part # B9432
Description  SAW Rx filter GSM850 / WCDMA band V
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9432 Datasheet(HTML) 7 Page - EPCOS

  B9432 Datasheet HTML 1Page - EPCOS B9432 Datasheet HTML 2Page - EPCOS B9432 Datasheet HTML 3Page - EPCOS B9432 Datasheet HTML 4Page - EPCOS B9432 Datasheet HTML 5Page - EPCOS B9432 Datasheet HTML 6Page - EPCOS B9432 Datasheet HTML 7Page - EPCOS B9432 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
May 11, 2007
B9432
881.5 MHz
SAW Components
SAW Rx filter
Data Sheet
Please read
cautions and warnings and
important notes at the end of this document.
References
Type
B9432
Ordering code
B39881B9432M410
Marking and package
C61157-A8-A3
Packaging
F61074-V8212-Z000
Date codes
L_1126
S-parameters
B9432_NB.s3p
B9432_WB.s3p
Soldering profile
S_6001
RoHS compatible
defined as compatible with the following documents:
"DIRECTIVE 2002/95/EC OF THE EUROPEAN PARLIAMENT
AND OF THE COUNCIL of 27 January 2003 on the restriction
of the use of certain hazardous substances in electrical and
electronic equipment. 2005/618/EC from April 18th, 2005,
amending Directive 2002/95/EC of the European Parliament
and of the Council for the purposes of establishing the maxi-
mum concentration values for certain hazardous substances in
electrical and electronic equipment."
Moldability
Before using in overmolding environment, please contact your
EPCOS sales office.
For further information please contact your local EPCOS sales office or visit our webpage at
www.epcos.com .
Published by EPCOS AG
Surface Acoustic Wave Components Division
P.O. Box 80 17 09, 81617 Munich, GERMANY
© EPCOS AG 2006. This brochure replaces the previous edition.
For questions on technology, prices and delivery please contact the Sales Offices of EPCOS AG or
the international Representatives.
Due to technical requirements components may contain dangerous substances. For information on
the type in question please also contact one of our Sales Offices.


Similar Part No. - B9432

ManufacturerPart #DatasheetDescription
logo
EPCOS
B9430 EPCOS-B9430 Datasheet
65Kb / 9P
   SAW RF filter WLAN
B9431 EPCOS-B9431 Datasheet
101Kb / 8P
   SAW Tx Filter 897.5 MHz
B9433 EPCOS-B9433 Datasheet
79Kb / 8P
   SAW Rx filter WCDMA band I
logo
SHENZHEN DOINGTER SEMIC...
B9435 DOINGTER-B9435 Datasheet
1Mb / 4P
   P-Channel MOSFET uses advanced trench technology
logo
EPCOS
B9438 EPCOS-B9438 Datasheet
96Kb / 9P
   SAW TX Filter Cellular / WCDMA Band V
More results

Similar Description - B9432

ManufacturerPart #DatasheetDescription
logo
EPCOS
B9456 EPCOS-B9456 Datasheet
101Kb / 8P
   SAW RX filter GSM850 / WCDMA band V / Cellular
B9449 EPCOS-B9449 Datasheet
87Kb / 8P
   SAW RX filter WCDMA band VIII
B5064 EPCOS-B5064 Datasheet
231Kb / 12P
   SAW Rx filter WCDMA Band I
B9433 EPCOS-B9433 Datasheet
79Kb / 8P
   SAW Rx filter WCDMA band I
B9478 EPCOS-B9478 Datasheet
99Kb / 8P
   SAW Rx Filter WCDMA Band VII
B9470 EPCOS-B9470 Datasheet
127Kb / 8P
   SAW Diversity Rx filter WCDMA Band II
B9451 EPCOS-B9451 Datasheet
90Kb / 8P
   SAW Rx Filter WCDMA Band I / Band IV / Band X
B9469 EPCOS-B9469 Datasheet
120Kb / 8P
   SAW Diversity Rx filter WCDMA Band I/IV
B9461 EPCOS-B9461 Datasheet
110Kb / 9P
   SAW RX filter WCDMA band VIII / GSM 900
logo
Murata Manufacturing Co...
SAFFB881MAN0F0A MURATA1-SAFFB881MAN0F0A Datasheet
326Kb / 8P
   SAW FILTER FOR GSM850/BAND5 Rx
Apr. 17 ,2019
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com