Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX13301AUMV Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX13301AUMV
Description  4-Channel, Automotive Class D Audio Amplifier Feedback After the Filter
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13301AUMV Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX13301AUMV Datasheet HTML 1Page - Maxim Integrated Products MAX13301AUMV Datasheet HTML 2Page - Maxim Integrated Products MAX13301AUMV Datasheet HTML 3Page - Maxim Integrated Products MAX13301AUMV Datasheet HTML 4Page - Maxim Integrated Products MAX13301AUMV Datasheet HTML 5Page - Maxim Integrated Products MAX13301AUMV Datasheet HTML 6Page - Maxim Integrated Products MAX13301AUMV Datasheet HTML 7Page - Maxim Integrated Products MAX13301AUMV Datasheet HTML 8Page - Maxim Integrated Products MAX13301AUMV Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
________________________________________________________________ _Maxim Integrated Products_ _ 1
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
4-Channel, Automotive Class D Audio Amplifier
19-5955; Rev 0; 6/11
General Description
The MAX13301 combines four high-efficiency Class D
amplifiers with integrated diagnostic hardware for reli-
able automotive audio systems, and delivers up to 80W
at 10% THD+N per channel into 4I when operating from
a 24V supply.
The internal diagnostics evaluate each channel’s output
impedance to check for shorts across the outputs, to the
battery, or to ground. The I2C interface allows the sys-
tem to query critical device parameters such as device
temperature and output clipping. The device is program-
mable to four different I2C addresses.
The audio amplifiers feature single-ended analog inputs
with a common negative input. The MAX13301 has a
fixed gain of 26dB.
The Class D amplifier has 10 programmable switching
frequencies between 300kHz and 750kHz.
The BTL outputs are protected against short circuits and
thermal overload. The outputs can be configured as a
2-, 3-, or 4-channel amplifier. The device provides 50V
load-dump protection, and is offered in the thermally
enhanced, 48-pin TSSOP-EPR package operating over
the -40NC to +125NC temperature range.
Applications
Car Stereo
Rear-Seat Entertainment Units
Discrete Amplifier Modules
Active Loudspeaker Systems
Radio Head Units
Mobile Surround Systems
Features
S
High_Output_Power_(10%_THD+N)
2_x_160W_into_2I_at_24V
4_x_80W_into_4I_at_24V
S
2_Channels_Can_Be_Paralleled
S
Feedback_After_the_Filter
Improves_THD+N
Low_Output_Impedance
High-Frequency_Response
Improved_Damping_of_Complex_Loads
Enables_Low-Cost_Inductors
S
102dB_SNR
S
Low_0.04%_THD+N
S
70dB_PSRR
S
On-Board_Diagnostics
Short-to-Battery/GND
Open/Shorted_Load
Tweeter_Detect
S
Protection_and_Monitoring_Functions:
Short-Circuit_Protection
50V_Load-Dump_Protection
Programmable_Clip_Detection
DC_Offset_Detection
Open_Battery/GND_Tolerant
Thermal-Overload_Protection
Thermal_Warning_Indication
S
Four-Address_I2C_Control_Interface
S
Low-Power_Shutdown_Mode
S
Up_to_90.5%_Efficiency
S
-40°C_to_+125°C_Ambient_Operating_Temperature
S
48-Pin_TSSOP-EPR_(Top_Side_Exposed_Pad)_Package
S
AEC-Q100_Qualified
Ordering Information
Note: The device operates over the -40°C to +125°C operating
temperature range.
/V denotes an automotive qualified part.
+Denotes a lead(Pb)-free/RoHS-compliant package.
*EPR = Top side exposed pad.
Typical Operating Circuit appears at end of data sheet.
EVALUATION
_KIT
AVAILABLE
PART
PIN-PACKAGE
SUPPLY_VOLTAGE_
RANGE_(V)
MAX13301AUM/V+
48 TSSOP-EPR*
6 to 25.5


Similar Part No. - MAX13301AUMV

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1330 MAXIM-MAX1330 Datasheet
3Mb / 78P
   12-/16-Bit DASs with ADC, DACs, DPIOs, APIOs, Reference, Voltage Monitors, and Temp Sensor
Rev 1; 10/08
MAX1330BETL++ MAXIM-MAX1330BETL+ Datasheet
3Mb / 78P
   12-/16-Bit DASs with ADC, DACs, DPIOs, APIOs, Reference, Voltage Monitors, and Temp Sensor
Rev 1; 10/08
More results

Similar Description - MAX13301AUMV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5411-Q1 TI1-TAS5411-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   Mono Automotive Class-D Audio Amplifier
logo
International Rectifier
IRAUDAMP8 IRF-IRAUDAMP8_15 Datasheet
944Kb / 34P
   120W x 4 Channel Class D Audio Power Amplifier
logo
NXP Semiconductors
TDA8933B NXP-TDA8933B Datasheet
244Kb / 42P
   Class D audio amplifier
Rev. 01-23 October 2008
TDA8933 NXP-TDA8933 Datasheet
265Kb / 47P
   Class-D audio amplifier
Rev. 01-15 May 2007
TDA8932B NXP-TDA8932B Datasheet
319Kb / 48P
   Class-D audio amplifier
Rev. 04-18 December 2008
logo
International Rectifier
IRAUDPS3 IRF-IRAUDPS3_15 Datasheet
1Mb / 20P
   Class-D Audio Amplifier
IRAUDAMP8 IRF-IRAUDAMP8 Datasheet
944Kb / 34P
   120W x 4 Channel Class D Audio Power Amplifier Using the IRS2093M and IRF6665
logo
NXP Semiconductors
TDA8932B PHILIPS-TDA8932B_15 Datasheet
319Kb / 48P
   Class-D audio amplifier
Rev. 04-18 December 2008
TDA8932 NXP-TDA8932 Datasheet
246Kb / 45P
   Class-D audio amplifier
Rev.02-12 December 2006
logo
STMicroelectronics
TS4962 STMICROELECTRONICS-TS4962 Datasheet
1Mb / 22P
   3W Filter-free Class D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com