Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX13331GEE Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX13331GEE
Description  Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13331GEE Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX13331GEE Datasheet HTML 1Page - Maxim Integrated Products MAX13331GEE Datasheet HTML 2Page - Maxim Integrated Products MAX13331GEE Datasheet HTML 3Page - Maxim Integrated Products MAX13331GEE Datasheet HTML 4Page - Maxim Integrated Products MAX13331GEE Datasheet HTML 5Page - Maxim Integrated Products MAX13331GEE Datasheet HTML 6Page - Maxim Integrated Products MAX13331GEE Datasheet HTML 7Page - Maxim Integrated Products MAX13331GEE Datasheet HTML 8Page - Maxim Integrated Products MAX13331GEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Automotive DirectDrive Headphone Amplifiers
with Output Protection and Diagnostics
_______________________________________________________________________________________
5
TOTAL HARMONIC DISTORTION
PLUS NOISE vs. OUTPUT POWER
OUTPUT POWER (mW)
125
50
150
25
0.01
0.1
1
10
0.001
0
100
75
175
VDD = 5V
RL = 16
Ω
fIN = 10kHz
fIN = 1kHz
fIN = 100Hz
TOTAL HARMONIC DISTORTION
PLUS NOISE vs. OUTPUT POWER
OUTPUT POWER (mW)
50
100
25
75
0.01
0.1
1
10
0.001
0
125
VDD = 4V
RL = 32
Ω
fIN = 10kHz
fIN = 1kHz
fIN = 100Hz
TOTAL HARMONIC DISTORTION
PLUS NOISE vs. OUTPUT POWER
OUTPUT POWER (mW)
125
50
150
25
0.01
0.1
1
10
0.001
0
100
75
175
VDD = 5V
RL = 32
Ω
fIN = 10kHz
fIN = 1kHz
fIN = 100Hz
TOTAL HARMONIC DISTORTION
PLUS NOISE vs. FREQUENCY
FREQUENCY (kHz)
0.1
1
10
0.001
0.01
0.1
1
0.0001
0.01
100
VDD = 5V
RL = 1k
Ω
VOUT_ = 2VRMS
VOUT_ = 1VRMS
OUTPUT POWER vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.25
4.75
4.50
5.00
4.25
60
120
180
40
100
160
20
80
140
0
4.00
5.50
fIN = 1kHz
1% THD+N
RL = 32
Ω
RL = 16
Ω
RL = 8
Ω
OUTPUT POWER vs. LOAD RESISTANCE
LOAD RESISTANCE (
Ω)
10
100
60
120
200
40
100
160
180
20
80
140
0
0
1000
fIN = 1kHz
10% THD+N
VDD = 4V
1% THD+N
VDD = 4V
1% THD+N
VDD = 5V
10% THD+N
VDD = 5V
POWER DISSIPATION vs.
OUTPUT POWER PER CHANNEL
OUTPUT POWER PER CHANNEL (mW)
100
60
40
80
20
300
600
800
200
500
100
400
700
0
0
120
VDD = 4V
fIN = 1kHz
RL = 32
Ω
RL = 16
Ω
RL = 8
Ω
POWER DISSIPATION vs.
OUTPUT POWER PER CHANNEL
OUTPUT POWER PER CHANNEL (mW)
80
140
60
120
160
20
100
40
400
800
1200
200
600
1000
0
0
180
VDD = 5V
fIN = 1kHz
RL = 32
Ω
RL = 16
Ω
RL = 8
Ω
Typical Operating Characteristics (continued)
(VDD = VCPVDD = 5V, VSGND = VPGND = 0V, C1 = C2 = 1µF, RL =
∞, gain = -1.5V/V, THD+N measurement bandwidth = 22Hz to 22kHz,
TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX13331GEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13331GEE/V+T MAXIM-MAX13331GEE/V+T Datasheet
248Kb / 15P
   Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics
Rev 0; 10/08
MAX13331GEE/V+T MAXIM-MAX13331GEE/V+T Datasheet
382Kb / 15P
   Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics
Rev 1; 4/09
MAX13331GEE/V+T MAXIM-MAX13331GEE/V+T Datasheet
1Mb / 15P
   Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics
19-4341; Rev 5; 3/21
More results

Similar Description - MAX13331GEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13330 MAXIM-MAX13330_V01 Datasheet
1Mb / 15P
   Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics
19-4341; Rev 5; 3/21
MAX13330 MAXIM-MAX13330 Datasheet
248Kb / 15P
   Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics
Rev 0; 10/08
MAX13330 MAXIM-MAX13330_09 Datasheet
382Kb / 15P
   Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics
Rev 1; 4/09
MAX9728AETC-T MAXIM-MAX9728AETC-T Datasheet
309Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09
MAX9750 MAXIM-MAX9750 Datasheet
669Kb / 30P
   2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers
Rev 0; 1/04
MAX9750 MAXIM-MAX9750_V01 Datasheet
481Kb / 30P
   2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers
19-3006; Rev 8; 6/08
MAX9728A MAXIM-MAX9728A Datasheet
287Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09
MAX9728 MAXIM-MAX9728 Datasheet
309Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
19-3963; Rev 1; 7/09
MAX9756 MAXIM-MAX9756 Datasheet
790Kb / 31P
   2.3W Stereo Speaker Amplifiers and DirectDrive Headphone Amplifiers with Automatic Level Control
19-3782; Rev 1; 1/06
MAX9856 MAXIM-MAX9856 Datasheet
672Kb / 46P
   Low-Power Audio CODEC with DirectDrive Headphone Amplifiers
Rev 2; 12/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com