Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX13301AUV Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX13301AUV
Description  4-Channel, Automotive Class D Audio Amplifier Feedback After the Filter
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13301AUV Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX13301AUV Datasheet HTML 1Page - Maxim Integrated Products MAX13301AUV Datasheet HTML 2Page - Maxim Integrated Products MAX13301AUV Datasheet HTML 3Page - Maxim Integrated Products MAX13301AUV Datasheet HTML 4Page - Maxim Integrated Products MAX13301AUV Datasheet HTML 5Page - Maxim Integrated Products MAX13301AUV Datasheet HTML 6Page - Maxim Integrated Products MAX13301AUV Datasheet HTML 7Page - Maxim Integrated Products MAX13301AUV Datasheet HTML 8Page - Maxim Integrated Products MAX13301AUV Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
4-Channel, Automotive Class D Audio Amplifier
4
ELECTRICAL_CHARACTERISTICS_(continued)
(VPVDD = 14.4V, VDD = VDD5 = 5V, VGND = VPGND = 0V, fSW = 500kHz, MAP.COMP[2:0] = (see Table 20 for applicable setting),
TA = -40NC to +125NC; typical values are at TA = +25NC, unless otherwise noted.) (Note 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Total Harmonic Distortion Plus
Noise
THD+N
POUT = 10W, RL = 4I, BW = 22Hz to
20kHz AES17 filter, f = 1kHz
0.04
0.14
%
POUT = 1W to 10W, RL = 4I, BW = 22Hz
to 20kHz AES17 filter, f = 1kHz
0.1
Noise
N
A-weighted, VPVDD = 24V
100
F
VRMS
22Hz to 22kHz, VPVDD = 24V
140
A-weighted, CTRL5.SS[2:0] = 110,
SSEN = 1, VPVDD = 24V
100
Crosstalk
POUT_ = 4W, f = 1kHz to 10kHz
60
dB
Efficiency
E
RL = 4I, POUT = 20W/channel, VDD5,
VDD supplied from a switching power
supply
88
%
Internal Switching Frequency
Adjust Range
6 to 15 clock-divider range
300
750
kHz
ONE-TIME_DIAGNOSTICS
Short-to-Ground Detection
CTRL2.STBY = 0, CTRL3.SDET = 1
75
I
Short-to-PVDD Detection
Threshold
CTRL2.STBY = 1, CTRL3.SDET = 1
6
V
Open-Load Detection
CTRL3.LDM = 1, power amplifier mode
70
100
I
CTRL3.LDM = 0, line-driver mode
200
300
Low-Current Threshold
15kHz < f < 25kHz,
TA = +25NC,
CTRL3.TW = 1
CTRL3.HCL = 0
160
291
500
mA
CTRL3.HCL = 1
200
364
625
High-Current Threshold
f < 20Hz,
CTRL3.TW = 0
CTRL3.HCL = 0
0.65
1.15
1.85
A
CTRL3.HCL = 1
0.9
1.65
2.15
CONTINUOUS_DIAGNOSTICS
Differential Output Offset Voltage
Threshold
No audio in play mode
0.56
1.04
1.6
V
Clip-Detect Threshold
RL = 4I
CTRL1.CLVL[1:0]
= 11
1
%THDN
CTRL1.CLVL[1:0]
= 01
3
CTRL1.CLVL[1:0]
= 10
5
CTRL1.CLVL[1:0]
= 00
10


Similar Part No. - MAX13301AUV

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1330 MAXIM-MAX1330 Datasheet
3Mb / 78P
   12-/16-Bit DASs with ADC, DACs, DPIOs, APIOs, Reference, Voltage Monitors, and Temp Sensor
Rev 1; 10/08
MAX1330BETL++ MAXIM-MAX1330BETL+ Datasheet
3Mb / 78P
   12-/16-Bit DASs with ADC, DACs, DPIOs, APIOs, Reference, Voltage Monitors, and Temp Sensor
Rev 1; 10/08
More results

Similar Description - MAX13301AUV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5411-Q1 TI1-TAS5411-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   Mono Automotive Class-D Audio Amplifier
logo
International Rectifier
IRAUDAMP8 IRF-IRAUDAMP8_15 Datasheet
944Kb / 34P
   120W x 4 Channel Class D Audio Power Amplifier
logo
NXP Semiconductors
TDA8933B NXP-TDA8933B Datasheet
244Kb / 42P
   Class D audio amplifier
Rev. 01-23 October 2008
TDA8933 NXP-TDA8933 Datasheet
265Kb / 47P
   Class-D audio amplifier
Rev. 01-15 May 2007
TDA8932B NXP-TDA8932B Datasheet
319Kb / 48P
   Class-D audio amplifier
Rev. 04-18 December 2008
logo
International Rectifier
IRAUDPS3 IRF-IRAUDPS3_15 Datasheet
1Mb / 20P
   Class-D Audio Amplifier
IRAUDAMP8 IRF-IRAUDAMP8 Datasheet
944Kb / 34P
   120W x 4 Channel Class D Audio Power Amplifier Using the IRS2093M and IRF6665
logo
NXP Semiconductors
TDA8932B PHILIPS-TDA8932B_15 Datasheet
319Kb / 48P
   Class-D audio amplifier
Rev. 04-18 December 2008
TDA8932 NXP-TDA8932 Datasheet
246Kb / 45P
   Class-D audio amplifier
Rev.02-12 December 2006
logo
STMicroelectronics
TS4962 STMICROELECTRONICS-TS4962 Datasheet
1Mb / 22P
   3W Filter-free Class D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com