Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX13301AUV Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX13301AUV
Description  4-Channel, Automotive Class D Audio Amplifier Feedback After the Filter
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13301AUV Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX13301AUV Datasheet HTML 1Page - Maxim Integrated Products MAX13301AUV Datasheet HTML 2Page - Maxim Integrated Products MAX13301AUV Datasheet HTML 3Page - Maxim Integrated Products MAX13301AUV Datasheet HTML 4Page - Maxim Integrated Products MAX13301AUV Datasheet HTML 5Page - Maxim Integrated Products MAX13301AUV Datasheet HTML 6Page - Maxim Integrated Products MAX13301AUV Datasheet HTML 7Page - Maxim Integrated Products MAX13301AUV Datasheet HTML 8Page - Maxim Integrated Products MAX13301AUV Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
4-Channel, Automotive Class D Audio Amplifier
5
ELECTRICAL_CHARACTERISTICS_(continued)
(VPVDD = 14.4V, VDD = VDD5 = 5V, VGND = VPGND = 0V, fSW = 500kHz, MAP.COMP[2:0] = (see Table 20 for applicable setting),
TA = -40NC to +125NC; typical values are at TA = +25NC, unless otherwise noted.) (Note 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Short-to-Ground/PVDD
OUT__ shorted
to ground/PVDD,
CTRL1.CL_TH = 1
CTRL3.HCL = 0
1.03
A
CTRL3.HCL = 1
1.28
OUT__ shorted
to ground/PVDD,
CTRL1.CL_TH = 0
CTRL3.HCL = 0
3.09
CTRL3.HCL = 1
3.86
Level 1 Output Current Limit
ILIM1
CTRL3.HCL = 0
5.5
7
A
Level 2 Output Current Limit
ILIM2
CTRL3.HCL = 1
7
8.75
A
THERMAL_PROTECTION
Thermal Warning Range 1
Guaranteed monotonic
110
N
C
Thermal Warning Range 2
Guaranteed monotonic
120
N
C
Thermal Warning Range 3
Guaranteed monotonic
130
N
C
Thermal Warning Range 4
Guaranteed monotonic
140
N
C
Thermal Shutdown Level
Guaranteed monotonic
150
165
N
C
Thermal Warning Hysteresis
5
N
C
Thermal Shutdown Hysteresis
15
N
C
CHARGE_PUMP
Switching Frequency
fCP = fSW
300
750
kHz
Soft-Start Time
100
F
s
Charge-Pump Output
Impedance
Guaranteed by FET RDS(ON)
measurement
1.8
I
Output Voltage
VPVDD + 5
V
INTERNAL_OSCILLATOR
SYNC I/O Frequency Range
2x switching frequency
0.6
1.5
MHz
Frequency
Spread-spectrum disabled
17.1
18
18.9
MHz
DIGITAL_INTERFACE_(SCL,_SDA,_ADDR,_CL0,_MUTE_CL1,_EN,_SYNC,_FLT_OT)
SYNC High
CTRL1.CM[1:0] = 01, ISOURCE = 3mA
4.5
V
SYNC Low
CTRL1.CM[1:0] = 01, ISINK = 3mA
0.4
V
Input Voltage High
VINH
2.0
V
Input Voltage Low
VINL
0.8
V
Input Voltage Hysteresis
300
mV
Input Leakage Current
SDA, SCL, CL0, MUTE_CL1, FLT_OT
Q
10
F
A
Output Low Voltage
SDA, CL0, MUTE_CL1, ISINK = 3mA,
FLT_OT
0.4
V
Pulldown Current
MUTE_CL1
5
13
F
A
EN
10
18


Similar Part No. - MAX13301AUV

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1330 MAXIM-MAX1330 Datasheet
3Mb / 78P
   12-/16-Bit DASs with ADC, DACs, DPIOs, APIOs, Reference, Voltage Monitors, and Temp Sensor
Rev 1; 10/08
MAX1330BETL++ MAXIM-MAX1330BETL+ Datasheet
3Mb / 78P
   12-/16-Bit DASs with ADC, DACs, DPIOs, APIOs, Reference, Voltage Monitors, and Temp Sensor
Rev 1; 10/08
More results

Similar Description - MAX13301AUV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5411-Q1 TI1-TAS5411-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   Mono Automotive Class-D Audio Amplifier
logo
International Rectifier
IRAUDAMP8 IRF-IRAUDAMP8_15 Datasheet
944Kb / 34P
   120W x 4 Channel Class D Audio Power Amplifier
logo
NXP Semiconductors
TDA8933B NXP-TDA8933B Datasheet
244Kb / 42P
   Class D audio amplifier
Rev. 01-23 October 2008
TDA8933 NXP-TDA8933 Datasheet
265Kb / 47P
   Class-D audio amplifier
Rev. 01-15 May 2007
TDA8932B NXP-TDA8932B Datasheet
319Kb / 48P
   Class-D audio amplifier
Rev. 04-18 December 2008
logo
International Rectifier
IRAUDPS3 IRF-IRAUDPS3_15 Datasheet
1Mb / 20P
   Class-D Audio Amplifier
IRAUDAMP8 IRF-IRAUDAMP8 Datasheet
944Kb / 34P
   120W x 4 Channel Class D Audio Power Amplifier Using the IRS2093M and IRF6665
logo
NXP Semiconductors
TDA8932B PHILIPS-TDA8932B_15 Datasheet
319Kb / 48P
   Class-D audio amplifier
Rev. 04-18 December 2008
TDA8932 NXP-TDA8932 Datasheet
246Kb / 45P
   Class-D audio amplifier
Rev.02-12 December 2006
logo
STMicroelectronics
TS4962 STMICROELECTRONICS-TS4962 Datasheet
1Mb / 22P
   3W Filter-free Class D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com