Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX13330GEET Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX13330GEET
Description  Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13330GEET Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX13330GEET Datasheet HTML 4Page - Maxim Integrated Products MAX13330GEET Datasheet HTML 5Page - Maxim Integrated Products MAX13330GEET Datasheet HTML 6Page - Maxim Integrated Products MAX13330GEET Datasheet HTML 7Page - Maxim Integrated Products MAX13330GEET Datasheet HTML 8Page - Maxim Integrated Products MAX13330GEET Datasheet HTML 9Page - Maxim Integrated Products MAX13330GEET Datasheet HTML 10Page - Maxim Integrated Products MAX13330GEET Datasheet HTML 11Page - Maxim Integrated Products MAX13330GEET Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Automotive DirectDrive Headphone Amplifiers
with Output Protection and Diagnostics
8
_______________________________________________________________________________________
Detailed Description
The MAX13330/MAX13331 headphone amplifiers fea-
ture Maxim’s DirectDrive architecture, eliminating the
large output-coupling capacitors required by conven-
tional single-supply headphone amplifiers. The devices
consists of two Class AB headphone amplifiers, under-
voltage lockout (UVLO), low-power shutdown control,
comprehensive click-and-pop suppression, output
short-circuit/ESD protection and output short-circuit
diagnostics.
These devices can drive loads as low as 8
Ω, and deliv-
er up to 120mW per channel into 16
Ω and 135mW into
32
Ω. The MAX13330 features a fixed gain of -1.5V/V,
and the MAX13331 features a programmable gain con-
figured with external resistors. The headphone outputs
feature ±15kV Human Body Model ESD protection, and
enhanced short-circuit protection to ground or battery
(VBAT up to +45V). An integrated short-circuit diagnos-
tic output provides the status of the MAX13330/
MAX13331 during operation as a fraction of the analog
supply voltage.
DirectDrive
Conventional single-supply headphone amplifiers have
their outputs biased about a nominal DC voltage (typi-
cally half the supply) for maximum dynamic range.
Large coupling capacitors are needed to block this DC
bias from the headphone. Without these capacitors, a
significant amount of DC current flows to the head-
phone, resulting in unnecessary power dissipation and
possible damage to both the headphone and the head-
phone amplifier.
Maxim’s DirectDrive architecture uses a charge pump
to create an internal negative-supply voltage, allowing
the MAX13330/MAX13331 outputs to be biased about
SGND (Figure 1). With no DC component, there is no
need for the large DC-blocking capacitors. Instead of
two large (220µF, typ) tantalum capacitors, the
MAX13330/MAX13331 charge pump requires two small
ceramic capacitors, conserving board space, reducing
cost, and improving the frequency response of the
headphone amplifier. See the Output Power vs. Load
Resistance
graph
in
the
Typical
Operating
Characteristics for details of the possible capacitor
sizes. There is a low DC voltage on the amplifier out-
puts due to amplifier offset. However, the output offset
of the MAX13330 is typically ±2.5mV which, when com-
bined with a 32
Ω load, results in less than ±78µA of DC
current flow to the headphones. Previous attempts to
eliminate the output-coupling capacitors involved bias-
ing the headphone return (sleeve) to the DC-bias volt-
age of the headphone amplifiers.
This method raises some issues:
The sleeve is typically grounded to the chassis.
Using this biasing approach, the sleeve must be
isolated from system ground, complicating product
design.
During an ESD strike, the amplifier’s ESD structures
are the only path to system ground. Thus, the ampli-
fier must be able to withstand the full ESD strike.
When using the headphone jack as a line out to
other equipment, the bias voltage on the sleeve
may conflict with the ground potential from other
equipment, resulting in possible damage to the
amplifiers.
VDD
VSS
GND
VOUT
CONVENTIONAL DRIVER-BIASING SCHEME
DirectDrive BIASING SCHEME
VDD/2
VDD
GND
VOUT
Figure 1. Conventional Driver Output Waveform vs. MAX13330/
MAX13331 Output Waveform


Similar Part No. - MAX13330GEET

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13330GEE/V+T MAXIM-MAX13330GEE/V+T Datasheet
248Kb / 15P
   Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics
Rev 0; 10/08
MAX13330GEE/V+T MAXIM-MAX13330GEE/V+T Datasheet
382Kb / 15P
   Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics
Rev 1; 4/09
MAX13330GEE/V+T MAXIM-MAX13330GEE/V+T Datasheet
1Mb / 15P
   Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics
19-4341; Rev 5; 3/21
More results

Similar Description - MAX13330GEET

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13330 MAXIM-MAX13330_V01 Datasheet
1Mb / 15P
   Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics
19-4341; Rev 5; 3/21
MAX13330 MAXIM-MAX13330 Datasheet
248Kb / 15P
   Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics
Rev 0; 10/08
MAX13330 MAXIM-MAX13330_09 Datasheet
382Kb / 15P
   Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics
Rev 1; 4/09
MAX9728AETC-T MAXIM-MAX9728AETC-T Datasheet
309Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09
MAX9750 MAXIM-MAX9750 Datasheet
669Kb / 30P
   2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers
Rev 0; 1/04
MAX9750 MAXIM-MAX9750_V01 Datasheet
481Kb / 30P
   2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers
19-3006; Rev 8; 6/08
MAX9728A MAXIM-MAX9728A Datasheet
287Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09
MAX9728 MAXIM-MAX9728 Datasheet
309Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
19-3963; Rev 1; 7/09
MAX9756 MAXIM-MAX9756 Datasheet
790Kb / 31P
   2.3W Stereo Speaker Amplifiers and DirectDrive Headphone Amplifiers with Automatic Level Control
19-3782; Rev 1; 1/06
MAX9856 MAXIM-MAX9856 Datasheet
672Kb / 46P
   Low-Power Audio CODEC with DirectDrive Headphone Amplifiers
Rev 2; 12/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com