Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX13000E Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX13000E
Description  Ultra-Low-Voltage Level Translators Enable/Shutdown Control
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13000E Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX13000E Datasheet HTML 2Page - Maxim Integrated Products MAX13000E Datasheet HTML 3Page - Maxim Integrated Products MAX13000E Datasheet HTML 4Page - Maxim Integrated Products MAX13000E Datasheet HTML 5Page - Maxim Integrated Products MAX13000E Datasheet HTML 6Page - Maxim Integrated Products MAX13000E Datasheet HTML 7Page - Maxim Integrated Products MAX13000E Datasheet HTML 8Page - Maxim Integrated Products MAX13000E Datasheet HTML 9Page - Maxim Integrated Products MAX13000E Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Typical Operating Characteristics
(VCC = +3.3V, VL = +0.9V, TA = +25°C, MAX13003E.)
0.1
1
10
100
1000
VL SUPPLY CURRENT vs. SUPPLY VOLTAGE
(DRIVING I/O VL, VL = 0.9V)
SUPPLY VOLTAGE (V)
1.5
2.4
2.7
1.8
2.1
3.0
3.3
3.6
DATA RATE = 20Mbps
DATA RATE = 230kbps
VL SUPPLY CURRENT vs. SUPPLY VOLTAGE
(DRIVING I/O VCC, VL = 0.9V)
SUPPLY VOLTAGE (V)
3.3
3.0
2.7
2.4
2.1
1.8
0.01
0.1
1
0.001
1.5
3.6
DATA RATE = 20Mbps
DATA RATE = 230kbps
VCC SUPPLY CURRENT vs. SUPPLY VOLTAGE
(DRIVING I/O VL, VL = 0.9V)
SUPPLY VOLTAGE (V)
3.3
3.0
2.7
2.4
2.1
1.8
0.1
1
10
0.01
1.5
3.6
DATA RATE = 230kbps
DATA RATE = 20Mbps
Ultra-Low-Voltage Level Translators
6
_______________________________________________________________________________________
TIMING CHARACTERISTICS (continued)
(VCC = +1.5V to +3.6V, VL = +0.9V to VCC, CI/OVL
≤ 15pF, CI/OVCC ≤ 50pF, TA = -40°C to +85°C, unless otherwise noted. Typical val-
ues are at TA = +25°C.) (Notes 1, 4)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CI/OVL = 50pF, CMOS output, Figure 4
2
Propagation Delay from
I/OVCC to I/OVL after EN
(Note 5)
tEN-VL
CI/OVL = 50pF, OD output, Figure 4
6
µs
Each translator equally loaded,
MAX13003E/MAX13004E/MAX13005E
±5
Channel-to-Channel Skew
tSKEW
Each translator equally loaded,
MAX13000E/MAX13001E/MAX13002E
±250
ns
Part-to-Part Skew (Note 6)
tPPSKEW
CI/OVL = 15pF, CI/OVCC = 15pF,
VL = +1.8V, VCC = +2V,
ΔT = +5°C,
MAX13003E/MAX13004E/MAX13005E
10
ns
MAX13003E/MAX13004E/MAX13005E
VCC > +1.65V, CI/OVL = 50pF,
CI/OVCC = 50pF
20
Mbps
Maximum Data Rate
MAX13000E/MAX13001E/MAX13002E
CI/OVL = 50pF, CI/OVCC = 50pF
230
kbps
Note 1: All devices are 100% production tested at TA = +25°C. Limits are guaranteed by design over the entire temperature range.
Note 2: VL must be less than or equal to VCC during normal operation. However, VL can be greater than VCC during startup and
shutdown conditions.
Note 3: This consumption is referred to as no signal transmission.
Note 4: Guaranteed by design with an input signal full swing, rise/fall time
≤ 3ns, source resistance is 50Ω.
Note 5: Enable input signal full swing and rise/fall time
≤ 50ns.
Note 6: Guaranteed by design, not production tested.


Similar Part No. - MAX13000E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1300 MAXIM-MAX1300 Datasheet
977Kb / 31P
   8-/4-Channel, 12V Multirange Inputs, Serial 16-Bit ADCs
Rev 1; 11/06
MAX1300 MAXIM-MAX1300 Datasheet
1,017Kb / 32P
   8- and 4-Channel, 짹3 x VREF Multirange Inputs, Serial 16-Bit ADCs
Rev 2; 6/10
MAX1300AEUG MAXIM-MAX1300AEUG Datasheet
977Kb / 31P
   8-/4-Channel, 12V Multirange Inputs, Serial 16-Bit ADCs
Rev 1; 11/06
MAX1300AEUG MAXIM-MAX1300AEUG Datasheet
1,017Kb / 32P
   8- and 4-Channel, 짹3 x VREF Multirange Inputs, Serial 16-Bit ADCs
Rev 2; 6/10
MAX1300AEUG++ MAXIM-MAX1300AEUG+ Datasheet
2Mb / 31P
   8- and 4-Channel, 짹3 x VREF Multirange Inputs, Serial 16-Bit ADCs
2011
More results

Similar Description - MAX13000E

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9043GB RICHTEK-RT9043GB Datasheet
196Kb / 8P
   Adjustable Output Voltage, Enable/Shutdown Control
logo
Maxim Integrated Produc...
MAX3370 MAXIM-MAX3370 Datasheet
174Kb / 10P
   1uA, 2Mbps, Low-Voltage Level Translators in SC70
Rev 1; 2/01
MAX1840 MAXIM-MAX1840 Datasheet
290Kb / 8P
   Low-Voltage SIM/Smart Card Level Translators in uMAX
Rev 0; 4/00
logo
NXP Semiconductors
AN10145 PHILIPS-AN10145 Datasheet
325Kb / 24P
   Bi-directional low voltage translators
2004 Aug 11
GTL2000 NXP-GTL2000 Datasheet
263Kb / 2P
   NXP bidirectional low-voltage translators
March 2007
logo
Analog Devices
ADG3304 AD-ADG3304 Datasheet
68Kb / 5P
   Low Voltage 1.2 V to 5.5 V, Bidirectional, Logic Level Translators
REV. PrC Feb 2004
ADG3308 AD-ADG3308 Datasheet
67Kb / 5P
   Low Voltage 1.2 V to 5.5 V, Bidirectional, Logic Level Translators
REV. PrE Feb 2004
logo
List of Unclassifed Man...
SN10KHT5542 ETC1-SN10KHT5542 Datasheet
330Kb / 8P
   OCTAL TTL-TO-ECL TRANSLATORS WITH OUTPUT ENABLE
logo
Acutechnology Semicondu...
AQ8211 ACUTECH-AQ8211 Datasheet
631Kb / 10P
   Ultra-Low Dropout 500mA Voltage Regulator with Enable
logo
Taiwan Semiconductor Co...
TS5218 TSC-TS5218_09 Datasheet
389Kb / 7P
   800mA Ultra Low Dropout Voltage Regulator with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com