Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B9467 Datasheet(PDF) 2 Page - EPCOS

Part # B9467
Description  SAW filter TD-SCDMA 2100
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9467 Datasheet(HTML) 2 Page - EPCOS

  B9467 Datasheet HTML 1Page - EPCOS B9467 Datasheet HTML 2Page - EPCOS B9467 Datasheet HTML 3Page - EPCOS B9467 Datasheet HTML 4Page - EPCOS B9467 Datasheet HTML 5Page - EPCOS B9467 Datasheet HTML 6Page - EPCOS B9467 Datasheet HTML 7Page - EPCOS B9467 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Sep 21, 2010
B9467
2017.5 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Filter
Data sheet
Features
s
Package size 1.4 x 1.1 x 0.4 mm3
s
RoHS compatible
s
Approx. weight 0.003g
s
Package for Surface Mount Technology (SMT)
s
Ni, gold-plated terminals
s
Electrostatic Sensitive Device (ESD)
s
Moisture Sensitive Level 3
Application
s
Low-loss RF filter for mobile telephone TD-SCDMA
systems
s
Impedance transformation from 50
Ω tο 200 Ω
s
Unbalanced to balanced operation
s
Low amplitude ripple
s
Usable passband 15 MHz
Pin configuration
s
1
Input, unbalanced
s
3,4
Output, balanced
s
2,5
Case-ground
1
4
3
2,5


Similar Part No. - B9467

ManufacturerPart #DatasheetDescription
logo
EPCOS
B9461 EPCOS-B9461 Datasheet
110Kb / 9P
   SAW RX filter WCDMA band VIII / GSM 900
B9469 EPCOS-B9469 Datasheet
120Kb / 8P
   SAW Diversity Rx filter WCDMA Band I/IV
More results

Similar Description - B9467

ManufacturerPart #DatasheetDescription
logo
EPCOS
B5140 EPCOS-B5140 Datasheet
76Kb / 8P
   SAW filter TD-SCDMA
B5062 EPCOS-B5062 Datasheet
69Kb / 7P
   SAW IF filter TD-SCDMA
B5213 EPCOS-B5213 Datasheet
71Kb / 7P
   SAW IF filter TD-SCDMA
B5206 EPCOS-B5206 Datasheet
57Kb / 7P
   SAW IF filter TD-SCDMA
logo
Murata Manufacturing Co...
SAWFD1G90LA0F0A MURATA1-SAWFD1G90LA0F0A Datasheet
292Kb / 10P
   SAW FILTER FOR TD-SCDMA
Sep. 29, 2010
logo
Transko Electronics, In...
TA2017DM TRANSKO-TA2017DM Datasheet
394Kb / 4P
   TD-SCDMA, RF SAW Filter
Revision 0: September 2009
logo
EPCOS
B5077 EPCOS-B5077 Datasheet
67Kb / 8P
   SAW IF filter TD-SCDMA
B5207 EPCOS-B5207 Datasheet
65Kb / 7P
   SAW IF filter TD-SCDMA
logo
Transko Electronics, In...
TA1900BQ1 TRANSKO-TA1900BQ1 Datasheet
523Kb / 5P
   TD-SCDMA, RF SAW Filter
Revision 0: October 2011
logo
Murata Manufacturing Co...
SAFEA2G01FA0F0A MURATA1-SAFEA2G01FA0F0A Datasheet
420Kb / 8P
   SAW FILTER FOR TD-SCDMA
Feb. 11, 2020
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com