Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B39212B9469K610 Datasheet(PDF) 8 Page - EPCOS

Part # B39212B9469K610
Description  SAW Diversity Rx filter WCDMA Band I/IV
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B39212B9469K610 Datasheet(HTML) 8 Page - EPCOS

  B39212B9469K610 Datasheet HTML 1Page - EPCOS B39212B9469K610 Datasheet HTML 2Page - EPCOS B39212B9469K610 Datasheet HTML 3Page - EPCOS B39212B9469K610 Datasheet HTML 4Page - EPCOS B39212B9469K610 Datasheet HTML 5Page - EPCOS B39212B9469K610 Datasheet HTML 6Page - EPCOS B39212B9469K610 Datasheet HTML 7Page - EPCOS B39212B9469K610 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
November 24, 2010
Important notes
The following applies to all products named in this publication:
1.
Some parts of this publication contain statements about the suitability of our products for
certain areas of application. These statements are based on our knowledge of typical
requirements that are often placed on our products in the areas of application concerned. We
nevertheless expressly point out that such statements cannot be regarded as binding
statements about the suitability of our products for a particular customer application.
As a rule, EPCOS is either unfamiliar with individual customer applications or less familiar
with them than the customers themselves. For these reasons, it is always ultimately
incumbent on the customer to check and decide whether an EPCOS product with the
properties described in the product specification is suitable for use in a particular customer
application.
2.
We also point out that in individual cases, a malfunction of electronic components or
failure before the end of their usual service life cannot be completely ruled out in the
current state of the art, even if they are operated as specified. In customer applications
requiring a very high level of operational safety and especially in customer applications in
which the malfunction or failure of an electronic component could endanger human life or
health (e.g. in accident prevention or life-saving systems), it must therefore be ensured by
means of suitable design of the customer application or other action taken by the customer
(e.g. installation of protective circuitry or redundancy) that no injury or damage is sustained
by third parties in the event of malfunction or failure of an electronic component.
3.
The warnings, cautions and product-specific notes must be observed.
4.
In order to satisfy certain technical requirements, some of the products described in this
publication may contain substances subject to restrictions in certain jurisdictions (e.g.
because they are classed as hazardous). Useful information on this will be found in our
Material Data Sheets on the Internet (www.epcos.com/material). Should you have any more
detailed questions, please contact our sales offices.
5.
We constantly strive to improve our products. Consequently, the products described in this
publication may change from time to time. The same is true of the corresponding product
specifications. Please check therefore to what extent product descriptions and specifications
contained in this publication are still applicable before or when you place an order.
We also reserve the right to discontinue production and delivery of products. Conse-
quently, we cannot guarantee that all products named in this publication will always be
available. The aforementioned does not apply in the case of individual agreements deviating
from the foregoing for customer-specific products.
6.
Unless otherwise agreed in individual contracts, all orders are subject to the current
version of the “General Terms of Delivery for Products and Services in the Electrical
Industry” published by the German Electrical and Electronics Industry Association
(ZVEI).
7.
The trade names EPCOS, BAOKE, Alu-X, CeraDiode, CSMP, CSSP, CTVS, DeltaCap,
DigiSiMic, DSSP, FormFit, MiniBlue, MiniCell, MKD, MKK, MLSC, MotorCap, PCC,
PhaseCap, PhaseCube, PhaseMod, PhiCap, SIFERRIT, SIFI, SIKOREL, SilverCap, SIMDAD,
SiMic, SIMID, SineFormer, SIOV, SIP5D, SIP5K, ThermoFuse, WindCap are trademarks
registered or pending in Europe and in other countries. Further information will be found on
the Internet at www.epcos.com/trademarks.


Similar Part No. - B39212B9469K610

ManufacturerPart #DatasheetDescription
logo
EPCOS
B39212B9412M510 EPCOS-B39212B9412M510 Datasheet
76Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 2140.0 MHz
B39212B9451P810 EPCOS-B39212B9451P810 Datasheet
90Kb / 8P
   SAW Rx Filter WCDMA Band I / Band IV / Band X
logo
TDK Electronics
B39212B9451P810 TDK-B39212B9451P810 Datasheet
192Kb / 8P
   SAW Components SAW Rx Filter
More results

Similar Description - B39212B9469K610

ManufacturerPart #DatasheetDescription
logo
EPCOS
B9451 EPCOS-B9451 Datasheet
90Kb / 8P
   SAW Rx Filter WCDMA Band I / Band IV / Band X
B9470 EPCOS-B9470 Datasheet
127Kb / 8P
   SAW Diversity Rx filter WCDMA Band II
B5064 EPCOS-B5064 Datasheet
231Kb / 12P
   SAW Rx filter WCDMA Band I
B9433 EPCOS-B9433 Datasheet
79Kb / 8P
   SAW Rx filter WCDMA band I
B9452 EPCOS-B9452 Datasheet
91Kb / 8P
   SAW Tx filter WCDMA band IV Tx
B9449 EPCOS-B9449 Datasheet
87Kb / 8P
   SAW RX filter WCDMA band VIII
B9478 EPCOS-B9478 Datasheet
99Kb / 8P
   SAW Rx Filter WCDMA Band VII
B5127 EPCOS-B5127 Datasheet
131Kb / 8P
   SAW filter WCDMA Band I
B9432 EPCOS-B9432 Datasheet
78Kb / 8P
   SAW Rx filter GSM850 / WCDMA band V
B9414 EPCOS-B9414_08 Datasheet
78Kb / 8P
   SAW Tx Filter WCDMA Band I
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com