Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PG05DBTFC Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # PG05DBTFC
Description  TVS Diode for ESD Protection in Portable Electronics
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

PG05DBTFC Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  PG05DBTFC_11 Datasheet HTML 1Page - KEC(Korea Electronics) PG05DBTFC_11 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2011. 3. 21
2/2
PG05DBTFC
Revision No : 5
PULSE DURATION tp (
µs)
110
100
10
100
1K
Peak Pulse Power
8/20us
Average Power
Waveform
Parameters :
tr=8
µs
e -t
td=20
µs
td=lpp/2
0
110
70
50
25
0
AMBIENT TEMPERATURE Ta ( C)
POWER DERATION CURVE
75
100
125
150
10
20
30
40
80
90
50
100
60
0
110
70
10
5
0
TIME (
µs)
PULSE WAVEFORM
15
20
25
30
10
20
30
40
80
90
50
100
60
NON-REPETITIVE PEAK PULSE
POWER VS. PULSE TIME


Similar Part No. - PG05DBTFC_11

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
PG05DBTFC KEC-PG05DBTFC_15 Datasheet
499Kb / 2P
   Protection in Portable Electronics
More results

Similar Description - PG05DBTFC_11

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
PG05DBVSC KEC-PG05DBVSC Datasheet
31Kb / 2P
   TVS Diode for ESD Protection in Portable Electronics
PG05BAUSM KEC-PG05BAUSM_08 Datasheet
90Kb / 2P
   TVS Diode for ESD Protection in Portable Electronics
PG03DBTFC KEC-PG03DBTFC_07 Datasheet
437Kb / 2P
   TVS Diode for ESD Protection in Portable Electronics
PG05DBEL2 KEC-PG05DBEL2 Datasheet
465Kb / 2P
   TVS Diode for ESD Protection in Portable Electronics
PG05DBTFC KEC-PG05DBTFC Datasheet
31Kb / 2P
   TVS Diode for ESD Protection in Portable Electronics
PG05FBESC KEC-PG05FBESC Datasheet
394Kb / 2P
   TVS Diode for ESD Protection in Portable Electronics
PG05TAVSM KEC-PG05TAVSM Datasheet
55Kb / 3P
   TVS Diode for ESD Protection in Portable Electronics
PG03DBVSC KEC-PG03DBVSC_07 Datasheet
437Kb / 2P
   TVS Diode for ESD Protection in Portable Electronics
PG03DBTFC KEC-PG03DBTFC Datasheet
383Kb / 1P
   TVS Diode for ESD Protection in Portable Electronics
PG03DBVSC KEC-PG03DBVSC Datasheet
21Kb / 1P
   TVS Diode for ESD Protection in Portable Electronics
PG05DBVSC KEC-PG05DBVSC_07 Datasheet
510Kb / 2P
   TVS Diode for ESD Protection in Portable Electronics
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com