Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DR-60-12 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # DR-60-12
Description  60W Single Output Industrial DIN Rail Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

DR-60-12 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  DR-60-12 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. DR-60-12 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
DR-60-5
DR-60-12
DR-60-15
DR-60-24
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
HOLDUP TIME (Typ.)
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY (Typ.)
ACCURRENT (Typ.)
INPUT
INRUSHCURRENT (Typ.)
SAFETY STANDARDS
HARMONICCURRENT
EMSIMMUNITY
WORKINGHUMIDITY
WORKINGTEMP.
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
5V
12V
15V
24V
6.5A
4.5A
4A
2.5A
0~6.5A
0~4.5A
0~4A
0~2.5A
32.5W
54W
60W
60W
80mVp-p
120mVp-p
120mVp-p
13.5~16.5V
150mVp-p
21.6~26.4V
2.0%
1.0%
1.0%
1.0%
11.1~13.2V
4.75~5.5V
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
100ms,30ms/230VAC200ms,30ms/115VAC atfullload
100ms/230VAC23ms/115VAC atfullload
88~264VAC124~370VDC
47~63Hz
76%
82%
83%
84%
1.2A/115VAC0.8A/230VAC
COLDSTART 18A/115VAC36A/230VAC
105~160% ratedoutputpower
Protectiontype: Constantcurrentlimiting,recoversautomaticallyafterfaultconditionisremoved
5.75~6.9V
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
13.8~16.2V
17.25~20.25V
27.6~32.4V
-20~+60
(Refertooutputloadderatingcurve)
20~90%RHnon-condensing
-40~+85
,10~95%RH
0.03%/
(0~50
10~500Hz,2G10min./1cycle,periodfor60min. eachalongX, Y,Zaxes;Mounting:CompliancetoIEC60068-2-6
216.2Khrsmin.MIL-HDBK-217F(25
)
78*93*56mm(W*H*D)
0.3Kg;48pcs/15.4Kg/1.02CUFT
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
FileName:DR-60-SPEC2010-10-02
CompliancetoEN55011,EN55022(CISPR22)ClassB
Complianceto EN61000-3-2,-3
CompliancetoEN61000-4-2,3,4,5,6,8,11,ENV50204,EN55024,EN61000-6-2,EN61204-3,heavyindustrylevel,criteria A
60WSingleOutputIndustrialDINRailPowerSupply
D R - 6 0 series
Universal AC input/Full range
Protections: Short circuit / Overload / Over voltage
Cooling by free air convection
Can be installed on DIN rail TS-35/7.5 or 15
UL 508(industrial control equipment)approved
Isolation class
LED indicator for power on
100% full load burn-in test
3 years warranty
Features :
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
ENVIRONMENT
PROTECTION
SAFETY &
EMC
(Note4)
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
EMICONDUCTION&RADIATION
I/P-O/P:3KVAC
I/P-O/P:100MOhms/500VDC /25
/70%RH
UL60950-1, TUVEN60950-1a
EN50178
pproved,Designreferto


Similar Part No. - DR-60-12

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
DR-60-12 ASTRODYNE-DR-60-12 Datasheet
283Kb / 2P
   60W Single Output Industrial DIN Rail Power Supply
logo
Mean Well Enterprises C...
DR-60-12 MEANWELL-DR-60-12 Datasheet
130Kb / 2P
   60W Single Output Industrial DIN Rail Power Supply
DR-60-12 MEANWELL-DR-60-12 Datasheet
331Kb / 2P
   60W Single Output Industrial DIN Rail Power Supply
logo
Total Power Internation...
DR-60-12 TOTAL-POWER-DR-60-12 Datasheet
401Kb / 2P
   60W Single Output Industrial DIN Rail Power Supply
More results

Similar Description - DR-60-12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
MDR-60 MEANWELL-MDR-60 Datasheet
255Kb / 2P
   60W Single Output Industrial DIN Rail Power Supply
DR-60 MEANWELL-DR-60 Datasheet
130Kb / 2P
   60W Single Output Industrial DIN Rail Power Supply
logo
Astrodyne Corporation
DR-60 ASTRODYNE-DR-60 Datasheet
283Kb / 2P
   60W Single Output Industrial DIN Rail Power Supply
logo
Altech corporation
PS-60 ALTECH-PS-60_1 Datasheet
87Kb / 2P
   60W Single Output Industrial DIN Rail Power Supply
logo
Total Power Internation...
MDR-60 TOTAL-POWER-MDR-60 Datasheet
402Kb / 2P
   60W Single Output Industrial DIN Rail Power Supply
logo
Mean Well Enterprises C...
MDR-60 MEANWELL-MDR-60_11 Datasheet
257Kb / 2P
   60W Single Output Industrial DIN Rail Power Supply
DR-60 MEANWELL-DR-60_11 Datasheet
331Kb / 2P
   60W Single Output Industrial DIN Rail Power Supply
logo
Altech corporation
PS-S60 ALTECH-PS-S60 Datasheet
613Kb / 2P
   60W Single Output Industrial DIN Rail Power Supply
logo
Total Power Internation...
DR-60 TOTAL-POWER-DR-60 Datasheet
401Kb / 2P
   60W Single Output Industrial DIN Rail Power Supply
WDR-480 TOTAL-POWER-WDR-480 Datasheet
381Kb / 3P
   480W Single Output Industrial DIN RAIL Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com