Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN11-VSM1BF20 Datasheet(PDF) 4 Page - Bi technologies

Part # EN11-VSM1BF20
Description  11mm Rotary Encoder 2 Bits Gray Code Incremental/Contacting Type Metal Bushing/Shaft Push-on Switch Option RoHS Compliant
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

EN11-VSM1BF20 Datasheet(HTML) 4 Page - Bi technologies

  EN11-VSM1BF20 Datasheet HTML 1Page - Bi technologies EN11-VSM1BF20 Datasheet HTML 2Page - Bi technologies EN11-VSM1BF20 Datasheet HTML 3Page - Bi technologies EN11-VSM1BF20 Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Model EN11
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345
Website: www.bitechnologies.com
February 16, 2011
page 4 of 4
BI technologies
MODEL EN11-VSM
MODEL EN11-VNM
(Side Adjust, with Switch, Threaded Bushing)
(Side Adjust, without Switch, Threaded Bushing)
MODEL EN11-VSB
MODEL EN11-VNB
(Side Adjust, with Switch, Plain Bushing)
(Side Adjust, without Switch, Plain Bushing)


Similar Part No. - EN11-VSM1BF20

ManufacturerPart #DatasheetDescription
logo
Bi technologies
EN11-VSM1BF20 BITECH-EN11-VSM1BF20 Datasheet
584Kb / 4P
   11mm Rotary Encoder 2 Bits Gray Code Incremental/Contacting Type Metal Bushing/Shaft Push-on Switch Option RoHS Compliant
More results

Similar Description - EN11-VSM1BF20

ManufacturerPart #DatasheetDescription
logo
Bi technologies
EN11 BITECH-EN11 Datasheet
584Kb / 4P
   11mm Rotary Encoder 2 Bits Gray Code Incremental/Contacting Type Metal Bushing/Shaft Push-on Switch Option RoHS Compliant
EN12 BITECH-EN12_15 Datasheet
75Kb / 3P
   12mm Rotary Encoder 2 Bits Gray Code Incremental/Contacting Type Metal Bushing/Plastic Shaft Push-on Switch Option RoHS Compliant
EN12 BITECH-EN12 Datasheet
621Kb / 3P
   12mm Rotary Encoder 2 Bits Gray Code Incremental/Contacting Type Metal Bushing/Plastic Shaft Push-on Switch Option RoHS Compliant
EN16 BITECH-EN16 Datasheet
262Kb / 3P
   16mm Rotary Encoder 2 Bits Gray Code Incremental/Contacting Type Metal Bushing/Plastic Shaft RoHS Compliant
logo
List of Unclassifed Man...
P231 ETC2-P231 Datasheet
306Kb / 3P
   24mm Rotary Potentiometer Carbon Element Metal shaft / Bushing RoHS Compliant
logo
Bi technologies
P170N BITECH-P170N Datasheet
441Kb / 6P
   17mm Rotary Potentiometer Metal Shaft / Bushing Conductive Plastic Element 100,000 Cycle Life Switch Option RoHS Compliant
logo
HOKURIKU ELECTRIC INDUS...
ES11MH227S2 HOKURIKU-ES11MH227S2 Datasheet
128Kb / 1P
   Metal Shaft Encoder 11mm Size Type
logo
Bi technologies
P110KV BITECH-P110KV Datasheet
366Kb / 4P
   11mm Rotary Potentiometer Insulated Shaft Conductive Plastic Element With / Without Bushing RoHS Compliant
P09X BITECH-P09X Datasheet
532Kb / 5P
   9mm Rotary Potentiometer Multi - Ganged Conductive Plastic Element 100,000 Cycle Life Metal shaft / Bushing Switch / Push-Lock Option RoHS Compliant
logo
List of Unclassifed Man...
2321S-AQ0600-AQ0120 ETC1-2321S-AQ0600-AQ0120 Datasheet
139Kb / 2P
   Medium Duty Incremental Rotary Shaft Encoder
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com