Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E646ATF Datasheet(PDF) 5 Page - Semtech Corporation

Part # E646ATF
Description  Pin Electronics Driver, Window Comparator, and Switch Matrix
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

E646ATF Datasheet(HTML) 5 Page - Semtech Corporation

  E646ATF Datasheet HTML 1Page - Semtech Corporation E646ATF Datasheet HTML 2Page - Semtech Corporation E646ATF Datasheet HTML 3Page - Semtech Corporation E646ATF Datasheet HTML 4Page - Semtech Corporation E646ATF Datasheet HTML 5Page - Semtech Corporation E646ATF Datasheet HTML 6Page - Semtech Corporation E646ATF Datasheet HTML 7Page - Semtech Corporation E646ATF Datasheet HTML 8Page - Semtech Corporation E646ATF Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
2000 Semtech Corp.
www.semtech.com
EDGE HIGH-PERFORMANCE PRODUCTS
Edge646
Load
The Edge646 provides a total of 3 analog switches.
Individual switches vary in both their on resistance and
their on/off time (see Table 4).
Like the driver digital inputs, the switch matrix control inputs
SW0-3 EN* are technology independent as VBB
determines their threshold level. The switch control is
documented in Table 3.
Table 3. Switch Matrix Truth Table
Table 4. Switch Matrix Characteristics
Do NOT leave any digital input pins floating.
Circuit Description (continued)
Receiver Functionality
The Edge646 supports an on-board window comparator.
CVB and CVA are high impedance analog inputs which
establish the threshold voltages. COMPA and COMPB are
the digital outputs which reflect the real time status of
VINP. Table 2 summarizes the relationship between the
threshold levels, VINP, and the output signals.
Table 2. Comparator Truth Table
Comparator Outputs
The comparator outputs are 50
Ω output impedance non-
tristatable drivers designed to cleanly drive 50
transmission lines without requiring any external series
termination resistors. Input pins LOW LEVEL and HIGH
LEVEL establish the logic 0 and 1 levels respectively. In
normal operation, LOW LEVEL would be connected to
ground and HIGH LEVEL would be connected to a system
VDD supply, producing CMOS digital swings at the output.
However, the comparator outputs are technology
independent in that they can drive PECL, 3V CMOS, ECL,
LV CMOS, GTL, and custom levels by varying LOW LEVEL
and HIGH LEVEL. For example, should a 3V swing be
desired, HIGH LEVEL could be connected to a 3.0V power
supply.
Notice that HIGH LEVEL and LOW LEVEL provide both the
voltage level and the current for the comparator outputs.
HIGH LEVEL and LOW LEVEL may be varied between +5V
and -2V.
P
N
I
VA
P
M
O
CB
P
M
O
C
A
V
C
<
P
N
I
V
A
V
C
>
P
N
I
V
1
0
X
X
B
V
C
<
P
N
I
V
B
V
C
>
P
N
I
V
X
X
0
1
s
t
u
p
n
I
l
o
r
t
n
o
Cs
u
t
a
t
S
1
=
*
N
E
0
W
S
0
=
*
N
E
0
W
S
d
e
t
c
e
n
n
o
c
s
i
d
0
W
S
d
e
t
c
e
n
n
o
c
0
W
S
1
=
*
N
E
1
W
S
0
=
*
N
E
1
W
S
d
e
t
c
e
n
n
o
c
s
i
d
1
W
S
d
e
t
c
e
n
n
o
c
1
W
S
1
=
*
N
E
2
W
S
0
=
*
N
E
2
W
S
d
e
t
c
e
n
n
o
c
s
i
d
2
W
S
d
e
t
c
e
n
n
o
c
2
W
S
h
c
t
i
w
St
u
o
Re
m
i
T
f
f
O
/
n
O
0
W
S0
5
s
n
0
0
1
1
W
S0
5
s
n
0
0
1
2
W
S0
5
s
n
0
0
1


Similar Part No. - E646ATF

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
E646ATF SEMTECH-E646ATF Datasheet
140Kb / 14P
   Pin Electronics Driver, Window Comparator, and Switch Matrix
More results

Similar Description - E646ATF

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
EDGE647 SEMTECH-EDGE647 Datasheet
96Kb / 13P
   Pin Electronics Driver, Window Comparator, and Switch Matrix
E647ATF SEMTECH-E647ATF Datasheet
137Kb / 13P
   Pin Electronics Driver, Window Comparator, and Switch Matrix
EDGE646 SEMTECH-EDGE646 Datasheet
140Kb / 14P
   Pin Electronics Driver, Window Comparator, and Switch Matrix
E7804 SEMTECH-E7804 Datasheet
692Kb / 41P
   133 MHZ Quad Pin Electronics Driver and Window Comparator
E818AHF SEMTECH-E818AHF Datasheet
87Kb / 12P
   Octal 18V Pin Electronics Driver/window Comparator
logo
Intersil Corporation
ISL55100A INTERSIL-ISL55100A Datasheet
497Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
ISL55100AIRZ INTERSIL-ISL55100AIRZ Datasheet
583Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
December 4, 2014
ISL55100BIRZ INTERSIL-ISL55100BIRZ Datasheet
535Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
December 4, 2014
logo
Renesas Technology Corp
ISL55100A RENESAS-ISL55100A Datasheet
886Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
ISL55100B RENESAS-ISL55100B Datasheet
853Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com