Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E646ATF Datasheet(PDF) 1 Page - Semtech Corporation

Part # E646ATF
Description  Pin Electronics Driver, Window Comparator, and Switch Matrix
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

E646ATF Datasheet(HTML) 1 Page - Semtech Corporation

  E646ATF Datasheet HTML 1Page - Semtech Corporation E646ATF Datasheet HTML 2Page - Semtech Corporation E646ATF Datasheet HTML 3Page - Semtech Corporation E646ATF Datasheet HTML 4Page - Semtech Corporation E646ATF Datasheet HTML 5Page - Semtech Corporation E646ATF Datasheet HTML 6Page - Semtech Corporation E646ATF Datasheet HTML 7Page - Semtech Corporation E646ATF Datasheet HTML 8Page - Semtech Corporation E646ATF Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
EDGE HIGH-PERFORMANCE PRODUCTS
1
www.semtech.com
Edge646
Pin Electronics Driver, Window
Comparator, and Switch Matrix
Description
Features
Functional Block Diagram
Applications
Revision 2 /October 27, 2000
The Edge646 is an integrated trinary driver, window
comparator, and switch matrix pin electronics solution
manufactured in a wide voltage CMOS process.
It is
designed
for
automatic
test
equipment
and
instrumentation where cost, functional density, and power
are all at a premium.
The tristatable driver is capable of generating 3 levels -
one for a logic high, one for a logic low, and one for either
a termination voltage or a special programming voltage.
The on-board window comparator effectively determines
whether the DUT is in a high, low, or intermediate state.
The switches are included to allow such functions as PMU,
pull up, and pull down connections.
The Edge646 is intended to offer an extremely low leakage,
low cost, low power, small footprint, per pin solution for
100 MHz and below pin electronics applications.
COMPA
HIGH LEVEL
LOW LEVEL
COMPB
LOAD
CVA
VINP
CVB
SW0
SW0 EN*
SW1
SW1 EN*
SW2
SW2 EN*
VBB
VH
VL
DOUT
VTT
DATA
DATA*
DVR EN
DVR EN*
VTT EN
VTT EN*
100 MHz Operation
12V I/O Range
Programmable Output Levels
Flex In digital Inputs (Technology Independent)
Three Level Driver
Extremely Low Leakage Currents (~0 nA)
Small Footprint (32 Pin, 7 mm X 7 mm,
TQFP Package)
Low Cost Automatic Test Equipment


Similar Part No. - E646ATF

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
E646ATF SEMTECH-E646ATF Datasheet
140Kb / 14P
   Pin Electronics Driver, Window Comparator, and Switch Matrix
More results

Similar Description - E646ATF

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
EDGE647 SEMTECH-EDGE647 Datasheet
96Kb / 13P
   Pin Electronics Driver, Window Comparator, and Switch Matrix
E647ATF SEMTECH-E647ATF Datasheet
137Kb / 13P
   Pin Electronics Driver, Window Comparator, and Switch Matrix
EDGE646 SEMTECH-EDGE646 Datasheet
140Kb / 14P
   Pin Electronics Driver, Window Comparator, and Switch Matrix
E7804 SEMTECH-E7804 Datasheet
692Kb / 41P
   133 MHZ Quad Pin Electronics Driver and Window Comparator
E818AHF SEMTECH-E818AHF Datasheet
87Kb / 12P
   Octal 18V Pin Electronics Driver/window Comparator
logo
Intersil Corporation
ISL55100A INTERSIL-ISL55100A Datasheet
497Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
ISL55100AIRZ INTERSIL-ISL55100AIRZ Datasheet
583Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
December 4, 2014
ISL55100BIRZ INTERSIL-ISL55100BIRZ Datasheet
535Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
December 4, 2014
logo
Renesas Technology Corp
ISL55100A RENESAS-ISL55100A Datasheet
886Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
ISL55100B RENESAS-ISL55100B Datasheet
853Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com