Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E646ATF Datasheet(PDF) 4 Page - Semtech Corporation

Part # E646ATF
Description  Pin Electronics Driver, Window Comparator, and Switch Matrix
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

E646ATF Datasheet(HTML) 4 Page - Semtech Corporation

  E646ATF Datasheet HTML 1Page - Semtech Corporation E646ATF Datasheet HTML 2Page - Semtech Corporation E646ATF Datasheet HTML 3Page - Semtech Corporation E646ATF Datasheet HTML 4Page - Semtech Corporation E646ATF Datasheet HTML 5Page - Semtech Corporation E646ATF Datasheet HTML 6Page - Semtech Corporation E646ATF Datasheet HTML 7Page - Semtech Corporation E646ATF Datasheet HTML 8Page - Semtech Corporation E646ATF Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
2000 Semtech Corp.
www.semtech.com
EDGE HIGH-PERFORMANCE PRODUCTS
Edge646
output which series terminates the transmission line to
the DUT. In this environment, the driver can withstand a
short to any legal DUT voltage for an indefinite period.
In a low impedance application with no additional output
series resistance, care must be exercised and systems
should be designed to check for this condition and tristate
the driver if a short is detected.
The driver does NOT have on-chip short circuit protection
or limitation circuitry.
VBB
VBB is an analog input which establishes the threshold
for all single ended digital input signals.
If SW0 EN*,
SW1 EN*, or SW2 EN* are more positive than VBB, these
inputs are a digital “1".
Conversely, if they are more
negative than VBB, they are a “0".
All digital inputs are wide voltage comparator inputs, so
they are technology independent.
By establishing the
appropriate VBB level for the switch control inputs, and
the appropriate differential input levels for the driver digital
control inputs, the Edge646 may be driven by TTL, ECL,
CMOS, or any custom level circuitry.
Figure 1. Driver Digital Inputs
Figure 2. Driver Differential Digital Inputs
Circuit Description
Driver Description
The Edge646 driver supports three distinct programmable
driver levels; high, low, termination, and high impedance.
There are no restrictions between any of these three levels
in that all three may vary independently over the entire
operating voltage range between VCC and VEE.
The DVR EN*, DATA, and VTT EN pins are digital inputs
that control the driver (see Table 1). With DVR EN* low,
DATA determines whether the driver will force VH or VL at
DOUT. With DVR EN* high, VTT EN* controls whether the
driver goes into high impedance or drives VTT..
Table 1. Driver Truth Table
VH, VL, and VTT
VH, VL, and VTT define the logical “1”, “0”, and
“termination” levels of the driver and can be adjusted
anywhere over the range spanned by VCC to VEE. There
is no restriction between VH, VL, and VTT, in that they can
all vary independently over the entire voltage range
determined by the power supply levels.
The VH, VL, and VTT inputs are unbuffered in that they
also provide the driver output current, so the sources of
these voltages must have ample current drive capability.
While VTT is referred to as the termination voltage, it may
also be used as a very high “programming” level on many
memory devices.
Driver Output Protection
The Edge646 is designed to operate in a functional testing
environment where a controlled impedance (typically 50
Ω) is maintained between the pin electronics and the DUT.
In general, there will be an external resistor at the driver
*
N
E
R
V
DN
E
T
T
VA
T
A
DT
U
O
D
10
X
Z
i
H
11
X
T
T
V
0X0
L
V
0X1
H
V
SW0 EN*
SW1 EN*
SW2 EN*
VBB
DATA
DATA*
DVR EN*
DVR EN
VTT EN
VTT EN*


Similar Part No. - E646ATF

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
E646ATF SEMTECH-E646ATF Datasheet
140Kb / 14P
   Pin Electronics Driver, Window Comparator, and Switch Matrix
More results

Similar Description - E646ATF

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
EDGE647 SEMTECH-EDGE647 Datasheet
96Kb / 13P
   Pin Electronics Driver, Window Comparator, and Switch Matrix
E647ATF SEMTECH-E647ATF Datasheet
137Kb / 13P
   Pin Electronics Driver, Window Comparator, and Switch Matrix
EDGE646 SEMTECH-EDGE646 Datasheet
140Kb / 14P
   Pin Electronics Driver, Window Comparator, and Switch Matrix
E7804 SEMTECH-E7804 Datasheet
692Kb / 41P
   133 MHZ Quad Pin Electronics Driver and Window Comparator
E818AHF SEMTECH-E818AHF Datasheet
87Kb / 12P
   Octal 18V Pin Electronics Driver/window Comparator
logo
Intersil Corporation
ISL55100A INTERSIL-ISL55100A Datasheet
497Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
ISL55100AIRZ INTERSIL-ISL55100AIRZ Datasheet
583Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
December 4, 2014
ISL55100BIRZ INTERSIL-ISL55100BIRZ Datasheet
535Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
December 4, 2014
logo
Renesas Technology Corp
ISL55100A RENESAS-ISL55100A Datasheet
886Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
ISL55100B RENESAS-ISL55100B Datasheet
853Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com