Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVM142AHF Datasheet(PDF) 10 Page - Semtech Corporation

Part # EVM142AHF
Description  Per Pin timing Deskew w 4x2 Cross Point Switch
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

EVM142AHF Datasheet(HTML) 10 Page - Semtech Corporation

Back Button EVM142AHF Datasheet HTML 6Page - Semtech Corporation EVM142AHF Datasheet HTML 7Page - Semtech Corporation EVM142AHF Datasheet HTML 8Page - Semtech Corporation EVM142AHF Datasheet HTML 9Page - Semtech Corporation EVM142AHF Datasheet HTML 10Page - Semtech Corporation EVM142AHF Datasheet HTML 11Page - Semtech Corporation EVM142AHF Datasheet HTML 12Page - Semtech Corporation EVM142AHF Datasheet HTML 13Page - Semtech Corporation EVM142AHF Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10
 2000 Semtech Corp.
www.semtech.com
EDGE HIGH-PERFORMANCE PRODUCTS
Edge142
Application Information (continued)
PIN Descriptions
Driver Fan Out
The Edge142 is also designed to support the fanning
out and deskewing of driver data, driver enable, and load
enable signals to multiple test heads.
By controlling
the multiplexer and output enable signals, the signals
may be routed to either test head.
By using the Edge142 for timing calibration, the timing
generator can generate “pure” timing signals, regardless
of the timing errors associated with driving one test head
vs. another. Removing the need for the timing generator
to perform the deskew function, the restriction on
consecutive edges may be improved.
Device Under
Test
Channel N
Edge 142 Functions
• Test Head to Test Head Deskew
– TG restrictions on edge
regeneration improved
• Driver Data vs. Enable Deskew
• Rising vs. Falling Edge Deskew
• Test Head Multiplexing
• Cable Driver
Performance Benefits
• Point to Point Routing on all
transmission lines
TEST HEAD 1
Device Under
Test
Channel N
TEST HEAD 2
Mux Out 1
Out 1
Out 2
Mux Out 0
Data
Dvr Enable
Timing
Generator
Edge142


Similar Part No. - EVM142AHF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVM1 PANASONIC-EVM1 Datasheet
164Kb / 3P
   4mm Square SMT Trimmer Potentiometers
logo
Semtech Corporation
EVM118AHF SEMTECH-EVM118AHF Datasheet
79Kb / 11P
   Low Skew Clock Spreader
logo
Panasonic Semiconductor
EVM1D PANASONIC-EVM1D Datasheet
164Kb / 3P
   4mm Square SMT Trimmer Potentiometers
EVM1E PANASONIC-EVM1E Datasheet
164Kb / 3P
   4mm Square SMT Trimmer Potentiometers
EVM1U PANASONIC-EVM1U Datasheet
164Kb / 3P
   4mm Square SMT Trimmer Potentiometers
More results

Similar Description - EVM142AHF

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5172L MITSUBISHI-M5172L Datasheet
352Kb / 2P
   ZERO-CROSS POINT SWITCH
logo
Panasonic Semiconductor
AN6448NFBP PANASONIC-AN6448NFBP Datasheet
156Kb / 11P
   Speech Network IC Incorporating Cross-Point Switch
logo
New Japan Radio
NJU7370 NJRC-NJU7370 Datasheet
297Kb / 10P
   8 X 32 ANALOG CROSS POINT SWITCH
logo
Semtech Corporation
EDGE629 SEMTECH-EDGE629 Datasheet
114Kb / 16P
   1 GHz Timing Deskew and Quad Fanout Element
logo
DAICO Industries, Inc.
DSWX5034 DAICO-DSWX5034 Datasheet
40Kb / 1P
   (4x2) GaAs Switch Matrix
logo
Panasonic Semiconductor
AN6472NFBP PANASONIC-AN6472NFBP Datasheet
216Kb / 19P
   Cordless Telephone Speech Network IC Incorporating Cross-Point Switch
logo
ON Semiconductor
FSA8049 ONSEMI-FSA8049 Datasheet
774Kb / 10P
   Audio Jack Detection and Configuration, MIC / GND Cross Point Switch
August 2012 Rev. 1.0.2
logo
Fairchild Semiconductor
FSA8049UCX FAIRCHILD-FSA8049UCX Datasheet
1Mb / 5P
   Audio Jack Detection and Configuration, MIC / GND Cross Point Switch
logo
Rohm
BU8241F ROHM-BU8241F Datasheet
215Kb / 11P
   Cross point mixer for telephones
logo
Renesas Technology Corp
8V54816A RENESAS-8V54816A Datasheet
1Mb / 27P
   16-Port, Bi-directional M-LVDS Clock Cross-Point Switch
October 27, 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com