Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PG12GBTS6 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # PG12GBTS6
Description  TVS Diode Array for ESD Protection in Portable Electronics
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

PG12GBTS6 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  PG12GBTS6 Datasheet HTML 1Page - KEC(Korea Electronics) PG12GBTS6 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2003. 7. 10
1/2
SEMICONDUCTOR
TECHNICAL DATA
PG12GBTS6
TVS Diode Array for ESD
Protection in Portable Electronics
Revision No : 0
Protection in Portable Electronics Applications.
FEATURES
350 Watts peak pulse power (tp=8/20 s)
Transient protection for data lines to
IEC 61000-4-2(ESD) 15kV(Air), 8kV(Contact)
IEC 61000-4-4(EFT) 40A(tp=5/50ns)
IEC 61000-4-5(Lightning) 15A(tp=8/20 s)
Unidirectional protection of four I/O lines.
Low clamping voltage.
Low operating and leakage current.
Small package for use in portable electronics.
APPLICATIONS
Cell phone handsets and accessories.
Cordless Phones.
Personal digital assistants (PDA’s)
Notebooks, desktops PC & servers.
Portable instrumentation.
Set-Top Bosx, DVD Player.
Digital Camera.
MAXIMUM RATING (Ta=25 )
DIM
MILLIMETERS
A
B
D
E
TS6
2.9 0.2
1.6+0.2/-0.1
0.70 0.05
0.4 0.1
2.8+0.2/-0.3
1.9 0.2
0.95
0.16 0.05
0.00-0.10
0.25+0.25/-0.15
C
F
G
H
I
J
K
0.60
L
0.55
K
K
B
E
H
J
J
2
3
5
16
4
+
_
+
_
+
_
+
_
+
_
1. (TVS) D1
2. COMMON ANODE
3. (TVS) D2
4. (TVS) D3
5. COMMON ANODE
6. (TVS) D4
ELECTRICAL CHARACTERISTICS (Ta=25 )
CHARACTERISTIC
SYMBOL
RATING
UNIT
Peak Pulse Power (tp=8/20 s)
PPK
350
W
Peak Pulse Current (tp=8/20 s)
IPP
15
A
Operating Temperature
Tj
-55 150
Storage Temperature
Tstg
-55 150
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Reverse Stand-Off Voltage
VRWM
-
-
-
12
V
Reverse Breakdown Voltage
VBR
It=1mA
13.3
-
-
V
Reverse Leakage Current
IR
VRWM=12V
-
-
1
A
Clamping Voltage
VC
IPP=5A, tp=8/20 s
-
-
19
V
IPP=15A, tp=8/20 s
-
-
23
Junction Capacitance
CJ
VR=0V, f=1MHz
Between I/O Pins and GND
-
135
150
pF
Marking
2G
12
3
4
65
12
3
4
5
6
D4
D3
D1
D2
Lot No.


Similar Part No. - PG12GBTS6

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
PG12GAS23 KEC-PG12GAS23 Datasheet
398Kb / 2P
   TVS Diode Array for ESD Protection in Portable Electronics
PG12GAS23 KEC-PG12GAS23 Datasheet
36Kb / 2P
   TVS Diode Array for ESD Protection in Portable Electronics
PG12GAS23 KEC-PG12GAS23_09 Datasheet
36Kb / 2P
   TVS Diode Array for ESD Protection in Portable Electronics
PG12GAS23 KEC-PG12GAS23_15 Datasheet
502Kb / 2P
   TVS Diode Array for ESD Protection in Portable Electronics
PG12GCS23 KEC-PG12GCS23 Datasheet
409Kb / 2P
   TVS Diode Array for ESD Protection in Portable Electronics
More results

Similar Description - PG12GBTS6

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
PG05GBUSV KEC-PG05GBUSV Datasheet
37Kb / 2P
   TVS Diode Array for ESD Protection in Portable Electronics
PG05GXTE6 KEC-PG05GXTE6 Datasheet
57Kb / 2P
   TVS Diode Array for ESD Protection in Portable Electronics
PG05GXUS6 KEC-PG05GXUS6 Datasheet
35Kb / 2P
   TVS Diode Array for ESD Protection in Portable Electronics
PG03DXTEV KEC-PG03DXTEV_08 Datasheet
68Kb / 2P
   TVS Diode Array for ESD Protection in Portable Electronics
PG03GXUS6 KEC-PG03GXUS6 Datasheet
35Kb / 2P
   TVS Diode Array for ESD Protection in Portable Electronics
PG05TXUS6 KEC-PG05TXUS6 Datasheet
55Kb / 2P
   TVS Diode Array for ESD Protection in Portable Electronics
PG05TADF10 KEC-PG05TADF10 Datasheet
60Kb / 3P
   TVS Diode Array for ESD Protection in Portable Electronics
PG12FXTE6 KEC-PG12FXTE6 Datasheet
35Kb / 2P
   TVS Diode Array for ESD Protection in Portable Electronics
PG12GAS23 KEC-PG12GAS23_09 Datasheet
36Kb / 2P
   TVS Diode Array for ESD Protection in Portable Electronics
PG12GXTS6 KEC-PG12GXTS6 Datasheet
399Kb / 2P
   TVS Diode Array for ESD Protection in Portable Electronics
PG24FBTS6 KEC-PG24FBTS6 Datasheet
399Kb / 2P
   TVS Diode Array for ESD Protection in Portable Electronics
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com