Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRT-960-48 Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part # DRT-960-48
Description  960W Three Phase Industrial DIN RAIL Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

DRT-960-48 Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  DRT-960-48 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. DRT-960-48 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. DRT-960-48 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TB2 TerminalPinNo. Assignment
PinNo.
1,2,3
4,5,6
7
8
Assignment
DCOUTPUT +V
DCOUTPUT -V
GND
P(CurrentShare)
TB1 TerminalPinNo. Assignment
Note:Underparalleloperation,iftheloadcurrentistoosmall,onlyonePSU(master)wouldprovidethepowerandhencetheLED
indicatorofotherPSUsmaynotlightup.
PinNo.
1
3
4
2
Assignment
FG
AC/L2
AC/L3
AC/L1
5 4
1
3
TB1
TB1
PSU
PSU
4
2
1
2
6
3
8 7
7
8
3
6
2 1
2
4 3
1
4
5
LOAD
+V
-V
TB2
LED
LED
TB2
ParallelFunction(1+1)-Optional(Specialorderrequired)
960W ThreePhaseIndustrialDINRAIL PowerSupply
D R T- 9 6 0 series
FileName:DRT-960-SPEC2009-08-24


Similar Part No. - DRT-960-48

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
DRT-960-48 ASTRODYNE-DRT-960-48 Datasheet
377Kb / 3P
   960W Three Phase Industrial DIN RAIL Power Supply
logo
Mean Well Enterprises C...
DRT-960-48 MEANWELL-DRT-960-48 Datasheet
291Kb / 3P
   960W Three Phase Industrial DIN RAIL Power Supply
logo
MicroPower Direct, LLC
DRT-960-48 MPD-DRT-960-48 Datasheet
115Kb / 2P
   Low Cost, Three-Phase 960W, DIN Rail Mount AC/DC Power Supplies
logo
Mean Well Enterprises C...
DRT-960-48 MEANWELL-DRT-960-48 Datasheet
300Kb / 3P
   960W Three Phase Industrial DIN RAIL Power Supply
logo
Total Power Internation...
DRT-960-48 TOTAL-POWER-DRT-960-48 Datasheet
380Kb / 3P
   960W Three Phase Industrial DIN RAIL Power Supply
More results

Similar Description - DRT-960-48

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
DRT-960 TOTAL-POWER-DRT-960 Datasheet
380Kb / 3P
   960W Three Phase Industrial DIN RAIL Power Supply
logo
Astrodyne Corporation
DRT-960 ASTRODYNE-DRT-960 Datasheet
377Kb / 3P
   960W Three Phase Industrial DIN RAIL Power Supply
logo
Mean Well Enterprises C...
DRT-960 MEANWELL-DRT-960_11 Datasheet
300Kb / 3P
   960W Three Phase Industrial DIN RAIL Power Supply
DRT-960 MEANWELL-DRT-960 Datasheet
291Kb / 3P
   960W Three Phase Industrial DIN RAIL Power Supply
logo
Altech corporation
PST-960 ALTECH-PST-960_1 Datasheet
134Kb / 2P
   960W Three Phase Industrial DIN Rail Power Supply
logo
Mean Well Enterprises C...
TDR-960 MEANWELL-TDR-960 Datasheet
302Kb / 3P
   960W Three Phase Industrial DIN RAIL with PFC Function
logo
Total Power Internation...
TDR-960 TOTAL-POWER-TDR-960 Datasheet
263Kb / 3P
   960W Three Phase Industrial DIN RAIL with PFC Function
logo
CUI INC
VDRT-960-48 CUI-VDRT-960-48 Datasheet
317Kb / 2P
   Three Phase Industrial DIN Rail Power Supply
VDRT-960-24 CUI-VDRT-960-24 Datasheet
317Kb / 2P
   Three Phase Industrial DIN Rail Power Supply
logo
Total Power Internation...
DRT-240 TOTAL-POWER-DRT-240 Datasheet
392Kb / 2P
   240W Three Phase Industrial DIN RAIL Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com