Electronic Components Datasheet Search |
|
EVM646ATF Datasheet(PDF) 8 Page - Semtech Corporation |
|
EVM646ATF Datasheet(HTML) 8 Page - Semtech Corporation |
8 / 13 page 8 2000 Semtech Corp. www.semtech.com EDGE HIGH-PERFORMANCE PRODUCTS Edge646 Package Information (continued) 3 DETAIL "A" e / 2 b 0 MIN. 0.08 / 0.20 R. GAUGE PLANE 0.25 0 – 7 L C.08 R. MIN. 0.20 MIN. 1.00 REF. DATUM PLANE – H – A1 0.05 A2 – S DETAIL "B" 9 ;;; ;;; SS D C ddd M A – B WITH LEAD FINISH Lead Cross Section 0.09 / 0.20 0.09 / 0.16 b b 1 BASE METAL 2 8 PLACES 11 / 13 A 0.10 / / C M SEE DETAIL "B" 0.05 ccc – H – – C – SECTION C–C JEDEC VARIATION All Dimensions in Millimeters AC Min. Nom. Max. Note A 1.60 A1 0.05 0.10 0.15 A2 1.35 1.40 1.45 D 9.00 BSC. 4 D1 7.00 BSC. 7,8 E 9.00 BSC. 4 E1 7.00 BSC. 7,8 L 0.45 0.60 0.75 M 0.15 N32 e 0.80 BSC. b 0.30 0.37 0.45 9 b1 0.30 0.35 0.40 ccc 0.10 ddd 0.20 Notes: 1. All dimensions and tolerances conform to ANSI Y14.5-1982. 2. Datum plane -H- located at mold parting line and coincident with lead, where lead exits plastic body at bottom of parting line. 3. Datums A-B and -D- to be determined at centerline between leads where leads exit plastic body at datum plane -H-. 4. To be determined at seating plane -C-. 5. Dimensions D1 and E1 do not include mold protrusion. 6. “N” is the total # of terminals. 7. These dimensions to be determined at the datum plane -H-. 8. Package top dimensions are smaller than bottom dimensions and top of package will not overhang bottom of package. 9. Dimension b does not include dambar protrusion. Allowable dambar protrusion shall be 0.08 mm total in excess of the b dimension at maximum material condition. Dambar cannot be located on the lower radius or the foot. 10. Controlling dimension: millimeter. 11. Maximum allowable die thickness to be assembled in this package family is 0.30 millimeters. 12. This outline conforms to JEDEC publication 95, registration MO-136, variations AC, AE, and AF. |
Similar Part No. - EVM646ATF |
|
Similar Description - EVM646ATF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |