Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DR-UPS40 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # DR-UPS40
Description  40A DC UPS Module
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

DR-UPS40 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  DR-UPS40_10 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. DR-UPS40_10 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. DR-UPS40_10 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FileName:DR-UPS40-SPEC2010-10-18
CaseNo.923DUnit:mm
MechanicalSpecification
TerminalPinNo. Assignment(TB1)
TerminalPinNo. Assignment(TB2)
PinNo.
PinNo.
1
1
2
2
3
4
5
6
3
4
Assignment
Assignment
DCINPUT +
DCINPUT -
BATTERY INPUT -
BATTERY INPUT +
DCOK1
DCOK2
BAT FAIL 1
BAT FAIL 2
BAT DISC1
BAT DISC2
ADMISSIBLEDIN-RAIL:TS35/7.5OR TS35/15
BlockDiagram
LOAD
POWER
SUPPLY
DETECTION
CIRCUIT
TEST
BAT.
CIRCUIT
CHARGE
LIMIT
+
24V
25Ax2
BATTERY
DC
OK
BAT
FAIL
BAT
DISCHARGE
INPUT
+
AMBIENTTEMPERATURE(
)
-20
0
10
20
30
45
50
60
70
20
40
60
80
100
(VERTICAL)
DeratingCurve
D R - U P S 4 0
125.2
TB1
1
2
3
4
1
6
2
3
4
5
TB2
LED
40A DCUPSModule


Similar Part No. - DR-UPS40_10

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
DR-UPS40 MEANWELL-DR-UPS40_11 Datasheet
310Kb / 3P
   40A DC UPS Module
More results

Similar Description - DR-UPS40_10

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
DR-UPS40 TOTAL-POWER-DR-UPS40 Datasheet
414Kb / 3P
   40A DC UPS Module
logo
Mean Well Enterprises C...
DR-UPS40 MEANWELL-DR-UPS40_11 Datasheet
310Kb / 3P
   40A DC UPS Module
DR-UPS40 MEANWELL-DR-UPS40 Datasheet
307Kb / 3P
   40A DC UPS Module
logo
Powerbox
DRU-24V40ABN POWERBOX-DRU-24V40ABN Datasheet
388Kb / 2P
   DC-UPS MODULE DIN RAIL 24V 40A
logo
Mean Well Enterprises C...
DUPS40 MEANWELL-DUPS40 Datasheet
203Kb / 5P
   24V/40A DIN Rail Type Uninterruptible DC-UPS Module
logo
Linear Technology
LTM4636 LINER-LTM4636 Datasheet
1Mb / 36P
   40A DC/DC 關Module Regulator
logo
PULS GmbH
UBC10.241 PULS-UBC10.241 Datasheet
1Mb / 23P
   DC-UPS
UB10.242 PULS-UB10.242 Datasheet
721Kb / 21P
   DC-UPS
UB20.241 PULS-UB20.241 Datasheet
887Kb / 31P
   DC-UPS
logo
Mean Well Enterprises C...
DUPS20 MEANWELL-DUPS20 Datasheet
195Kb / 5P
   24V/20A DIN Rail Type Uninterruptible DC-UPS Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com