Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK5-1A66D-500W Datasheet(PDF) 2 Page - Meder Electronic

Part # MK5-1A66D-500W
Description  Reed Sensors with Screw Fastening Slot
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

MK5-1A66D-500W Datasheet(HTML) 2 Page - Meder Electronic

  MK5-1A66D-500W Datasheet HTML 1Page - Meder Electronic MK5-1A66D-500W Datasheet HTML 2Page - Meder Electronic MK5-1A66D-500W Datasheet HTML 3Page - Meder Electronic MK5-1A66D-500W Datasheet HTML 4Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
223
MEDER electronic
www.meder.com
MAGNETIC SENSITIVITY
TERMINATION
Part Number Example
MK5 - 1A66 C - 500 W
1A is the contact form
66 is the switch model
C is the magnetic sensitivity
500 is the cable length (mm)
W is the termination
ORDER INFORMATION
For wire and termination details please consult factory.
Form C version requires 3 conductors.
MK05 Series
Series
Contact
form
Switch-
model
Magnetic
Sensitivity
Cable
Length
(mm)
Termina-
tion
MK4 -
XX
XX
X -
XXX
X
Options
1 Form A
66
B, C, D, E
500*
W
85
C, D, E
1 Form B
1 Form C
90
* Other cable length available.
Sensitivity
Class
Pull In
AT Range
B
10 - 15
C
15 - 20
D
20 - 25
E
25 - 30
W
The cable cut length includes:
5 mm of wire stripped and tinned
Reed Sensors
with Screw Fastening Slot


Similar Part No. - MK5-1A66D-500W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MK50240 ETC-MK50240 Datasheet
292Kb / 5P
   TOP OCTAVE FREQUENCY GENERATOR
MK50241 ETC-MK50241 Datasheet
292Kb / 5P
   TOP OCTAVE FREQUENCY GENERATOR
MK50242 ETC-MK50242 Datasheet
292Kb / 5P
   TOP OCTAVE FREQUENCY GENERATOR
logo
STMicroelectronics
MK5025 STMICROELECTRONICS-MK5025 Datasheet
2Mb / 40P
   CCITT X.25 LINK LEVEL CONTROLLER
MK5025P STMICROELECTRONICS-MK5025P Datasheet
2Mb / 40P
   CCITT X.25 LINK LEVEL CONTROLLER
More results

Similar Description - MK5-1A66D-500W

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
MK04-1A66B-500W MEDER-MK04-1A66B-500W_10 Datasheet
225Kb / 4P
   Reed Sensors for Screw Fastening
MK12-1A66C-500W MEDER-MK12-1A66C-500W_10 Datasheet
197Kb / 4P
   Reed Sensors with Screw Fastening Mounting Holes
MK12-1A66C-500W MEDER-MK12-1A66C-500W Datasheet
559Kb / 1P
   Reed Sensors with Screw Fastening Mounting Holes
MK13-1A66C-500W MEDER-MK13-1A66C-500W_10 Datasheet
215Kb / 4P
   Reed Sensors with Screw Fastening Mounting Holes
MK13-1A66C-500W MEDER-MK13-1A66C-500W Datasheet
585Kb / 1P
   Reed Sensors with Screw Fastening Mounting Holes
MK13-1A66B500W MEDER-MK13-1A66B500W Datasheet
215Kb / 5P
   Reed Sensors with Screw Fastening Mounting Holes
MK21M-1A66C-500W MEDER-MK21M-1A66C-500W Datasheet
526Kb / 3P
   Reed Sensors with Mounting Holes for Screw Fastening
MK21M1A66B-500W MEDER-MK21M1A66B-500W Datasheet
181Kb / 5P
   Reed Sensors with Mounting Holes for Screw Fastening
MK21-1A66C-500W MEDER-MK21-1A66C-500W Datasheet
391Kb / 3P
   Reed Sensors with Mounting Holes for Screw Fastening
MK11-1A66C-500W MEDER-MK11-1A66C-500W Datasheet
584Kb / 1P
   Reed Sensor with Screw Thread Enclosure
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com