Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK06-6-B Datasheet(PDF) 4 Page - Meder Electronic

Part # MK06-6-B
Description  Reed Sensors for PCB Mounting
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

MK06-6-B Datasheet(HTML) 4 Page - Meder Electronic

  MK06-6-B Datasheet HTML 1Page - Meder Electronic MK06-6-B Datasheet HTML 2Page - Meder Electronic MK06-6-B Datasheet HTML 3Page - Meder Electronic MK06-6-B Datasheet HTML 4Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
229
MEDER electronic
www.meder.com
CONTACT DATA
MK06 Series
All Data at 20° C
Switch Model →
Contact Form →
Packing Style →
Switch 87
Form A
5
Switch 90
Form C
8
Contact Ratings
Conditions
Min.
Typ. Max. Min.
Typ. Max. Units
Switching Power
Any DC combination of V & A not
to exceed their individual max.‘s
10
20
W
Switching Voltage
DC or peak AC
200
175
V
Switching Current
DC or peak AC
0.5
0.5
A
Carry Current
DC or peak AC
0.5
1.0
A
Static Contact Resistance
w/ 0.5 V & 10mA
200
150
Dynamic Contact Resistance
Measured w/ 0.5 V & 50mA ,
1.5 ms after closure
200
250
Insulation Resistance across
Contacts
100 volts applied
109
109
Ω
Breakdown Voltage across
Contact
Voltage applied for 60 sec. min.
100
200
VDC
Operate Time incl. Bounce
Measured w/ 100 % overdrive
0.6
0.7
ms
Release Time
Measured w/ no coil suppression
0.1
1.5
ms
Capacitance
at 10 kHz cross contact
0.2
1.0
pF
Contact Operation **
Must Operate Condition
Steady state field
10
30
15
40
AT
Must Release Condition
Steady state field
4
27
AT
Environmental Data
Shock Resistance
1/2 sinus wave duration 11 ms
50
50
g
Vibration Resistance
From 10 - 2000 Hz
20
20
g
Ambient Temperature
10°C/ minute max. allowable
-20
85
-20
85
o
C
Stock Temperature
10°C/ minute max. allowable
-35
85
-35
85
o
C
Soldering Temperature
5 sec.
260
260
o
C
Please note: The indicated electrical data are maximum values and can vary downwards when using a more sensitive switch.
* Insulation resistance of 1012 and breakdown voltage of 480 VDC is available.
** These ranges refer to the uncut / unmodified Reed Switches described in our Reed Switch section. Consult factory if more
detail is required.
Reed Sensors for
PCB Mounting


Similar Part No. - MK06-6-B

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
MK06-6-B MEDER-MK06-6-B Datasheet
65Kb / 1P
   MK Reed Sensors
MK06-6-BV-E MEDER-MK06-6-BV-E Datasheet
71Kb / 1P
   MK Reed Sensors
MK06-6-BV-E MEDER-MK06-6-BV-E Datasheet
69Kb / 1P
   MK Reed Sensor
MK06-6-BV-E MEDER-MK06-6-BV-E_10 Datasheet
69Kb / 1P
   MK Reed Sensor
MK06-6-BV-E_DE MEDER-MK06-6-BV-E_DE Datasheet
86Kb / 1P
   (deutsch) MK Reed Sensor
More results

Similar Description - MK06-6-B

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
MK6-4-B MEDER-MK6-4-B Datasheet
466Kb / 5P
   Reed Sensors for PCB Mounting
MK15-B-1 MEDER-MK15-B-1 Datasheet
1Mb / 3P
   Reed Sensors for SMD Mounting
MK22-A-1 MEDER-MK22-A-1 Datasheet
524Kb / 5P
   Reed Sensors for SMD Mounting
MK17-B-1 MEDER-MK17-B-1_10 Datasheet
434Kb / 4P
   Reed Sensors for SMD Mounting
MK24-A-1 MEDER-MK24-A-1 Datasheet
211Kb / 4P
   Reed Sensors for SMD Mounting
MK15-B-1 MEDER-MK15-B-1_10 Datasheet
429Kb / 3P
   Reed Sensors for SMD Mounting
MK17-B-1 MEDER-MK17-B-1 Datasheet
484Kb / 4P
   Reed Sensors for SMD Mounting
MK16-B-1 MEDER-MK16-B-1 Datasheet
1Mb / 1P
   Reed Sensors for SMD Mounting
MK16-B-1 MEDER-MK16-B-1_10 Datasheet
433Kb / 3P
   Reed Sensors for SMD Mounting
MK23-35 MEDER-MK23-35 Datasheet
772Kb / 8P
   Open Reed Sensors for SMD Mounting
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com