Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E693AHJ Datasheet(PDF) 9 Page - Semtech Corporation

Part # E693AHJ
Description  500 MHz Monolithic Dual Pin Electronics Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

E693AHJ Datasheet(HTML) 9 Page - Semtech Corporation

Back Button E693AHJ Datasheet HTML 3Page - Semtech Corporation E693AHJ Datasheet HTML 4Page - Semtech Corporation E693AHJ Datasheet HTML 5Page - Semtech Corporation E693AHJ Datasheet HTML 6Page - Semtech Corporation E693AHJ Datasheet HTML 7Page - Semtech Corporation E693AHJ Datasheet HTML 8Page - Semtech Corporation E693AHJ Datasheet HTML 9Page - Semtech Corporation E693AHJ Datasheet HTML 10Page - Semtech Corporation E693AHJ Datasheet HTML 11Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
 2000 Semtech Corp.
www.semtech.com
EDGE HIGH-PERFORMANCE PRODUCTS
Edge693
DC Characteristics
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Sn
i
Mp
y
Tx
a
Ms
t
i
n
U
t
n
e
r
r
u
C
t
u
p
n
I
g
o
l
a
n
A
L
V
D
,
H
V
D
t
u
p
n
I
s
a
i
B
N
I
I
S
A
I
B
0
5
-
5
.
1
0
5
+A
µ
A
m
s
t
u
p
n
I
t
n
e
m
t
s
u
j
d
A
e
c
n
a
t
s
i
s
e
R
t
u
p
n
I
J
D
A
W
E
L
S
e
g
n
a
R
t
n
e
r
r
u
C
J
D
A
W
E
L
S9
.
0
5
.
1
0
.
2
K
A
m
t
i
u
c
r
i
C
r
e
v
i
r
D
e
g
n
a
R
e
g
a
t
l
o
V
t
u
p
t
u
O
g
n
i
w
S
e
g
a
t
l
o
V
t
u
p
t
u
O
:
t
n
e
r
r
u
C
t
u
p
t
u
O
c
i
t
a
t
S
x
a
M
V
2
-
=
>
T
U
O
D
V
2
-
<
T
U
O
D
t
n
e
r
r
u
C
t
u
p
t
u
O
c
i
m
a
n
y
D
x
a
M
)
1
e
t
o
N
(
t
n
e
r
r
u
C
e
g
a
k
a
e
L
T
U
O
D
V
2
-
=
>
T
U
O
D
V
2
-
<
T
U
O
D
T
U
O
D
V
g
n
i
w
s
V
T
U
O
D
I
T
U
O
D
I
K
A
E
L
I
K
A
E
L
I
5
.
3
+
E
E
V
5
2
.
0
5
3
-
0
2
-
0
0
1
-
1
-
3
-
5
.
3
-
C
C
V
0
.
9
5
3
+
5
3
+
0
0
1
+
1
3
V
V
A
m
A
m
A
m
A
µ
A
µ
y
c
a
r
u
c
c
A
h
g
i
H
r
e
v
i
r
D
)
1
e
t
o
N
(
t
e
s
f
f
O
)
2
e
t
o
N
(
n
i
a
G
)
3
e
t
o
N
(
y
t
i
r
a
e
n
i
L
T
U
O
D
-
H
V
D
/
H
V
D
T
U
O
D
T
U
O
D
-
L
V
D
0
9
-
5
9
-
5
1
-
5
6
-
9
9
.
1
0
4
-
0
.
1
5
1
+
V
m
V
/
V
V
m
y
c
a
r
u
c
c
A
w
o
L
r
e
v
i
r
D
)
1
e
t
o
N
(
t
e
s
f
f
O
)
2
e
t
o
N
(
n
i
a
G
)
3
e
t
o
N
(
y
t
i
r
a
e
n
i
L
T
U
O
D
-
H
V
D
/
H
V
D
T
U
O
D
T
U
O
D
-
L
V
D
5
7
-
5
9
-
5
1
-
0
5
-
9
9
.
1
5
2
-
0
.
1
5
1
+
V
m
V
/
V
V
m
e
r
u
t
a
r
e
p
m
e
T
e
g
a
t
l
o
V
t
e
s
f
f
O
t
n
e
i
c
i
f
f
e
o
C
C
T
T
U
O
D1
±/
V
m
oC
e
c
n
a
d
e
p
m
I
t
u
p
t
u
O
r
e
v
i
r
DT
U
O
Z0
.
10
.
35
.
4
R
R
S
P
r
e
v
i
r
DR
R
S
P0
2B
d
s
t
u
p
n
I
l
a
t
i
g
i
D
*
I
H
D
,
I
H
D
,
*
N
E
V
R
D
,
N
E
V
R
D
t
n
e
r
r
u
C
t
u
p
n
I
e
g
n
a
R
e
g
a
t
l
o
V
t
u
p
n
I
g
n
i
w
S
t
u
p
n
I
l
a
i
t
n
e
r
e
f
f
i
D
N
I
I
G
N
R
V
F
F
I
D
V
0
0
9
-
0
.
2
-
5
2
.
0
0
0
9
+
5
.
5
+
0
.
4
+
A
µ
V
V
t
n
e
r
r
u
C
y
l
p
p
u
S
r
e
w
o
P
y
l
p
p
u
S
e
v
i
t
i
s
o
P
y
l
p
p
u
S
e
v
i
t
a
g
e
N
C
C
I
E
E
I0
6
1
-
0
4
1
0
4
1
-
0
6
1
A
m
A
m
Note 1:
The offset voltage is defined as the difference between the measured driver output at DOUT under no
load conditions versus the programmed voltage (DVH or DVL) when forced to –1.0 V.
Note 2:
The driver gain is defined as the change in driver output voltage (DOUT) divided by the change in
programmed input voltage (DVH or DVL). Measurements are taken at –1.0 V and +4.0 V programmed
inputs with the output under no-load conditions.
Note 3:
Linearity error is defined as the maximum deviation between the theoretical driver output voltage
(predicted by the straight line determined by the offset and gain) and the actual measured output
voltage under no load conditions.


Similar Part No. - E693AHJ

ManufacturerPart #DatasheetDescription
logo
ZF Friedrichshafen AG
E69 ZFSWITCHES-E69 Datasheet
357Kb / 3P
   Snap in mounting
logo
List of Unclassifed Man...
E69-0001 ETC2-E69-0001 Datasheet
266Kb / 3P
   Options and ordering codes
E69-0002 ETC2-E69-0002 Datasheet
266Kb / 3P
   Options and ordering codes
E69-0003 ETC2-E69-0003 Datasheet
266Kb / 3P
   Options and ordering codes
E69-0004 ETC2-E69-0004 Datasheet
266Kb / 3P
   Options and ordering codes
More results

Similar Description - E693AHJ

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
E692AHJ SEMTECH-E692AHJ Datasheet
128Kb / 16P
   200 MHz Monolithic Dual Pin Electronics Driver
E710AHF SEMTECH-E710AHF Datasheet
206Kb / 17P
   500 MHz Pin Electronics Driver, Window Comparator, and Load
EDGE211 SEMTECH-EDGE211 Datasheet
83Kb / 12P
   Dual Pin Electronics Driver
EDGE7725 SEMTECH-EDGE7725 Datasheet
681Kb / 39P
   900 MHz Dual Pin Electronics Driver, Window Comparator, and Load
E7804 SEMTECH-E7804 Datasheet
692Kb / 41P
   133 MHZ Quad Pin Electronics Driver and Window Comparator
EDGE819 SEMTECH-EDGE819 Datasheet
84Kb / 10P
   Octal, 18V Pin Electronics Driver
logo
Intersil Corporation
EL2021 INTERSIL-EL2021 Datasheet
363Kb / 8P
   Monolithic Pin Driver
logo
Semtech Corporation
E749BPJ SEMTECH-E749BPJ Datasheet
104Kb / 14P
   Octal Pin Electronics Driver/Receiver
EDGE749 SEMTECH-EDGE749 Datasheet
104Kb / 14P
   Octal Pin Electronics Driver/Receiver
EDGE749 SEMTECH-EDGE749_02 Datasheet
152Kb / 15P
   Octal Pin Electronics Driver/Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com