Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDGE692 Datasheet(PDF) 10 Page - Semtech Corporation

Part # EDGE692
Description  200 MHz Monolithic Dual Pin Electronics Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

EDGE692 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button EDGE692 Datasheet HTML 6Page - Semtech Corporation EDGE692 Datasheet HTML 7Page - Semtech Corporation EDGE692 Datasheet HTML 8Page - Semtech Corporation EDGE692 Datasheet HTML 9Page - Semtech Corporation EDGE692 Datasheet HTML 10Page - Semtech Corporation EDGE692 Datasheet HTML 11Page - Semtech Corporation EDGE692 Datasheet HTML 12Page - Semtech Corporation EDGE692 Datasheet HTML 13Page - Semtech Corporation EDGE692 Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
 2000 Semtech Corp.
www.semtech.com
EDGE HIGH-PERFORMANCE PRODUCTS
Application Information (continued)
Power Dissipation Family of Curves
Conditions:
VCC = +11.5V
VEE = –7.5V
Ta = 40˚C
θJA = 26˚C
Quiescent Power Consumption
Slewadj (mA)
1.00
1.50
2.00
2.50
3.00
1
1.4
1.8
2.2
Ibias = 1.0 mA
Ibias = 1.25 mA
Ibias = 1.5 mA
Ibias = 1.75 mA
Ibias = 2.0 mA
Junction Temperature
Slewadj (mA)
60.00
70.00
80.00
90.00
100.00
110.00
120.00
1
1.4
1.8
2.2
Ibias = 1.0 mA
Ibias = 1.25 mA
Ibias = 1.5 mA
Ibias = 1.75 mA
Ibias = 2.0 mA


Similar Part No. - EDGE692

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
EDGE693 SEMTECH-EDGE693 Datasheet
76Kb / 11P
   500 MHz Monolithic Dual Pin Electronics Driver
More results

Similar Description - EDGE692

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
E693AHJ SEMTECH-E693AHJ Datasheet
76Kb / 11P
   500 MHz Monolithic Dual Pin Electronics Driver
EDGE211 SEMTECH-EDGE211 Datasheet
83Kb / 12P
   Dual Pin Electronics Driver
EDGE7725 SEMTECH-EDGE7725 Datasheet
681Kb / 39P
   900 MHz Dual Pin Electronics Driver, Window Comparator, and Load
E710AHF SEMTECH-E710AHF Datasheet
206Kb / 17P
   500 MHz Pin Electronics Driver, Window Comparator, and Load
E7804 SEMTECH-E7804 Datasheet
692Kb / 41P
   133 MHZ Quad Pin Electronics Driver and Window Comparator
EDGE819 SEMTECH-EDGE819 Datasheet
84Kb / 10P
   Octal, 18V Pin Electronics Driver
logo
Intersil Corporation
EL2021 INTERSIL-EL2021 Datasheet
363Kb / 8P
   Monolithic Pin Driver
logo
Semtech Corporation
E749BPJ SEMTECH-E749BPJ Datasheet
104Kb / 14P
   Octal Pin Electronics Driver/Receiver
EDGE749 SEMTECH-EDGE749 Datasheet
104Kb / 14P
   Octal Pin Electronics Driver/Receiver
EDGE749 SEMTECH-EDGE749_02 Datasheet
152Kb / 15P
   Octal Pin Electronics Driver/Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com