Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK24-C-2 Datasheet(PDF) 3 Page - Meder Electronic

Part # MK24-C-2
Description  Micro-Miniature Reed Sensors for SMD Mounting
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

MK24-C-2 Datasheet(HTML) 3 Page - Meder Electronic

  MK24-C-2 Datasheet HTML 1Page - Meder Electronic MK24-C-2 Datasheet HTML 2Page - Meder Electronic MK24-C-2 Datasheet HTML 3Page - Meder Electronic MK24-C-2 Datasheet HTML 4Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
287
www.meder.com
MEDER electronic
Micro-Miniature Reed Sensors
for SMD Mounting
MK24 Series
All Data at 20° C
Contact Form →
Form A
Sensitivity Range A
Sensitivity Range B
Sensitivity Range C
Contact Ratings
Conditions
Min. Typ. Max. Min. Typ. Max. Min. Typ. Max. Unit
Switching Power
Any DC combination of V & A not
to exceed their individual max.‘s
1
3
3
W
Switching Voltage
DC or peak AC
30
30
30
V
Switching Current
DC or peak AC
0.1
0.3
0.3
A
Carry Current
DC or peak AC
0.3
0.5
0.5
A
Static Contact Resistance
with 40% overdrive, start value
250
200
200
Insulation Resistance
RH <45%, 100V test voltage
109
109
109
Ω
Breakdown Voltage
according to IEC 255-5
60
100
100
VDC
Contact Operation
Pull-in MK24-x-1
measured by MS150
1.8 - 4.5
3.0 - 5.8
4.1 - 7.0
mT
Pull-in MK24-x-1
measured by KMS11
22 - 55
37 - 71
50 - 86
AT
Pull-in MK24-x-2
measured by MS150
1.8 - 4.5
3.0 - 5.8
4.1 - 7.0
mT
Pull-in MK24-x-2
measured by KMS11
22 - 55
37 - 71
50 - 86
AT
Pull-in MK24-x-3
measured by MS150
2.1 - 5.3
3.3 - 7.0
4.3 - 8.6
mT
Pull-in MK24-x-3
measured by KMS11
23 - 50
33 - 67
40 - 83
AT
Environmental Data
Shock Resistance
1/2 sinus wave duration 11 ms
15
30
30
g
Vibration Resistance
From 10 - 2000 Hz
10
20
20
g
Ambient Temperature
10°C/ minute max. allowable
-40
130
-40
130
-40
130
o
C
Stock Temperature
10°C/ minute max. allowable
-50
130
-50
130
-50
130
o
C
Soldering Temperature
5 Sec.
260
260
260
o
C
Please note: The indicated electrical data are maximum values and can vary downwards when using a more sensitive switch.
CONTACT DATA


Similar Part No. - MK24-C-2

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
MK24-C-2 MEDER-MK24-C-2 Datasheet
211Kb / 4P
   Reed Sensors for SMD Mounting
MK24-C-2 MEDER-MK24-C-2 Datasheet
79Kb / 1P
   MK Reed Sensor
MK24-C-2 MEDER-MK24-C-2_11 Datasheet
79Kb / 1P
   MK Reed Sensor
MK24-C-2_DE MEDER-MK24-C-2_DE Datasheet
96Kb / 1P
   (deutsch) MK Reed Sensor
More results

Similar Description - MK24-C-2

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
MK15-B-1 MEDER-MK15-B-1 Datasheet
1Mb / 3P
   Reed Sensors for SMD Mounting
MK22-A-1 MEDER-MK22-A-1 Datasheet
524Kb / 5P
   Reed Sensors for SMD Mounting
MK17-B-1 MEDER-MK17-B-1_10 Datasheet
434Kb / 4P
   Reed Sensors for SMD Mounting
MK24-A-1 MEDER-MK24-A-1 Datasheet
211Kb / 4P
   Reed Sensors for SMD Mounting
MK15-B-1 MEDER-MK15-B-1_10 Datasheet
429Kb / 3P
   Reed Sensors for SMD Mounting
MK17-B-1 MEDER-MK17-B-1 Datasheet
484Kb / 4P
   Reed Sensors for SMD Mounting
MK16-B-1 MEDER-MK16-B-1 Datasheet
1Mb / 1P
   Reed Sensors for SMD Mounting
MK16-B-1 MEDER-MK16-B-1_10 Datasheet
433Kb / 3P
   Reed Sensors for SMD Mounting
MK23-35 MEDER-MK23-35 Datasheet
772Kb / 8P
   Open Reed Sensors for SMD Mounting
MK23-35-B-2 MEDER-MK23-35-B-2_10 Datasheet
771Kb / 7P
   Open Reed Sensors for SMD Mounting
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com