Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK23-87-D-4 Datasheet(PDF) 3 Page - Meder Electronic

Part # MK23-87-D-4
Description  Open Reed Sensors for SMD Mounting
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

MK23-87-D-4 Datasheet(HTML) 3 Page - Meder Electronic

  MK23-87-D-4 Datasheet HTML 1Page - Meder Electronic MK23-87-D-4 Datasheet HTML 2Page - Meder Electronic MK23-87-D-4 Datasheet HTML 3Page - Meder Electronic MK23-87-D-4 Datasheet HTML 4Page - Meder Electronic MK23-87-D-4 Datasheet HTML 5Page - Meder Electronic MK23-87-D-4 Datasheet HTML 6Page - Meder Electronic MK23-87-D-4 Datasheet HTML 7Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
280
www.meder.com
MEDER electronic
Open Reed Sensors
for SMD Mounting
MK23 Series
PAD LAYOUT
All dimensions in mm [inch], unspecified tolerances +/- 0.1 mm
MK23-35
Version 4
MK23-80
Version 2
Version 1+2
2.00
17.00
MK23-46
MK23-66
Version 4
Version 2
Version 4
MK23-87
Version 4
1.9
[0.075]
18.0
[0.708]
Version 2
1.9
[0.075]
19.30
[0.760]
1.9
[0.075]
21.30
[0.839]
Version 2
1.7
[0.067]
14.3
[0.563]
1.8
[0.071]
17.3
[0.681]
2.8
[0.11]
20.30
[0.799]
1.6
[0.063]
13.5
[0.513]
1.7
[0.067]
16.0
[0.630]


Similar Part No. - MK23-87-D-4

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
MK23-87-D-1 MEDER-MK23-87-D-1 Datasheet
98Kb / 1P
   MK Reed Sensor
MK23-87-D-1_DE MEDER-MK23-87-D-1_DE Datasheet
116Kb / 1P
   (deutsch) MK Reed Sensor
MK23-87-D-2 MEDER-MK23-87-D-2 Datasheet
77Kb / 1P
   MK Reed Sensors
MK23-87-D-2_DE MEDER-MK23-87-D-2_DE Datasheet
119Kb / 1P
   (deutsch) MK Reed Sensor
More results

Similar Description - MK23-87-D-4

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
MK23-35 MEDER-MK23-35 Datasheet
772Kb / 8P
   Open Reed Sensors for SMD Mounting
MK15-B-1 MEDER-MK15-B-1 Datasheet
1Mb / 3P
   Reed Sensors for SMD Mounting
MK22-A-1 MEDER-MK22-A-1 Datasheet
524Kb / 5P
   Reed Sensors for SMD Mounting
MK17-B-1 MEDER-MK17-B-1_10 Datasheet
434Kb / 4P
   Reed Sensors for SMD Mounting
MK24-A-1 MEDER-MK24-A-1 Datasheet
211Kb / 4P
   Reed Sensors for SMD Mounting
MK15-B-1 MEDER-MK15-B-1_10 Datasheet
429Kb / 3P
   Reed Sensors for SMD Mounting
MK17-B-1 MEDER-MK17-B-1 Datasheet
484Kb / 4P
   Reed Sensors for SMD Mounting
MK16-B-1 MEDER-MK16-B-1 Datasheet
1Mb / 1P
   Reed Sensors for SMD Mounting
MK16-B-1 MEDER-MK16-B-1_10 Datasheet
433Kb / 3P
   Reed Sensors for SMD Mounting
MK24-B-1 MEDER-MK24-B-1_10 Datasheet
300Kb / 4P
   Micro-Miniature Reed Sensors for SMD Mounting
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com