Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CWSB21DACF Datasheet(PDF) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # CWSB21DACF
Description  Neon Miniature Power Rockers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

CWSB21DACF Datasheet(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

  CWSB21DACF Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. CWSB21DACF Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. CWSB21DACF Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. CWSB21DACF Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Series CWSB
Neon Miniature Power Rockers
www.nkk.com
B21
B
The Neon lamp is factory assembled
and not available separately. The
lamp circuit is synchronous to switch-
ing circuit.
The electrical specifications shown are
determined at a basic temperature of
25°C.
Values for the built-in resistors are
given in the accompanying table.
Colors
Red
Amber
Green
Voltage
V
125V AC
125V AC
125V AC
Internal Series Resistance
33K ohms
33K ohms
68K ohms
Current
I
1.4mA
1.4mA
0.6mA
Endurance
Hours
15,000
15,000
8,000
HOUSING
On Off (I O) symbols
are molded on the bezel.
Black Housing
with Snap-in Mounting
A
Solder Lug/
.187” (4.75mm) Quick Connect
F
F
D
C
TERMINALS
TYPICAL SWITCH DIMENSIONS
CWSB21CACF
Double Pole
Neon Illuminated
Panel Thickness
.030” ~ .079”
(0.75mm ~ 2.0mm)
(12.9)
.508
(19.2)
.756
(21.1)
.831
(15.8)
.622
(10.6)
.417
(15.1)
.594
(17.4)
.685
(18.6)
.732
30°
(5.7)
.224
(12.9)
.508
(2.0)
.079
(1.0)
.039
(8.1)
.319
(16.2)
.638
(2.65)
.104
(2.3) Dia Typ
.091
(1.6) Dia Typ
.063
(4.75) Typ
.187
(5.0)
.197
1a
2a
(2.5) Typ
.098
(4.0) Typ
.157
(0.8) Typ
.031
(12.6)
.496
(12.9)
.508
(4.0)
.157
CAP COLOR CODES
Caps are factory assembled and
are not available separately.
C
D
F
Red
Amber
Green
Cap Colors Available
(2.65)
.104
(8.1)
.319
(1.15)R
.045
(0.8)R
.031
(4.75)
.187
Thk = (0.8)
.031
2a
1a
1
2
Source
L
o
a
d
Neon Lamp
NEON LAMP COLORS & SPECIFICATIONS


Similar Part No. - CWSB21DACF

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
CWSB21DACF NKK-CWSB21DACF Datasheet
123Kb / 4P
   General Specifications
More results

Similar Description - CWSB21DACF

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
CWSA11AANS NKK-CWSA11AANS Datasheet
266Kb / 6P
   Miniature Power Rockers
M2012TNW NKK-M2012TNW Datasheet
332Kb / 10P
   Miniature Rockers
CWSC21JCACS NKK-CWSC21JCACS Datasheet
207Kb / 5P
   LED Miniature Power Rockers
logo
List of Unclassifed Man...
M2012TNW01-DC ETC2-M2012TNW01-DC Datasheet
282Kb / 10P
   Miniature Rockers
M2013TXG41-DC ETC2-M2013TXG41-DC Datasheet
367Kb / 12P
   Miniature Rockers
M2012TJW01-FC-1A ETC2-M2012TJW01-FC-1A Datasheet
1,001Kb / 9P
   Miniature Rockers
logo
Nihon Kaiheiki Industry...
M2T12TXW13-D NKK-M2T12TXW13-D Datasheet
253Kb / 7P
   Process Sealed Miniature Rockers
MLW3025-12-DC-1A NKK-MLW3025-12-DC-1A Datasheet
591Kb / 7P
   Snap-in Miniature Rockers
MLW3012-00-RA-1A NKK-MLW3012-00-RA-1A Datasheet
756Kb / 7P
   Snap-in Miniature Rockers
MLW3012-00 NKK-MLW3012-00 Datasheet
535Kb / 7P
   Snap-in Miniature Rockers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com