Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVM818AHF Datasheet(PDF) 10 Page - Semtech Corporation

Part # EVM818AHF
Description  Octal 18V Pin Electronics Driver/window Comparator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

EVM818AHF Datasheet(HTML) 10 Page - Semtech Corporation

Back Button EVM818AHF Datasheet HTML 4Page - Semtech Corporation EVM818AHF Datasheet HTML 5Page - Semtech Corporation EVM818AHF Datasheet HTML 6Page - Semtech Corporation EVM818AHF Datasheet HTML 7Page - Semtech Corporation EVM818AHF Datasheet HTML 8Page - Semtech Corporation EVM818AHF Datasheet HTML 9Page - Semtech Corporation EVM818AHF Datasheet HTML 10Page - Semtech Corporation EVM818AHF Datasheet HTML 11Page - Semtech Corporation EVM818AHF Datasheet HTML 12Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
 2000 Semtech Corp.
www.semtech.com
EDGE HIGH-PERFORMANCE PRODUCTS
Edge818
DC Characteristics
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Sn
i
Mp
y
Tx
a
Ms
t
i
n
U
r
e
v
i
r
D
e
g
a
t
l
o
V
h
g
i
H
e
g
a
t
l
o
V
w
o
L
g
n
i
w
S
t
u
p
t
u
O
t
n
e
r
r
u
C
e
g
a
k
a
e
L
Z
i
H
e
c
n
a
d
e
p
m
I
t
u
p
t
u
O
)
1
e
t
o
N
(
t
n
e
r
r
u
C
t
u
p
t
u
O
C
D
)
2
e
t
o
N
(
t
n
e
r
r
u
C
t
u
p
t
u
O
C
A
H
V
L
V
L
V
-
H
V
k
a
e
l
I
t
u
o
R
C
D
t
u
o
I
C
A
t
u
o
I
E
E
V
E
E
V
E
E
V
0
.
2
-
0
.
9
5
2
1
-
0
0
4
-
0
2
1
C
C
V
C
C
V
C
C
V
0
.
2
+
5
1
5
2
1
+
0
0
4
+
V
V
V
A
n
A
m
A
m
r
e
v
i
e
c
e
R
e
g
n
a
R
e
g
a
t
l
o
V
t
u
p
n
I
e
g
n
a
R
e
g
a
t
l
o
V
d
l
o
h
s
e
r
h
T
)
3
e
t
o
N
(
e
g
a
t
l
o
V
t
e
s
f
f
O
t
n
e
r
r
u
C
s
a
i
B
t
u
p
n
I
P
N
I
V
B
V
C
,
A
V
C
s
o
V
s
a
i
b
I
E
E
V
0
.
3
+
E
E
V
0
0
2
-
0
1
-0
C
C
V
0
.
3
-
C
C
V
0
0
1
+
0
.
0
1
+
V
V
V
m
A
n
e
g
n
a
R
e
g
a
t
l
o
V
t
u
p
t
u
OH
G
I
H
P
M
O
C
W
O
L
P
M
O
C
0
.
2
-
0
.
2
-
0
.
5
+
0
.
5
+
V
V
e
c
n
a
d
e
p
m
I
t
u
p
t
u
O
B
Q
,
A
Q
y
t
i
l
i
b
a
p
a
C
t
n
e
r
r
u
C
t
u
p
t
u
O
C
D
t
u
o
R0
3
0
5
-
0
40
5
0
5
A
m
s
t
u
p
n
I
l
a
t
i
g
i
D
e
g
a
t
l
o
V
h
g
i
H
t
u
p
n
I
e
g
a
t
l
o
V
w
o
L
t
u
p
n
I
t
n
e
r
r
u
C
t
u
p
n
I
B
B
V
-
A
T
A
D
,
*
N
E
A
T
A
D
,
*
N
E
-
B
B
V
n
i
I
0
.
1
0
.
1
0
0
1
-0
0
0
1
+
V
V
A
n
s
e
i
l
p
p
u
S
r
e
w
o
P
l
e
v
e
L
y
l
p
p
u
S
e
v
i
t
i
s
o
P
l
e
v
e
L
y
l
p
p
u
S
e
v
i
t
a
g
e
N
C
C
V
E
E
V
0
.
5
1
+
0
.
3
-
V
V
t
n
e
r
r
u
C
y
l
p
p
u
S
e
v
i
t
i
s
o
P
t
n
e
r
r
u
C
y
l
p
p
u
S
e
v
i
t
a
g
e
N
C
C
I
E
E
I
6
3
6
3
7
5
7
5
8
7
8
7
A
m
A
m
Test conditions (unless otherwise specified): "Recommended Operating Conditions".
Note 1:
DC output current is specified per individual driver.
Note 2:
Surge current capability for durations of < 2 seconds.
Note 3:
Offset voltage is tested at CVA, CVB = 1.5V.


Similar Part No. - EVM818AHF

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
EVM818AHF SEMTECH-EVM818AHF Datasheet
126Kb / 15P
   Octal 18V Pin Electronics Driver/window Comparator
More results

Similar Description - EVM818AHF

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
EDGE818 SEMTECH-EDGE818 Datasheet
126Kb / 15P
   Octal 18V Pin Electronics Driver/window Comparator
logo
Intersil Corporation
ISL55100AIRZ INTERSIL-ISL55100AIRZ Datasheet
583Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
December 4, 2014
ISL55100BIRZ INTERSIL-ISL55100BIRZ Datasheet
535Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
December 4, 2014
logo
Renesas Technology Corp
ISL55100A RENESAS-ISL55100A Datasheet
886Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
ISL55100B RENESAS-ISL55100B Datasheet
853Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
logo
Intersil Corporation
ISL5100A INTERSIL-ISL5100A Datasheet
520Kb / 13P
   Quad 18V Pin Electronics Driver/Window Comparator
ISL55100A INTERSIL-ISL55100A Datasheet
497Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
ISL55100B INTERSIL-ISL55100B Datasheet
462Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
logo
Semtech Corporation
EDGE819 SEMTECH-EDGE819 Datasheet
84Kb / 10P
   Octal, 18V Pin Electronics Driver
E646ATF SEMTECH-E646ATF Datasheet
135Kb / 13P
   Pin Electronics Driver, Window Comparator, and Switch Matrix
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com