Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPL-18-12 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # LPL-18-12
Description  18W Single Output Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

LPL-18-12 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  LPL-18-12 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. LPL-18-12 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Tj140
typically(U1)detectonmaincontrolIC
OVERTEMPERATURE
SPECIFICATION
MODEL
LPL-18-12
LPL-18-36
LPL-18-24
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY(Typ.)
ACCURRENT
INPUT
INRUSHCURRENT(max.)
LEAKAGECURRENT
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERCURRENT
OVERVOLTAGE
12V
36V
24V
1.5A
0.5A
0.75A
0~1.5A
0~0.5A
0~0.75A
18W
18W
18W
120mVp-p
200mVp-p
150mVp-p
3.0%
1.0%
2.0%
1500ms,30ms/115VAC
47~63Hz
80%
83%
84%
0.5A/115VAC
0.25mA /115VAC
Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
-30~70
(Refertooutputloadderatingcurve)
20~90%RH non-condensing
-40~+80
,10~95%RH
0.03%/
(0~50
)
10~500Hz,2G10min./1cycle,periodfor 60min.eachalongX, Y,Zaxes
18WSingleOutputSwitchingPowerSupply
90-132VAC input only
Fully encapsulated with IP67 level (Note.5)
Protections:Short circuit/Over load/Over voltage/Over temperature
Cooling by free air convection
Pass LPS
100% full load burn-in test
Suitable for LED lighting and moving sign applications
High reliability/Low cost
2 years warranty
Features :
L P L - 1 8 series
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
ENVIRONMENT
SAFETY &
EMC
PROTECTION
SAFETY STANDARDS
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3KVAC
I/P-O/P:>100MOhms/500VDC/25
/70%RH
HARMONICCURRENT
EMSIMMUNITY
CompliancetoEN55022(CISPR22)ClassB,FCCPart15
Complianceto EN61000-3-2Class A,EN61000-3-3
CompliancetoEN61000-4-2,3,4,5,6,8,11;ENV50204,EN55024,lightindustrylevel,criteria A
1207.4Khrsmin.MIL-HDBK-217F(25
)
EMICONDUCTION&RADIATION
Above105%ratedoutputpower
HOLDUP TIME (Typ.)
20ms/115VACatfullload
13.8~16.2V
27.6~32.4V
41.4~48.6V
Protectiontype: Shutoffo/pvoltage,clampingbyzenerdiode
140*30*22(L*W*H)
Coldstart40A/115VAC
Protectiontype:Shutdown,recoversautomaticallyaftertemperaturegoesdown
IP67approved;designrefertoUL1310Class2,TUVEN60950-1,EN61347-2-13,CAN/CSA C22.2No.223-M91
(LVD)
0.175Kg;70pcs/13.3Kgs/0.71CUFT
1. All parameters NOT specially mentioned are measured at 115VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered as a component that will be operated in combination with final equipment. Since EMC performance will be affected by the
complete installation, the final equipment manufacturers must re-qualify EMC Directive on the complete installation again.
5. Suitable for indoor use or outdoor use without direct sunlight exposure.
IP67
FileName:LPL-18-SPEC2011-03-09
LPS
90~132VAC
127~186VDC


Similar Part No. - LPL-18-12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
LPL-18-12 MEANWELL-LPL-18-12 Datasheet
659Kb / 2P
   18W Single Output Switching Power Supply
LPL-18-12 MEANWELL-LPL-18-12 Datasheet
158Kb / 2P
   18W Single Output Switching Power Supply
More results

Similar Description - LPL-18-12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
LPL-18 MEANWELL-LPL-18 Datasheet
659Kb / 2P
   18W Single Output Switching Power Supply
LPLC-18-350 MEANWELL-LPLC-18-350 Datasheet
150Kb / 2P
   18W Single Output Switching Power Supply
LPHC-18 MEANWELL-LPHC-18_11 Datasheet
151Kb / 2P
   18W Single Output Switching Power Supply
LPHC-18 MEANWELL-LPHC-18_12 Datasheet
730Kb / 2P
   18W Single Output Switching Power Supply
LPH-18 MEANWELL-LPH-18_12 Datasheet
739Kb / 2P
   18W Single Output Switching Power Supply
LPH-18 MEANWELL-LPH-18 Datasheet
666Kb / 2P
   18W Single Output Switching Power Supply
LPHC-18-350 MEANWELL-LPHC-18-350 Datasheet
722Kb / 2P
   18W Single Output Switching Power Supply
LPL-18_1111 MEANWELL-LPL-18_1111 Datasheet
158Kb / 2P
   18W Single Output Switching Power Supply
LPH-18_1107 MEANWELL-LPH-18_1107 Datasheet
148Kb / 2P
   18W Single Output Switching Power Supply
LPLC-18_1111 MEANWELL-LPLC-18_1111 Datasheet
153Kb / 2P
   18W Single Output Switching Power Supply
LPH-18 MEANWELL-LPH-18_11 Datasheet
153Kb / 2P
   18W Single Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com