Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B12JJHCF Datasheet(PDF) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # B12JJHCF
Description  Subminiature Fully Illuminated Toggles
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

B12JJHCF Datasheet(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

  B12JJHCF Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. B12JJHCF Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. B12JJHCF Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. B12JJHCF Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Series B
Subminiature Fully Illuminated Toggles
www.nkk.com
A23
A
PC TERMINALS
Straight
Right Angle with Bracket
P
H
Vertical with Bracket
V
TYPICAL SWITCH DIMENSIONS
Terminal 4 is a support pin on single color models.
B12JJPC
Terminal 4 is a support pin on single color models.
B13JJHCF
Terminal 4 is a support pin on single color models.
B13JJVCF
6
4
52
3
1
(2.54) Typ
.100
(0.8) Dia Typ
.031
(5.08)
.200
(5.08)
.200
(0.8) Dia Typ
.031
6
4
52
3
1
(2.54) Typ
.100
(5.08)
.200
(6.0) Dia
.236
Slot
(8.8)
.346
26°
(1.9) Dia
.075
(0.6) Dia Typ
.024
(2.54) Typ
.100
(3.1)
.122
(13.1)
.516
(6.3)
.248
(3.5)
.138
(0.8)
.031
(8.8)
.346
(5.08)
.200
1
2
3
4
5
6
(0.6) Dia Typ
.024
(2.54) Typ
.100
(8.8)
.346
32 1
4
5
6
(16.42)
.646
(3.1)
.122
(0.5)
.020
(2.54)
.100
(1.9) Dia
.075
(2.7)
.106
(0.4)
.016
(5.08)
.200
(6.3)
.248
Slot
(0.6) Typ
.024
(6.0) Dia
.236
(5.08)
.200
(8.8)
.346
(0.6) Dia Typ
.024
(5.08)
.200
(8.8)
.346
1
2
6
4
5
3
(18.96)
.746
(3.1)
.122
(0.5) Typ
.020
(2.54) Typ
.100
(2.7)
.106
(0.4)
.016
(5.08)
.200
(6.3)
.248
26°
(1.9) Dia
.075
(0.6) Typ
.024
(6.0) Dia
.236
(5.08)
.200
(8.8)
.346
Slot
26°
1
4
6
3
(2.54)
.100
(0.8) Dia Typ
.031
(2.54) Typ
.100
(5.08)
.200
5
2
Straight PC
Right Angle PC
Vertical PC
LED COLORS & SPECIFICATIONS
Single Color
Bicolor
Red
Amber
Green
Red/Green
Forward Peak Current
I
FM
30mA
30mA
20mA
30mA/20mA
Continuous Forward Current
I
F
20mA
20mA
10mA
20mA/10mA
Forward Voltage
V
F
1.9V
1.9V
3.4V
1.9V/3.4V
Reverse Peak Voltage
V
RM
5V
5V
5V
5V/5V
Current Reduction Rate Above 25°C ∆I
F
0.43mA/°C
0.28mA/°C
0.43mA/°C/0.28mA/°C
Ambient Temperature Range
–25°C ~ +55°C
D
CF
F
C
LEDs are an integral part
of the switch and not
available separately. The
electrical specifications
shown are determined at
a basic temperature of
25°C. If the source volt-
age exceeds the rated
voltage, a ballast resistor
is required.
The resistor value can be
calculated by using the
formula in the Supplement
section.
Colors


Similar Part No. - B12JJHCF

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
B12JJHCF NKK-B12JJHCF Datasheet
532Kb / 4P
   General Specifications
More results

Similar Description - B12JJHCF

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
B12JJPC NKK-B12JJPC_12 Datasheet
434Kb / 4P
   Subminiature Fully Illuminated Toggles
TL22DCAW015C NKK-TL22DCAW015C Datasheet
139Kb / 5P
   Fully Illuminated Toggles
JF01PC NKK-JF01PC Datasheet
45Kb / 1P
   Ultra-Miniature Fully Illuminated Toggles
G12JPC NKK-G12JPC Datasheet
123Kb / 4P
   Fully Illuminated Ultra-Miniature Toggles
logo
List of Unclassifed Man...
G12JHC ETC2-G12JHC Datasheet
427Kb / 4P
   Fully Illuminated Ultra-Miniature Toggles
A18AV ETC2-A18AV Datasheet
980Kb / 8P
   Process Sealed Subminiature Toggles
A18EP ETC2-A18EP Datasheet
980Kb / 8P
   Process Sealed Subminiature Toggles
logo
Nihon Kaiheiki Industry...
A11A NKK-A11A Datasheet
243Kb / 7P
   Process Sealed Subminiature Toggles
logo
List of Unclassifed Man...
A22JB ETC2-A22JB Datasheet
213Kb / 7P
   Process Sealed Subminiature Toggles
A12EH ETC2-A12EH Datasheet
980Kb / 8P
   Process Sealed Subminiature Toggles
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com