Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPP-150-15 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # LPP-150-15
Description  150W Single Output with PFC Function
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

LPP-150-15 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  LPP-150-15 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. LPP-150-15 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FileName:LPP-150-SPEC2010-10-18
150WSingleOutputwithPFCFunction
L P P - 1 5 0 series
Universal AC input / Full range
Built-in active PFC function, PF>0.96
Protections: Short circuit / Overload / Over voltage
Protections:Over temperature(option)
Cooling by free air convection
100% full load burn-in test
Fixed switching frequency at PFC:67KHz PWM:134KHz
3 years warranty
Features :
20~90%RHnon-condensing
-10~+60
withcoolingFAN(Refertooutputloadderatingcurve)
-20~+85
,10~95%RH
0.05%/
(0~50
10~500Hz,2G10min./1cycle,periodfor60min. eachalongX, Y,Zaxes
191.8Khrsmin.MIL-HDBK-217F(25
)
222*75*41mm(L*W*H)
0.62Kg;24pcs/16.6Kg/1.39CUFT
UL60950-1, TUVEN60950-1approved
CompliancetoEN55022(CISPR22)ClassB
Complianceto EN61000-3-2,-3
CompliancetoEN61000-4-2,3,4,5,6,8,11;ENV50204,lightindustrylevel,criteria A
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC /25
/70%RH
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
HOLDUP TIME (Typ.)
VOLTAGERANGE
FREQUENCY RANGE
POWERFACTOR
EFFICIENCY(Typ.)
INPUT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
WORKINGHUMIDITY
WORKINGTEMP.
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
ACCURRENT (Typ.)
SAFETY STANDARDS
HARMONICCURRENT
EMSIMMUNITY
ENVIRONMENT
SAFETY &
EMC
(Note4)
PROTECTION
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives. For guidance on how to perform these EMC tests, please refer to “EMI testing of component power supplies.”
(as available on http://www.meanwell.com)
LPP-150-3.3 LPP-150-5
LPP-150-7.5 LPP-150-12
LPP-150-13.5 LPP-150-15
LPP-150-24
LPP-150-27
LPP-150-48
3.3V
5V
7.5V
12V
13.5V
15V
24V
27V
48V
30A
30A
20A
12.5A
11.2A
10A
6.3A
0~6.3A
150W
5.6A
3.2A
0~30A
0~30A
0~20A
0~12.5A
0~11.2A
0~10A
0~5.6A
0~3.2A
99W
150W
150W
150W
151.2W
150W
151.2W
153.6W
100mVp-p
100mVp-p
100mVp-p
100mVp-p
100mVp-p
100mVp-p
150mVp-p
150mVp-p
250mVp-p
3.14~3.63V 4.75~5.5V
7.13~8.25V 11.4~13.2V 12.8~14.9V 14.3~16.5V 22.8~26.4V 25.7~29.7V 45.6~52.8V
2.0%
2.0%
2.0%
2.0%
1.0%
1.0%
1.0%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
2.0%
2.0%
SPECIFICATION
MODEL
DCVOLTAGE
STORAGETEMP.,HUMIDITY
1.0%
1.0%
1.0%
1.0%
0.5%
1.0%
1.0%
0.5%
0.5%
600ms,30msatfullload
30msatfullload
85~264VAC120~370VDC
47~63Hz
PF
0.96/230VACPF
0.98/115VACatfullload
66%
2.5A/115VAC1.2A/230VAC
COLDSTART 40A/230VAC
<3.5mA /240VAC
105~150% ratedoutputpower
Protectiontype:Constantcurrentlimiting,recoversautomaticallyafterfaultconditionisremoved
EMICONDUCTION&RADIATION
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
72%
76%
79%
80%
80%
83%
83%
83%
3.63~4.45V 5.5~6.75V
8.25~10.1V 13.2~16.2V 14.85~18.2V 16.5~20.25V 26.4~32.4V 29.7~36.5V 52.8~64.8V
Protectiontype:Shutdowno/pvoltage,re-powerontorecover


Similar Part No. - LPP-150-15

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
LPP-150-15 ASTRODYNE-LPP-150-15 Datasheet
360Kb / 2P
   150W Single Output with PFC Function
logo
Mean Well Enterprises C...
LPP-150-15 MEANWELL-LPP-150-15 Datasheet
284Kb / 2P
   150W Single Output with PFC Function
logo
XP Power Limited
LPP-150-15 XPPOWER-LPP-150-15 Datasheet
614Kb / 4P
   100W Single Output with PFC Function
logo
Tumbler Technologies + ...
LPP-150-15 TRUMPOWER-LPP-150-15 Datasheet
369Kb / 2P
   Single Output Switching Power Supplies With PFC
logo
Mean Well Enterprises C...
LPP-150-15 MEANWELL-LPP-150-15 Datasheet
287Kb / 2P
   150W Single Output with PFC Function L
More results

Similar Description - LPP-150-15

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RSP-150 MEANWELL-RSP-150 Datasheet
146Kb / 2P
   150W Single Output with PFC Function
HSP-150 MEANWELL-HSP-150 Datasheet
89Kb / 2P
   150W Single Output with PFC Function
HRPG-150 MEANWELL-HRPG-150_11 Datasheet
354Kb / 3P
   150W Single Output with PFC Function
ASP-150 MEANWELL-ASP-150_11 Datasheet
281Kb / 2P
   150W Single Output with PFC Function
logo
Astrodyne Corporation
SP150DRL ASTRODYNE-SP150DRL Datasheet
426Kb / 5P
   150W Single Output with PFC Function
logo
Mean Well Enterprises C...
ASP-150 MEANWELL-ASP-150_10 Datasheet
282Kb / 2P
   150W Single Output with PFC Function
EPP-150 MEANWELL-EPP-150_13 Datasheet
1Mb / 3P
   150W SINGLE OUTPUT WITH PFC FUNCTION
SPB-150 MEANWELL-SPB-150_11 Datasheet
341Kb / 3P
   150W Single Output with PFC Function
LPP-150 MEANWELL-LPP-150 Datasheet
284Kb / 2P
   150W Single Output with PFC Function
HRPG-150 MEANWELL-HRPG-150 Datasheet
583Kb / 3P
   150W Single Output with PFC Function
logo
Astrodyne Corporation
LPP150 ASTRODYNE-LPP150 Datasheet
344Kb / 4P
   150W Single Output with PFC Function
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com