Electronic Components Datasheet Search |
|
HB15CKW01-5C-CB Datasheet(PDF) 5 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
HB15CKW01-5C-CB Datasheet(HTML) 5 Page - Nihon Kaiheiki Industry Co. Ltd. |
5 / 6 page Series HB Subminiature Pushbuttons www.nkk.com D16 D Material: Polycarbonate Finish: Glossy JB CAP TYPES & COLORS LED COLORS & SPECIFICATIONS The electrical specifications shown are determined at a basic temperature of 25°C. LED circuit is isolated and requires external power source. Single element LED is colored in OFF state. If the source voltage exceeds the rated voltage, a ballast resistor is required. The resistor value can be calculated by using the formula in the Supplement section. Cap Colors Available: AT4052 Spot Illuminated Clear Lens/ White Diffuser Material: Polycarbonate Finish: Glossy Lens/Diffuser Colors Available: CB Red/White White Cap for Bright & Super Bright LEDs AB Colored Cap for Bright LEDs Black Cap with Translucent White Window for LED Display (7.4) Sq .291 (4.6) .181 (4.8) .189 (3.0) .118 (1.2) .047 (1.8) .071 FB Green/White DB Amber/White (4.8) .189 (4.5) .177 (7.4) Sq .291 (4.8) .189 (4.5) .177 (7.4) Dia .291 Transparent Colored Lens Translucent White Diffuser Colored LED AT633 Transparent Clear Lens Translucent White Diffuser Colored LEDs AT624, AT629, AT630, or AT633 (4.8) .189 (4.5) .177 (7.4) Sq .291 (4.8) .189 (4.5) .177 (7.4) Dia .291 Bright Super Bright Color Red Amber Green White Green Blue Unit Forward Peak Current I FM 30 30 25 30 30 30 mA Continuous Forward Current I F 20 20 20 20 20 20 mA Forward Voltage V F 1.85 2.0 2.2 3.6 3.5 3.6 V Reverse Peak Voltage V RM 5 5 5 5 5 5 V Current Reduction Rate Above 25°C ∆I F 0.40 0.42 0.38 0.50 0.50 0.50 mA/°C Ambient Temperature Range –25° ~ +50°C –25° ~ +50°C 5C 5D 5F 6F 6G Note for Super Bright: (+) (-) 6B Bright AT633 Super Bright AT624G Blue AT629B White AT630F Green T-1 Bi-pin ATTENTION ELECTROSTATIC SENSITIVE DEVICES Square only Material: Polycarbonate Finish: Matte AT4031 Square AT4032 Round A B E F Cap Colors Available: Nonilluminated Caps C G Material: Polycarbonate Finish: Glossy AT4166 Square AT4167 Round Color Codes: A Black B White C Red D Amber E Yellow F Green G Blue J Clear (4.5) .177 (4.8) .189 (7.4) Sq .291 (4.8) .189 (4.5) .177 (7.4) Dia .291 Black (Square Only) White Yellow Red AT4035 Square AT4036 Round Blue Green No Code No Lamp |
Similar Part No. - HB15CKW01-5C-CB |
|
Similar Description - HB15CKW01-5C-CB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |