Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JL15SKSDFP2 Datasheet(PDF) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # JL15SKSDFP2
Description  Illuminated Ultra-Thin Tactiles
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

JL15SKSDFP2 Datasheet(HTML) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

  JL15SKSDFP2 Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. JL15SKSDFP2 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. JL15SKSDFP2 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. JL15SKSDFP2 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
J
Series JL
Illuminated Ultra-Thin Tactiles
www.nkk.com
J47
Actual Size
Bright, full face illumination with choice of red, green, or amber LEDs.
Multiple LED arrays and interior reflectors enhance illumination
of the large, .75” (19mm) square actuator surface.
Distinctive design allows full face illumination
in extra low profile of 0.31” (7.85mm) from
PCB to top of switch.
Dome contact gives crisp tactile and audible
feedback with short stroke and assures high
reliability and long life of 1,000,000 operations.
Crimped terminals provide a spring type action to ensure
secure mounting and prevent dislodging during the soldering process.
Streamlined housing dimensions provide for compact, side-by-side
mounting on a standard grid.
Terminal spacing conforms to standard .100” (2.54mm) PCB grid.
Distinctive Characteristics
1
2
3
6
5
4
7
8
9
B
0
A
9
13
10
6
11
8
12
7
2
1
3
4
5
1
2
3
4
5
6
7
8
9
0
A
B
12 34 56 78 9101112 13
= ON
PC Terminations
1
2
3
6
5
4
7
8
9
B
0
A
1
2
6
7
3
4
5
1
2
3
4
5
6
7
8
9
0
A
B
12 34 56 7
= ON
PC Terminations
Common Bus Matrix
These single pole, single throw switches can be used in a key-
board matrix and, using strapped terminals, achieve a com-
mon bus electrical configuration on a single-sided PC board.
X-Y Matrix
These single pole, single throw switches can be
arranged on a single-sided PC board matrix
with strapped terminals to achieve an X-Y type
electrical interconnection.
Red = PCB Trace Black = Switch Circuit


Similar Part No. - JL15SKSDFP2

ManufacturerPart #DatasheetDescription
logo
GREATECS
JL15SKSDP2C GREATECS-JL15SKSDP2C Datasheet
1Mb / 6P
   Ultra-Thin Illuminated Tactile Switches
JL15SKSDP2D GREATECS-JL15SKSDP2D Datasheet
1Mb / 6P
   Ultra-Thin Illuminated Tactile Switches
JL15SKSDP2F GREATECS-JL15SKSDP2F Datasheet
1Mb / 6P
   Ultra-Thin Illuminated Tactile Switches
More results

Similar Description - JL15SKSDFP2

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
JF15RP1CC NKK-JF15RP1CC_10 Datasheet
243Kb / 6P
   Illuminated Ultra-Thin Process Sealed Tactiles
JF15CP1C NKK-JF15CP1C Datasheet
191Kb / 6P
   Ultra-Thin Process Sealed Tactiles
JF15RP1CC NKK-JF15RP1CC Datasheet
205Kb / 6P
   Ultra-Thin Process Sealed Tactiles
GW12LJPC NKK-GW12LJPC Datasheet
115Kb / 4P
   Ultra-Thin Fully Illuminated Paddles
logo
GREATECS
JL15SKSCCP2 GREATECS-JL15SKSCCP2 Datasheet
1Mb / 6P
   Ultra-Thin Illuminated Tactile Switches
logo
List of Unclassifed Man...
GW12LJPD ETC2-GW12LJPD Datasheet
387Kb / 4P
   Ultra-Thin Fully Illuminated Paddles
JB15HLPE ETC2-JB15HLPE Datasheet
418Kb / 7P
   Illuminated Low Profile Process Sealed Tactiles
logo
Nihon Kaiheiki Industry...
JB15LPC-B NKK-JB15LPC-B_10 Datasheet
178Kb / 6P
   Illuminated Low Profile Process Sealed Tactiles
logo
List of Unclassifed Man...
JB15LPC-JC ETC2-JB15LPC-JC Datasheet
481Kb / 6P
   Illuminated Low Profile Process Sealed Tactiles
logo
Nihon Kaiheiki Industry...
HP0215AFKP2-S NKK-HP0215AFKP2-S Datasheet
137Kb / 4P
   6mm Tactiles
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com