Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UB16RKW015C-CB Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # UB16RKW015C-CB
Description  Low Profile Pushbuttons
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

UB16RKW015C-CB Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  UB16RKW015C-CB Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. UB16RKW015C-CB Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. UB16RKW015C-CB Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. UB16RKW015C-CB Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. UB16RKW015C-CB Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. UB16RKW015C-CB Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. UB16RKW015C-CB Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. UB16RKW015C-CB Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. UB16RKW015C-CB Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Series UB
Low Profile Pushbuttons
www.nkk.com
D80
D
Cap Types & Colors
Terminals
01
Solder Lug*
(for Snap-in
Mounting)
03 Straight PC
Mounting Types
PCB Mounting
SK
Square
RK
Rectangular
* Snap-in Mounting
KK
Square
NK Rectangular
NBK Rectangular with
Side Barriers
* Standard with Solder
Lug terminals
Poles
1
SPDT
2
DPDT
LEDs
TYPICAL SWITCH ORDERING EXAMPLE
1
SK
G
03
5C
UB
Red, Bright LED & Red Lens
with Red Diffuser
SPDT ON-(ON) Circuit
Straight PC Terminals
Gold Contacts with
0.4VA Rating
Square
with PCB Mounting
CC
Circuits
5
ON
(ON)
( ) = Momentary
6
ON
ON
Alternate Action
with Latchdown
Contacts & Ratings
W Silver Rated 5A
@ 125/250V AC
G Gold Rated 0.4VA max
@ 28V AC/DC max
Super Bright LED
6B
White
6F
Green
6G
Blue
Available with
Square only
Bright LED
5C
Red
5D
Amber
5F
Green
5
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
UB15SKG035C-CC
Full Face Illuminated Cap
for Super Bright LED
JB Clear Lens/White Diffuser
AB Spot Illuminated Black Cap
with White Window
For Square only; see cap detail page
Full Face Illuminated Cap
for Bright LED
Lens/Diffuser Colors
CB Red/White
FF Green/Green
CC Red/Red
*FJ Green/Clear
*CJ Red/Clear
JB Clear/White
DB Amber/White
JC Clear/Red
DD Amber/Amber JD Clear/Amber
*DJ Amber/Clear
JF Clear/Green
FB Green/White
*JJ Clear/Clear
AB Square & Rectangular Spot Illumi-
nated Black Cap with White Window
* Not available with Rectangular cap
IMPORTANT:
Switches are supplied without UL,
cULus, & CSA markings unless specified.
Specific models & ratings noted on
General Specifications page.
Nonilluminated
N Nonilluminated
Nonilluminated Cap Colors
A
Black
E
Yellow
B
White
F
Green
C
Red
G
Blue
* Wire harness & cable assemblies
offered only in Americas


Similar Part No. - UB16RKW015C-CB

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
UB16RKW015C-CB NKK-UB16RKW015C-CB Datasheet
117Kb / 6P
   Low Profile Pushbutton Switches
More results

Similar Description - UB16RKW015C-CB

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
UB15SKW015C NKK-UB15SKW015C Datasheet
365Kb / 9P
   Low Profile Pushbuttons
UB215SKW01N-4JA NKK-UB215SKW01N-4JA Datasheet
271Kb / 7P
   Low Profile Pushbuttons
logo
GREATECS
UB15SKG035C-CB GREATECS-UB15SKG035C-CB Datasheet
291Kb / 6P
   Low Profile Pushbuttons
logo
Nihon Kaiheiki Industry...
UB15SKG035C-CC NKK-UB15SKG035C-CC Datasheet
960Kb / 10P
   Low Profile Pushbuttons
UB215SKW015C-1JB NKK-UB215SKW015C-1JB Datasheet
404Kb / 12P
   Low Profile Pushbuttons
SB221NO NKK-SB221NO Datasheet
115Kb / 3P
   Low/Medium Capacity Pushbuttons
logo
List of Unclassifed Man...
SB25B ETC2-SB25B Datasheet
115Kb / 3P
   Low/Medium Capacity Pushbuttons
logo
C&K Components
1.15108.4510000 CK-COMPONENTS-1.15108.4510000 Datasheet
1Mb / 83P
   Pushbuttons
logo
List of Unclassifed Man...
HB15SKW01-6G-JB ETC2-HB15SKW01-6G-JB Datasheet
379Kb / 6P
   Subminiature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SS1W NKK-MB2011SS1W Datasheet
238Kb / 8P
   Miniature Pushbuttons
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com