Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KP0115ANBKG03RGB-3FJB Datasheet(PDF) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # KP0115ANBKG03RGB-3FJB
Description  Miniature Audio/Video Pushbuttons
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

KP0115ANBKG03RGB-3FJB Datasheet(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

  KP0115ANBKG03RGB-3FJB Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. KP0115ANBKG03RGB-3FJB Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. KP0115ANBKG03RGB-3FJB Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. KP0115ANBKG03RGB-3FJB Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. KP0115ANBKG03RGB-3FJB Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. KP0115ANBKG03RGB-3FJB Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. KP0115ANBKG03RGB-3FJB Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. KP0115ANBKG03RGB-3FJB Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. KP0115ANBKG03RGB-3FJB Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Series KP
Miniature Audio/Video Pushbuttons
www.nkk.com
D39
D
Plunger Position
( ) = Momentary
Connected Terminals
Throw & Switch Schematic
Pole
Model
Normal
Down
Normal
Down
Note: Switch terminals “1” & “1a” are actually
marked on the switch.
SP
KP0115A
KP0215A
OFF
(ON)
Normally
Open
1-1a
SPST
POLE & CIRCUIT
ACTUATION
C
Tactile
KP01 or KP02
Gold Contacts
Straight PC Terminals
100mA @ 12V DC
G03
Black only
K
N
Nontactile
KP01 or KP02
HOUSING
CONTACTS, TERMINALS, & RATING
SUPER BRIGHT BICOLOR LED SPECIFICATIONS
Amber can be achieved by simultaneous illumination of Red & Green.
Tactile/Audible
KP02 only
S
The electrical specifications shown are determined at a basic temperature of 25°C.
Red
Green
Unit
Minimum Luminous Intensity
I
V
450
820
mcd
Standard Luminous Intensity
I
V
700
1100
mcd
Forward Peak Current
I
FM
30
(25 for amber)
25
(22 for amber)
mA
Continuous Forward Current
I
F
15
15
mA
Forward Voltage
V
F
2.1
3.2
V
Power Peak Dissipation
P
D
63
80
mW
Reverse Peak Voltage
V
RM
5
5
V
Wavelength at Peak Emission
λ
630 ~ 640
520 ~ 535
nm
Current Reduction Rate Above 25°C
∆I
F
0.40
0.36
mA/°C
Ambient Temperature Range
–25 ~ +50
°C
Colors
(+) COM
Red
Green
(–) L2
(–) L1
LEDs are an integral part of
the switch and are not avail-
able separately.
LED circuit is isolated and
requires an external power
source.
If the source voltage exceeds
the rated voltage, a ballast
resistor is required.
The resistor value can be
calculated by using the
formula in the Supplement
section.
1 (COM)
1a
ATTENTION
ELECTROSTATIC
SENSITIVE DEVICES
6CF


Similar Part No. - KP0115ANBKG03RGB-3FJB

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
KP0115ANBKG03RGB-3FJB NKK-KP0115ANBKG03RGB-3FJB Datasheet
320Kb / 9P
   Miniature Audio/Video Pushbuttons
More results

Similar Description - KP0115ANBKG03RGB-3FJB

ManufacturerPart #DatasheetDescription
logo
GREATECS
KP0115ACAKG03CF-1SJB GREATECS-KP0115ACAKG03CF-1SJB Datasheet
367Kb / 6P
   Miniature Audio/Video Pushbuttons
logo
Nihon Kaiheiki Industry...
KP0115ACAKG03CF-1FJB NKK-KP0115ACAKG03CF-1FJB Datasheet
320Kb / 9P
   Miniature Audio/Video Pushbuttons
HB215SKG03CE-JB NKK-HB215SKG03CE-JB_10 Datasheet
136Kb / 4P
   Subminiature Audio/Video Pushbuttons
logo
List of Unclassifed Man...
HB215SKG03CF-JB ETC2-HB215SKG03CF-JB Datasheet
276Kb / 4P
   Subminiature Audio/Video Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SS1W NKK-MB2011SS1W Datasheet
238Kb / 8P
   Miniature Pushbuttons
logo
List of Unclassifed Man...
KB15CKW01-12-FF ETC2-KB15CKW01-12-FF Datasheet
725Kb / 13P
   Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SB1W01 NKK-MB2011SB1W01 Datasheet
333Kb / 11P
   Miniature Pushbuttons
KB15SKW01 NKK-KB15SKW01 Datasheet
400Kb / 10P
   Miniature Pushbuttons
logo
GREATECS
KB15SKW01-05-GG GREATECS-KB15SKW01-05-GG Datasheet
457Kb / 11P
   Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SS1W01-CA NKK-MB2011SS1W01-CA Datasheet
204Kb / 8P
   Miniature Pushbuttons
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com