Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPS-120-48 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # MPS-120-48
Description  1~4 Output Medical Type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

MPS-120-48 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  MPS-120-48 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. MPS-120-48 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. MPS-120-48 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Specification
(Typ.)
(Typ.)
(Typ.)
ACINPUTVOLTAGE
ACINPUTCURRENT
INRUSHCURRENT
SETUP,RISETIME
HOLD-UP TIME
LEAKAGECURRENT
DCOUTPUT ADJ.RANGE
OVERLOADPROTECTION
OVERVOLTAGEPROTECTION
POWERGOOD/FAIL SIGNAL (OPTIONAL)
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
90~264VAC,47~440Hz/127~370VDC.
Maximuminputcurrent2.9A at115VAC,60Hzor
1.7A at230VAC,60Hzwith100%outputload.
Inrushcurrentislessthan22A at115VACorlessthan
45A at230VACundercoldstartconditions.Limiting
providedbyinternalthermistors.
MPS-120:
800ms,20ms/230VACatfullload
2000ms,50ms/115VACatfullload
MPD,T,Q-120:500ms,20ms/230VACatfullload
1200ms,50ms/115VACatfullload
80ms/230VACatfullload
14ms/115VACatfullload
Leakagecurrentislessthan180 A at264VAC
DCoutputvoltage(orCh1ofmultipleoutputmodels)
canbeadjustedbetween-5%~+10%ratedoutput
voltagebypotentialmeter.
Fullyprotectedagainstshortcircuitandoutputoverload.
Thehiccuptypeprotection willbeactivatedat110~150%
(ForMPD,T,Q-120),120~160%(ForMPS-120)ratedload
andrecoversautomaticallyafterfaultconditionis removed.
Providedonoutputchannel1onlyat115%~135%
ratedoutputvoltage.(120%~140%forMPS-120-15/24/48).
Outputwillbeshutdownwhenthisprotectionisactivated.
*MPS-120-3.3doesnothavethisoptionalfunction.
Wholeseriescanoperatefrom-20~70
.Pleaserefer
tothederatingcurves.
20~90%RHnon-condensing.
-40~+85
,10~90%RH
TTL logichighforpowergoodand TTL lowfor
powerfail.Whentheoutputvoltagereaches90%of
ratedvalue,a+5V TTL signalwillbesentoutwitha
10~500msdelay; Atleast1msbeforetheoutput
voltagegoesbelow90%oftheratedvalue,the TTL
signalwillbeturnedoff.
ComplianceLevel
EN55011,ClassB
EN55022,ClassB
EN61000-3-2
EN61000-3-3
ComplianceLevel
EN61000-4-2,
EN61000-4-2,
EN61000-4-3,
EN61000-4-4,
EN61000-4-5,
EN61000-4-6,
EN61000-4-8,
EN61000-4-11,
ENV50204,
Level3,8KV
Level2,4KV
Level2,3V/m
Level3,10V/m
Level2,1KV/5KHz
Level3,2KV/5KHz
Level4,2KV/Line-Line
4KV/Line-Earth
Level2,3Vrms/m
Level3,10Vrms/m
Level2,3A/m
Level3,10A/m
Compliance
Level2,3V/m,900MHz
Level3,10A/m,900MHz
1~4OutputMedical Type
1 2 0 WM e d i c a l series
Universal ACinput/Fullrange
Lowleakagecurrent<180 A
Protections:Shortcircuit/Overload/Overvoltage
UL60601-1medicalsafetyapproved
Withpowergoodandfailsignaloutput(Optional)
100%fullloadburn-intest
Fixedswitchingfrequencyat45KHz
3yearswarranty
Features
TEMP.COEFFICIENT
VIBRATION
SAFETY STANDARDS
:
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
EMICOMPLIANCE
EMSCOMPLIANCE
MTBF
DIMENSION(L*W*H)
PACKING
2Gofacceleration,vibratingfrequencyadjustfrom10Hz~500Hzwithina
10-minutecycle.6testingcycles(60minutes)eachalongX, Y,Zaxes.
Medical UL60601-1, TUVEN60601-1
approved
Commercial: AlsodesignrefertoUL60950-1, TUVEN60950-1
4000VACbetweeninputandoutput
1500VACbetweeninputandF.G.
500VACbetweenoutputandF.G.
EMISpecifications
EMSSpecification
ESDair
ESDcontact
RFfieldsusceptibility
EFT(ElectricalFast Transient)/Burst
Lightning/Surge
ConductedRFsusceptibility
Magneticfieldimmunity
Voltagedip,interruption
Digitalphonecarrierimmunity
262,100hoursmin.atfullloadand25
ofambienttemperature,
calculatedperMIL-HDBK-217F.
177.8x107.95x35.5mmor7"x4.25"x1.4"
0.55Kg;24pcs/14.5Kg/0.99CUFT
,
0.04%/
onalloutputsatfullloadbetween0~50
ofambienttemperature.
>100MOhmsforI/P-O/P,I/P-FG,O/P-FGbyusing500VDCtestvoltage.
Conducted&Radiation
Harmonicdistortion
Voltageflicker
IEC60601-1
FileName:120WMEDICAL-SPEC2011-03-31
EN60601-1
IEC60601-1


Similar Part No. - MPS-120-48

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
MPS-120-48 ASTRODYNE-MPS-120-48 Datasheet
390Kb / 3P
   120W 1~4 Output for Medical Type
logo
Mean Well Enterprises C...
MPS-120-48 MEANWELL-MPS-120-48 Datasheet
281Kb / 3P
   1~4 Output Medical Type
logo
XP Power Limited
MPS-120-48 XPPOWER-MPS-120-48 Datasheet
290Kb / 3P
   1~4 Output Medical Type
logo
Mean Well Enterprises C...
MPS-120-48 MEANWELL-MPS-120-48 Datasheet
283Kb / 3P
   1~4 Output Medical Type
MPS-120-48 MEANWELL-MPS-120-48 Datasheet
317Kb / 3P
   1~4 Output Medical Type
More results

Similar Description - MPS-120-48

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
MPD-200 MEANWELL-MPD-200_10 Datasheet
325Kb / 4P
   1~4 Output Medical Type
MPQ-200 MEANWELL-MPQ-200 Datasheet
325Kb / 4P
   1~4 Output Medical Type
MPD-120 MEANWELL-MPD-120 Datasheet
281Kb / 3P
   1~4 Output Medical Type
MPT-200 MEANWELL-MPT-200 Datasheet
325Kb / 4P
   1~4 Output Medical Type
MPS-120 MEANWELL-MPS-120 Datasheet
317Kb / 3P
   1~4 Output Medical Type
MPT-120 MEANWELL-MPT-120 Datasheet
289Kb / 3P
   1~4 Output Medical Type
MPD-200 MEANWELL-MPD-200 Datasheet
323Kb / 4P
   1~4 Output Medical Type
MPQ-200 MEANWELL-MPQ-200_12 Datasheet
341Kb / 4P
   1~4 Output Medical Type
MPQ-120 MEANWELL-MPQ-120 Datasheet
283Kb / 3P
   1~4 Output Medical Type
MPS-200 MEANWELL-MPS-200 Datasheet
325Kb / 4P
   1~4 Output Medical Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com