Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPS-65 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # MPS-65
Description  65W Single Output Medical Type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

MPS-65 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  MPS-65_11 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. MPS-65_11 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
MPS-65-3.3
MPS-65-5
MPS-65-7.5
MPS-65-12
MPS-65-13.5 MPS-65-15
MPS-65-24
MPS-65-27
MPS-65-48
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
HOLDUP TIME (Typ.)
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY(Typ.)
INPUT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
WORKINGHUMIDITY
WORKINGTEMP.
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
ACCURRENT (Typ.)
3.3V
5V
7.5V
12V
13.5V
15V
24V
27V
48V
12A
12A
8A
5.2A
4.7A
4.2A
2.7A
2.4A
1.35A
0~15.2A
0~13.8A
0~9.6A
0~6A
0~5.4A
0~4.8A
0~3A
0~2.7A
0~1.5A
39.6W
60W
60W
62.4W
63.5W
63W
64.8W
64.8W
64.8W
72W(+3.3V:50W;+5V:69W)with18CFMmin.Forcedairconvection
80mVp-p
100mVp-p
100mVp-p
100mVp-p
100mVp-p
100mVp-p
100mVp-p
100mVp-p
100mVp-p
3.0%
3.0%
3.0%
2.0%
2.0%
2.0%
2.0%
2.0%
2.0%
2.0%
2.0%
2.0%
2.0%
2.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
3.0%
3.0%
3.0%
2.0%
90~264VAC127~370VDC
47~440Hz
66%
74%
76%
77%
78%
79%
80%
80%
80%
1.6A/115VAC0.9A/230VAC
COLDSTART 17A/115VAC35A/230VAC
<0.3mA /264VAC
73~105W(3.3V:51~75W)(5V:70~105W) ratedoutputpower
Protectiontype: Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
Protectiontype: Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
-20~+85
,10~95%RH
0.04%/
(0~50
10~500Hz,2G10min./1cycle,periodfor60min. eachalongX, Y,Zaxes
359.7Khrsmin.MIL-HDBK-217F(25
)
127*76*42mm(L*W*H)
0.23Kg;54pcs/14.6Kg/1.35CUFT
FileName:MPS-65-SPEC2011-03-31
800ms,30ms/230VAC800ms,30ms/115VACatfullload
50ms/230VAC16ms/115VACatfullload
-10~+60
(Refertooutputloadderatingcurve)
20~90%RHnon-condensing
SAFETY STANDARDS
HARMONICCURRENT
EMSIMMUNITY
UL2601-1, TUVEN60601-1,IEC60601-1approved
CompliancetoEN55011(CISPR11)ClassB
Complianceto EN61000-3-2,-3
Complianceto EN61000-4-2,3,4,5,6,8,11;ENV50204,EN60601-1-2,medicallevel,criteria A
65WSingleOutputMedical Type
M P S - 6 5 series
Universal AC input / Full range
Low leakage current
0.3mA
Protections: Short circuit / Overload / Over voltage
Cooling by free air convection
100% full load burn-in test
Fixed switching frequency at 45KHz
3 years warranty
Features :
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:4KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG:100MOhms/500VDC /25
/70%RH
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
ENVIRONMENT
SAFETY &
EMC
(Note4)
PROTECTION
EMICONDUCTION&RADIATION
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
5. Mounting holes M1 and M2 should be grounded for EMI purposes.
6. Heat Sink HS1,HS2 can not be shorted.
For guidance on how to perform these EMC tests, please refer to “EMI testing of component power supplies.”
(as available on http://www.meanwell.com)
OUTPUTPOWER(max.)
3.8~4.46V
5.75~6.75V 8.63~10.1V 13.8~16.2V 15.5~18.2V 17.25~20.25V 27.6~32.4V 31~36.45V
55.2~64.8V
VOLTAGE ADJ.RANGE
2.97~3.63V 4.5~5.5V
6.75~8.25V 10.8~13.2V 12.2~14.85V 13.5~16.5V
21.6~26.4V 24.3~29.7V
43.2~52.8V
EN60601-1
IEC60601-1


Similar Part No. - MPS-65_11

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
MPS-65_1112 MEANWELL-MPS-65_1112 Datasheet
354Kb / 2P
   65W Single Output Medical Type
More results

Similar Description - MPS-65_11

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MPS-65 TOTAL-POWER-MPS-65 Datasheet
343Kb / 2P
   65W Single Output Medical Type
logo
Mean Well Enterprises C...
MPS-65 MEANWELL-MPS-65 Datasheet
335Kb / 2P
   65W Single Output Medical Type
MPS-65_1112 MEANWELL-MPS-65_1112 Datasheet
354Kb / 2P
   65W Single Output Medical Type
RPS-65 MEANWELL-RPS-65 Datasheet
102Kb / 4P
   65W Single Output Medical Type
logo
Astrodyne Corporation
MPS65 ASTRODYNE-MPS65 Datasheet
348Kb / 4P
   65W Single Output for Medical Type
MPS-65 ASTRODYNE-MPS-65 Datasheet
1Mb / 6P
   65W Single Output for Medical Type
logo
Mean Well Enterprises C...
MPT-65_1112 MEANWELL-MPT-65_1112 Datasheet
355Kb / 2P
   65W Triple Output Medical Type
MPT-65 MEANWELL-MPT-65 Datasheet
337Kb / 2P
   65W Triple Output Medical Type
MPT-65 MEANWELL-MPT-65_11 Datasheet
340Kb / 2P
   65W Triple Output Medical Type
MPD-65 MEANWELL-MPD-65_11 Datasheet
338Kb / 2P
   65W Dual Output Medical Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com