Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9505 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCA9505
Description  40-bit I2C-bus I/O port with RESET, OE and INT
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9505 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCA9505 Datasheet HTML 5Page - NXP Semiconductors PCA9505 Datasheet HTML 6Page - NXP Semiconductors PCA9505 Datasheet HTML 7Page - NXP Semiconductors PCA9505 Datasheet HTML 8Page - NXP Semiconductors PCA9505 Datasheet HTML 9Page - NXP Semiconductors PCA9505 Datasheet HTML 10Page - NXP Semiconductors PCA9505 Datasheet HTML 11Page - NXP Semiconductors PCA9505 Datasheet HTML 12Page - NXP Semiconductors PCA9505 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
PCA9505_9506
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 4 — 3 August 2010
9 of 34
NXP Semiconductors
PCA9505/06
40-bit I2C-bus I/O port with RESET, OE and INT
7.3 Register definitions
Table 3.
Register summary
Register #
(hex)
D5
D4
D3
D2
D1
D0
Symbol
Access
Description
Input Port registers
00
000000
IP0
read only
Input Port register bank 0
01
000001
IP1
read only
Input Port register bank 1
02
000010
IP2
read only
Input Port register bank 2
03
000011
IP3
read only
Input Port register bank 3
04
000100
IP4
read only
Input Port register bank 4
05
000101
-
-
reserved for future use
06
000110
-
-
reserved for future use
07
000111
-
-
reserved for future use
Output Port registers
08
001000
OP0
read/write
Output Port register bank 0
09
001001
OP1
read/write
Output Port register bank 1
0A
001010
OP2
read/write
Output Port register bank 2
0B
001011
OP3
read/write
Output Port register bank 3
0C
001100
OP4
read/write
Output Port register bank 4
0D
001101
-
-
reserved for future use
0E
001110
-
-
reserved for future use
0F
001111
-
-
reserved for future use
Polarity Inversion registers
10
010000
PI0
read/write
Polarity Inversion register bank 0
11
010001
PI1
read/write
Polarity Inversion register bank 1
12
010010
PI2
read/write
Polarity Inversion register bank 2
13
010011
PI3
read/write
Polarity Inversion register bank 3
14
010100
PI4
read/write
Polarity Inversion register bank 4
15
010101
-
-
reserved for future use
16
010110
-
-
reserved for future use
17
010111
-
-
reserved for future use
I/O Configuration registers
18
011000
IOC0
read/write
I/O Configuration register bank 0
19
011001
IOC1
read/write
I/O Configuration register bank 1
1A
011010
IOC2
read/write
I/O Configuration register bank 2
1B
011011
IOC3
read/write
I/O Configuration register bank 3
1C
011100
IOC4
read/write
I/O Configuration register bank 4
1D
011101
-
-
reserved for future use
1E
011110
-
-
reserved for future use
1F
011111
-
-
reserved for future use


Similar Part No. - PCA9505

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9505 NXP-PCA9505 Datasheet
180Kb / 31P
   40-bit I2C-bus I/O port with RESET, OE and INT
Rev. 03-6 June 2007
PCA9505 NXP-PCA9505 Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
PCA9505DGG NXP-PCA9505DGG Datasheet
180Kb / 31P
   40-bit I2C-bus I/O port with RESET, OE and INT
Rev. 03-6 June 2007
More results

Similar Description - PCA9505

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9505 NXP-PCA9505 Datasheet
180Kb / 31P
   40-bit I2C-bus I/O port with RESET, OE and INT
Rev. 03-6 June 2007
PCA9506 PHILIPS-PCA9506 Datasheet
162Kb / 30P
   40-bit I2C-bus I/O port with RESET, OE, and INT
Rev. 01-14 February 2006
PCA9698 PHILIPS-PCA9698 Datasheet
232Kb / 47P
   40-bit Fm I2C-bus advanced I/O port with RESET, OE and INT
Rev. 02-19 July 2006
PCA9698 NXP-PCA9698_10 Datasheet
374Kb / 48P
   40-bit Fm I2C-bus advanced I/O port with RESET, OE and INT
Rev. 3-3 August 2010
PCA9557 NXP-PCA9557 Datasheet
162Kb / 26P
   8-bit I2C-bus and SMBus I/O port with reset
Rev. 06-11 June 2008
PCA9538A NXP-PCA9538A Datasheet
2Mb / 37P
   Low-voltage 8-bit I2C-bus I/O port with interrupt and reset
Rev. 1-28 September 2012
PCA9539A NXP-PCA9539A Datasheet
2Mb / 39P
   Low-voltage 16-bit I2C-bus I/O port with interrupt and reset
Rev. 1-26 September 2012
PCA9538 NXP-PCA9538 Datasheet
169Kb / 28P
   8-bit I2C-bus and SMBus low power I/O port with interrupt and reset
Rev. 05-28 May 2009
PCA9539 NXP-PCA9539 Datasheet
191Kb / 31P
   16-bit I2C-bus and SMBus low power I/O port with interrupt and reset
Rev. 05-28 July 2008
PCA9537DP.118 NXP-PCA9537DP.118 Datasheet
143Kb / 24P
   4-bit I2C-bus and SMBus low power I/O port with interrupt and reset
Rev. 05-7 May 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com