Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9306GD1 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCA9306GD1
Description  Dual bidirectional I2C-bus and SMBus voltage-level translator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9306GD1 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCA9306GD1 Datasheet HTML 7Page - NXP Semiconductors PCA9306GD1 Datasheet HTML 8Page - NXP Semiconductors PCA9306GD1 Datasheet HTML 9Page - NXP Semiconductors PCA9306GD1 Datasheet HTML 10Page - NXP Semiconductors PCA9306GD1 Datasheet HTML 11Page - NXP Semiconductors PCA9306GD1 Datasheet HTML 12Page - NXP Semiconductors PCA9306GD1 Datasheet HTML 13Page - NXP Semiconductors PCA9306GD1 Datasheet HTML 14Page - NXP Semiconductors PCA9306GD1 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
PCA9306
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 6 — 25 November 2010
11 of 26
NXP Semiconductors
PCA9306
Dual bidirectional I2C-bus and SMBus voltage-level translator
[1]
+10 % to compensate for VCC range and resistor tolerance.
11.2.1 Maximum frequency calculation
The maximum frequency is totally dependent upon the specifics of the application and the
device can operate > 33 MHz. Basically, the PCA9306 behaves like a wire with the
additional characteristics of transistor device physics and should be capable of performing
at higher frequencies if used correctly.
Here are some guidelines to follow that will help maximize the performance of the device:
Keep trace length to a minimum by placing the PCA9306 close to the processor.
The trace length should be less than half the time of flight to reduce ringing and
reflections.
The faster the edge of the signal, the higher the chance for ringing.
The higher the drive strength (up to 15 mA), the higher the frequency the device can
use.
In a 3.3 V to 1.8 V direction level shift, if the 3.3 V side is being driven by a totem pole type
driver no pull-up resistor is needed on the 3.3 V side. The capacitance and line length of
concern is on the 1.8 V side since it is driven through the ON resistance of the PCA9306.
If the line length on the 1.8 V side is long enough there can be a reflection at the
chip/terminating end of the wire when the transition time is shorter than the time of flight of
the wire because the PCA9306 looks like a high-impedance compared to the wire. If the
wire is not too long and the lumped capacitance is not excessive the signal will only be
slightly degraded by the series resistance added by passing through the PCA9306. If the
lumped capacitance is large the rise time will deteriorate, the fall time is much less
affected and if the rise time is slowed down too much the duty cycle of the clock will be
degraded and at some point the clock will no longer be useful. So the principle design
consideration is to minimize the wire length and the capacitance on the 1.8 V side for the
clock path. A pull-up resistor on the 1.8 V side can also be used to trade a slower fall time
for a faster rise time and can also reduce the overshoot in some cases.
Table 10.
Pull-up resistor values
Calculated for VOL = 0.35 V; assumes output driver VOL = 0.175 V at stated current.
Vpu(D)
Pull-up resistor value (
Ω)
15 mA
10 mA
3mA
Nominal
+10 %[1]
Nominal
+10 %[1]
Nominal
+10 %[1]
5 V
310
341
465
512
1550
1705
3.3 V
197
217
295
325
983
1082
2.5 V
143
158
215
237
717
788
1.8 V
97
106
145
160
483
532
1.5 V
77
85
115
127
383
422
1.2 V
57
63
85
94
283
312


Similar Part No. - PCA9306GD1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9306GD1 NXP-PCA9306GD1 Datasheet
232Kb / 26P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 05-19 March 2010
More results

Similar Description - PCA9306GD1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9306 TI-PCA9306_08 Datasheet
431Kb / 16P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
PCA9306 TI-PCA9306 Datasheet
205Kb / 13P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
PCA9306DQER TI1-PCA9306DQER Datasheet
1Mb / 22P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
logo
Union Semiconductor, In...
UM3212 UNIONSEMI-UM3212_15 Datasheet
285Kb / 11P
   Dual Bidirectional I2C-Bus and SMBus Voltage-Level Translator
logo
ON Semiconductor
NLA9306 ONSEMI-NLA9306 Datasheet
235Kb / 12P
   Dual Bidirectional I2C-bus and SMBus Voltage-Level Translator
August, 2019 ??Rev. 1
logo
NXP Semiconductors
PCA9306 NXP-PCA9306_V01 Datasheet
580Kb / 37P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 9.2 - 25 October 2022
PCA9306 PHILIPS-PCA9306 Datasheet
123Kb / 21P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 02-21 February 2007
PCA9306 NXP-PCA9306_V02 Datasheet
619Kb / 38P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 9.3 - 14 November 2022
logo
Global Mixed-mode Techn...
G3401 GMT-G3401 Datasheet
46Kb / 1P
   Dual Bidirectional I2C Bus and SMBus Voltage- Level Translator
logo
Texas Instruments
PCA9306-Q1 TI1-PCA9306-Q1 Datasheet
217Kb / 12P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com