Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HB15SKW01-F Datasheet(PDF) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # HB15SKW01-F
Description  Subminiature Pushbuttons
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

HB15SKW01-F Datasheet(HTML) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

  HB15SKW01-F Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. HB15SKW01-F Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. HB15SKW01-F Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. HB15SKW01-F Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. HB15SKW01-F Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. HB15SKW01-F Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Series HB
Subminiature Pushbuttons
www.nkk.com
D12
D
General Specifications
Electrical Capacity (Resistive Load)
Power Level (silver):
0.1A maximum @ 30V AC/DC
Other Ratings
Contact Resistance:
50 milliohms maximum
Insulation Resistance:
100 megohms minimum @ 500V DC
Dielectric Strength:
500V AC minimum for 1 minute minimum
Mechanical Life:
100,000 operations minimum
Electrical Life:
50,000 operations minimum
Nominal Operating Force:
3.43N
Contact Timing:
Nonshorting (break before make)
Travel:
Pretravel .087” (2.2mm); Overtravel .031” (0.8mm); Total Travel .118” (3.0mm)
Materials & Finishes
Housing:
Glass fiber reinforced polyamide
Base:
Glass fiber reinforced polyamide
Movable Contact:
Phosphor bronze with silver plating
Stationary Contacts:
Phosphor bronze with silver plating
Common Terminal:
Phosphor bronze with silver plating
End Terminals:
Phosphor bronze with silver plating
Lamp Terminals:
Phosphor bronze with silver plating
Environmental Data
Operating Temperature Range:
–25°C through +50°C (–13°F through +122°F) for Illuminated
–25°C through +70°C (–13°F through +158°F) for Nonilluminated
Humidity:
90 ~ 95% humidity for 96 hours @ 40°C (104°F)
Vibration:
10 ~ 55Hz with peak-to-peak amplitude of 1.5mm traversing the frequency range & returning
in 1 minute; 3 right angled directions for 2 hours
Shock:
50G (490m/s2) acceleration (tested in 6 right angled directions, with 5 shocks in each direction)
Installation
Mounting Torque:
0.49Nm (4.34 lbin) maximum for round mounting nut
Cap Installation Force:
9.8N (2.2 lbf) maximum downward force on cap
Soldering Time & Temperature:
Manual Soldering: See Profile A in Supplement section
.
Standards & Certifications
UL:
File No. E44145
All models recognized at 0.1A @ 30V AC/DC.
Add “/U” to end of part number to order UL mark on switch.
Add “/CUL” to end of part number to order cULus mark on switch.


Similar Part No. - HB15SKW01-F

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
HB15SKW01-F NKK-HB15SKW01-F Datasheet
133Kb / 4P
   Subminiature Pushbuttons
HB15SKW01-F NKK-HB15SKW01-F Datasheet
177Kb / 6P
   General Specifications
More results

Similar Description - HB15SKW01-F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HB15SKW01-6G-JB ETC2-HB15SKW01-6G-JB Datasheet
379Kb / 6P
   Subminiature Pushbuttons
logo
Nihon Kaiheiki Industry...
HB15SKW01-A NKK-HB15SKW01-A Datasheet
133Kb / 4P
   Subminiature Pushbuttons
HB15SKW01-5C-AB NKK-HB15SKW01-5C-AB Datasheet
182Kb / 6P
   Subminiature Pushbuttons
HB215SKG03CE-JB NKK-HB215SKG03CE-JB_10 Datasheet
136Kb / 4P
   Subminiature Audio/Video Pushbuttons
logo
List of Unclassifed Man...
HB215SKG03CF-JB ETC2-HB215SKG03CF-JB Datasheet
276Kb / 4P
   Subminiature Audio/Video Pushbuttons
logo
Nihon Kaiheiki Industry...
AB11AP-FA NKK-AB11AP-FA Datasheet
241Kb / 6P
   Process Sealed Subminiature Pushbuttons
NP0115AG03LC-JB NKK-NP0115AG03LC-JB Datasheet
940Kb / 6P
   Subminiature Smooth Actuation Pushbuttons
NP0115AG03LC-JB NKK-NP0115AG03LC-JB_10 Datasheet
184Kb / 6P
   Subminiature Smooth Actuation Pushbuttons
BB15AP-FA NKK-BB15AP-FA Datasheet
232Kb / 6P
   Process Sealed Subminiature Antistatic Pushbuttons
logo
C&K Components
1.15108.4510000 CK-COMPONENTS-1.15108.4510000 Datasheet
1Mb / 83P
   Pushbuttons
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com