Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EZ1086CT Datasheet(PDF) 1 Page - Semtech Corporation

Part # EZ1086CT
Description  1.5 AMP POSITIVE VOLTAGE REGULATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

EZ1086CT Datasheet(HTML) 1 Page - Semtech Corporation

  EZ1086CT Datasheet HTML 1Page - Semtech Corporation EZ1086CT Datasheet HTML 2Page - Semtech Corporation EZ1086CT Datasheet HTML 3Page - Semtech Corporation EZ1086CT Datasheet HTML 4Page - Semtech Corporation EZ1086CT Datasheet HTML 5Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
1.5 AMP POSITIVE
VOLTAGE REGULATOR
EZ1086BC, EZ1086C
& EZ1086I
October 3, 2000
1
FEATURES
•= Low dropout voltage: 1.3V max. for EZ1086C,
1.4V max. for EZ1086I, 1.45V max. for EZ1086BC
•= Full current rating over line and temperature
•= Fast transient response
•= ±2% total output regulation over line, load and
temperature (±2.4% for EZ1086BC)
•= Adjust pin current max 90µA over temperature
•= Fixed/adjustable output voltage (EZ1086C)
•= Line regulation typically 0.015%
•= Load regulation typically 0.05%
•= Industrial temperature range (EZ1086I)
•= TO-220 and TO-263 packages
DESCRIPTION
The EZ1086 series of high performance positive
voltage regulators are designed for use in applications
requiring low dropout performance at full rated current.
Additionally, the EZ1086 series provides excellent
regulation over variations in line, load and temperature.
Outstanding features include low dropout performance
at rated current, fast transient response, internal
current limiting and thermal shutdown protection of the
output device.
A variety of options are available for maximum
flexibility: the EZ1086C has both fixed and adjustable
voltage options and is designed for use in commercial
applications; the EZ1086BC is adjustable only for cost
sensitive commercial applications; the EZ1086I is
adjustable only for industrial applications. All devices
are available in the popular TO-220 and TO-263
packages.
TEL:805-498-2111 FAX:805-498-3804 WEB:http://www.semtech.com
APPLICATIONS
•= Post regulators
•= Battery chargers
Notes:
(1) Where X.X denotes voltage options (EZ1086C
only). Available voltages are: 2.5V, 3.3V and 3.45V.
Leave blank for adjustable version (1.3 to 5.7V).
Contact factory for additional voltage options.
(2) Where C and I denote Commercial (0°C to 70°C)
and Industrial (-40°C to 85°C) ambient temperature
ranges.
(3) Only available in tape and reel packaging. A reel
contains 800 devices.
(4) Only available in tube packaging. A tube contains
50 devices.
ORDERING INFORMATION
DEVICE
(1)(2)
PACKAGE
EZ1086BCM.TR
EZ1086CM-X.X.TR
EZ1086IM.TR
TO-263
(3)
EZ1086BCT
EZ1086CT-X.X
EZ1086IT
TO-220
(4)
TYPICAL APPLICATIONS
VIN > 4.75V
VOUT = 3.3V
VIN > 4.75V
VOUT = 3.45V
U1
EZ1086
3
2
1
IN
OUT/TAB
ADJ
U1
EZ1086-3.3
3
2
1
IN
OUT/TAB
GND
+
C1
10uF
+
C2
10uF Tant.
+
C2
10uF Tant.
+
C1
10uF
R1
133 Ohm
R2
232 Ohm
Fixed Voltage Regulator
Adjustable Voltage Regulator
Notes:
(1) C1 required if device is far from filter capacitors
(2) C2 required for stability


Similar Part No. - EZ1086CT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
EZ1086CT-X.X SEMTECH-EZ1086CT-X.X Datasheet
156Kb / 6P
   1.5 Amp Positive Voltage Regulator
EZ1086CT-X.XT SEMTECH-EZ1086CT-X.XT Datasheet
156Kb / 6P
   1.5 Amp Positive Voltage Regulator
More results

Similar Description - EZ1086CT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
EZ1086C SEMTECH-EZ1086C_16 Datasheet
159Kb / 6P
   1.5 Amp Positive Voltage Regulator
EZ1086C SEMTECH-EZ1086C_06 Datasheet
156Kb / 6P
   1.5 Amp Positive Voltage Regulator
logo
Seme LAB
LT1086220M05 SEME-LAB-LT1086220M05 Datasheet
27Kb / 3P
   LOW DROPOUT 1.5 AMP POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
OM7620ST ETC1-OM7620ST Datasheet
37Kb / 4P
   1.5 AMP HIGH VOLTAGE POSITIVE ADJUSTABLE REGULATOR
logo
Sensitron
SHD526050 SENSITRON-SHD526050 Datasheet
43Kb / 2P
   POSITIVE ADJUSTABLE 1.5 AMP REGULATOR
OM1321ST SENSITRON-OM1321ST Datasheet
70Kb / 3P
   POSITIVE ADJUSTABLE 1.5 AMP REGULATOR
logo
List of Unclassifed Man...
SHD526030 ETC2-SHD526030 Datasheet
64Kb / 3P
   POSITIVE ADJUSTABLE 1.5 AMP REGULATOR
logo
Sensitron
SHD526030 SENSITRON-SHD526030 Datasheet
69Kb / 3P
   POSITIVE ADJUSTABLE 1.5 AMP REGULATOR
SHD519030 SENSITRON-SHD519030 Datasheet
48Kb / 2P
   POSITIVE ADJUSTABLE 1.5 AMP REGULATOR
logo
List of Unclassifed Man...
OM7646SM ETC1-OM7646SM Datasheet
26Kb / 2P
   SURFACE MOUNT POSITIVE ADJUSTABLE 1.5 AMP VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com