Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EZ1585CT Datasheet(PDF) 2 Page - Semtech Corporation

Part # EZ1585CT
Description  4.6 AMP LOW DROPOUT POSITIVE VOLTAGE REGULATORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

EZ1585CT Datasheet(HTML) 2 Page - Semtech Corporation

  EZ1585CT Datasheet HTML 1Page - Semtech Corporation EZ1585CT Datasheet HTML 2Page - Semtech Corporation EZ1585CT Datasheet HTML 3Page - Semtech Corporation EZ1585CT Datasheet HTML 4Page - Semtech Corporation EZ1585CT Datasheet HTML 5Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
© 1999 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
4.6 AMP LOW DROPOUT
POSITIVE VOLTAGE REGULATORS
EZ1585
November 22, 1999
2
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, Adj V
IN = 2.75V to 7.0V and Adj IO = 10mA to 4.6A;
Fixed V
IN = 4.75 to 7.0V and Fixed IO = 0 mA to 4.6A
NOTES:
(1) Low duty cycle pulse testing with Kelvin connections required.
(2)
∆V
OUT, ∆VREF = 1%
(3) Bandwidth of 10 Hz to 10 kHz.
(4) 120 Hz input ripple (C
ADJ for ADJ = 25µF).
(5) Over Temp. (O.T.) = over specified operating junction temperature range.
Test Conditions
Test Limits
Parameter
Symbol
V
IN
I
O
T
J
(5)
Min
Typ
Max
Units
Output Voltage
(1)
V
O
5V
10mA
25°C
0.99lV
OlVO
1.01lV
OlV
Fixed Voltage Version
O.T.
0.98lV
OlVO
1.02lV
Ol
Reference Voltage
(1)
V
REF
5V
10mA
25°C
1.238
1.250
1.262
V
Adj Voltage Version
O.T.
1.225
1.250
1.275
Line Regulation
(1)
REG
(LINE)
25°C
0.015
0.2
%
Fixed Voltage Version
0mA
O.T.
0.035
0.2
Adj Voltage Version
10mA
O.T.
0.035
0.2
Load Regulation
(1)
REG
(LOAD)
5V
25°C
0.05
0.3
%
O.T.
0.2
0.4
Dropout Voltage
(2)
V
D
25°C
1
V
EZ1585
O.T.
1.1
1.3
Current Limit
I
CL
O.T.
4.7
7.5
A
Quiescent Current
Fixed Voltage Version
I
Q
5V
O.T.
10
13
mA
Temperature Coefficient
T
C
O.T.
0.005
%/°C
Adjust Pin Current
I
ADJ
25°C
55
µA
O.T.
90
Adjust Pin Current
Change
∆I
ADJ
O.T.
0.2
5
µA
Temperature Stability
T
S
5V
0.5A
O.T.
0.5
%
Minimum Load Current
Adj Voltage Version
I
O
5V
O.T.
5
10
mA
RMS Output Noise
(3)
V
N
25°C
0.003
%V
O
Ripple Rejection Ratio
(4)
R
A
5V
4.6A
O.T.
60
72
dB


Similar Part No. - EZ1585CT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
EZ1585CT-1.3 SEMTECH-EZ1585CT-1.3 Datasheet
156Kb / 6P
   4.6 Amp Positive Voltage Regulator
EZ1585CT-1.3T SEMTECH-EZ1585CT-1.3T Datasheet
156Kb / 6P
   4.6 Amp Positive Voltage Regulator
EZ1585CT-5.7 SEMTECH-EZ1585CT-5.7 Datasheet
156Kb / 6P
   4.6 Amp Positive Voltage Regulator
EZ1585CT-5.7T SEMTECH-EZ1585CT-5.7T Datasheet
156Kb / 6P
   4.6 Amp Positive Voltage Regulator
EZ1585CT-X.X SEMTECH-EZ1585CT-X.X Datasheet
156Kb / 6P
   4.6 Amp Positive Voltage Regulator
More results

Similar Description - EZ1585CT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
EZ1587 SEMTECH-EZ1587 Datasheet
86Kb / 5P
   3.0 AMP LOW DROPOUT POSITIVE VOLTAGE REGULATORS
EZ1584C SEMTECH-EZ1584C Datasheet
89Kb / 5P
   7.0 AMP LOW DROPOUT POSITIVE VOLTAGE REGULATORS
logo
List of Unclassifed Man...
PJ1086 ETC-PJ1086 Datasheet
290Kb / 6P
   1.5 Amp Low Dropout Positive Voltage Regulators
logo
Semtech Corporation
EZ1585B SEMTECH-EZ1585B Datasheet
69Kb / 4P
   5.0 AMP LOW DROPOUT POSITIVE VOLTAGE REGULATORS
EZ1588 SEMTECH-EZ1588 Datasheet
97Kb / 4P
   2.0 AMP LOW DROPOUT POSITIVE VOLTAGE REGULATORS
EZ1584 SEMTECH-EZ1584 Datasheet
63Kb / 4P
   7.0 AMP LOW DROPOUT POSITIVE VOLTAGE REGULATORS
EZ1584C SEMTECH-EZ1584C_10 Datasheet
168Kb / 5P
   7.0 Amp Low Dropout Positive Voltage Regulators
EZ1585C SEMTECH-EZ1585C Datasheet
156Kb / 6P
   4.6 Amp Positive Voltage Regulator
logo
Diotec Semiconductor
LDI812C-3.3SFA DIOTEC-LDI812C-3.3SFA Datasheet
666Kb / 3P
   Low Dropout Positive Fixed Voltage Regulators Low-Dropout Positive Festspannungsregler
logo
M.S. Kennedy Corporatio...
5000 MSK-5000 Datasheet
352Kb / 5P
   DUAL POSITIVE/NEGATIVE, 3 AMP, LOW DROPOUT FIXED VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com