Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M2123TFW021 Datasheet(PDF) 9 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # M2123TFW021
Description  LED Tipped Toggles
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

M2123TFW021 Datasheet(HTML) 9 Page - Nihon Kaiheiki Industry Co. Ltd.

Back Button M2123TFW021 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. M2123TFW021 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. M2123TFW021 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. M2123TFW021 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. M2123TFW021 Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. M2123TFW021 Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. M2123TFW021 Datasheet HTML 10Page - Nihon Kaiheiki Industry Co. Ltd. M2123TFW021 Datasheet HTML 11Page - Nihon Kaiheiki Industry Co. Ltd. M2123TFW021 Datasheet HTML 12Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Series M2100
LED Tipped Rockers & Paddles
www.nkk.com
B94
B
LED COLORS & SPECIFICATIONS
Single Element LED
Rockers
Paddles
Single Color
Bicolor
Single Color
Bicolor
Units
Red
Yellow Green Red/Green
Red
Yellow Green Red/Green
Forward Peak Current
I
FM
25
30
30
25
10
30
30
30/25
mA
Continuous Forward Current
I
F
20
20
20
20
8
24
24
20/20
mA
Forward Voltage
V
F
2.1
2.1
2.1
2.1
1.9
2.0
2.1
2.0/2.2
V
Reverse Peak Voltage
V
RM
4
4
4
–––
5
5
5
–––
V
Current Reduction Rate Above 25°C
∆I
F
0.33
0.40
0.40
0.33/0.33
0.13
0.40
0.40
0.43/0.38 mA/°C
Ambient Temperature Range
–10° ~ +55°C
–25° ~ +70°C
LED factory assembled
Not available separately
Bicolor LED is translucent
white when unlit.
CF
CF
C
F
E
C
E
F
Color
Model
Pole & Throw
Toggle Position & Terminal Numbers
Schematics
Down
Center
Up
Notes: Terminal numbers are not actually on the switch.
LEDs require an external power source.
M2112
SPDT
ON
2-3
NONE
NONE
ON
2-1
Isolated LEDs (see schematics)
Connected LED Terminals
Synchronous Single Color LED
Connected LED Terminals
Synchronous Bicolor LED
Connected LED Terminals
ON
4-6
ON
4-6
Red
5-6
NONE
NONE
NONE
NONE
NONE
NONE
ON
4-6
OFF
OPEN
Green
5-4
M2113
SPDT
ON
2-3
OFF
OPEN
ON
2-1
Isolated LEDs (see schematics)
Connected LED Terminals
Synchronous Single Color LED
Connected LED Terminals
Synchronous Bicolor LED
Connected LED Terminals
ON
4-6
ON
4-6
Red
5-6
ON
4-6
OFF
OPEN
OFF
OPEN
ON
4-6
ON
4-6
Green
5-4
M2122
DPDT
ON
2-3 5-6
NONE
NONE
ON
2-1 5-4
Isolated LEDs (see schematics)
Connected LED Terminals
Synchronous Single Color LED
Connected LED Terminals
Synchronous Bicolor LED
Connected LED Terminals
ON
7-9
ON
7-9
Red
8-9
NONE
NONE
NONE
NONE
NONE
NONE
ON
7-9
OFF
OPEN
Green
8-7
M2123
DPDT
ON
2-3 5-6
OFF
OPEN
ON
2-1 5-4
Isolated LEDs (see schematics)
Connected LED Terminals
Synchronous Single Color LED
Connected LED Terminals
Synchronous Bicolor LED
Connected LED Terminals
ON
7-9
ON
7-9
Red
8-9
ON
7-9
OFF
OPEN
OFF
OPEN
ON
7-9
ON
7-9
Green
8-7
POLES & CIRCUITS & LED ILLUMINATION
Isolated
Single Color
LED
Isolated
Bicolor LED
Synchronous
Single Color
LED
Synchronous
Bicolor LED
COM (+)
1
34
6
2 (COM)
5
Green
Red
External Connection
Connected Power Terminals
Connected Power Terminals
Connected Power Terminals
Connected Power Terminals
COM (+)
1
34
9
2 (COM)
5
67
8
Green
Red
External Connection
Isolated
Single Color
LED
Isolated
Bicolor LED
Synchronous
Single Color
LED
Synchronous
Bicolor LED
1
34 COM
6
2 (COM)
(+) Red
( ) Green
Red
Green
1
34
6
2 (COM)
L(+)
L(-)
16
79
2 (COM)
34
5
L(+)
L(-)
1
37
9
2 (COM)
4
6
5
L(+)
L(-)
1
34
2 (COM)
5
67 COM
9
(+) Red
( ) Green
Red
Green
1
34
6
2 (COM)
L(+)
L(-)


Similar Part No. - M2123TFW021

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
M2123TFW02 NKK-M2123TFW02 Datasheet
708Kb / 7P
   General Specifications
More results

Similar Description - M2123TFW021

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
M2112LCW NKK-M2112LCW Datasheet
292Kb / 8P
   LED Tipped Actuators
logo
List of Unclassifed Man...
28731 ETC1-28731 Datasheet
22Kb / 2P
   Super cut, Tungsten carbide tipped, Tungsten carbide tipped, Diamond coated
M2022SS2G13-BC ETC2-M2022SS2G13-BC Datasheet
215Kb / 7P
   Miniature Toggles
M2022ES1W01 ETC2-M2022ES1W01 Datasheet
1Mb / 12P
   Miniature Toggles
M2012S2A2G40 ETC2-M2012S2A2G40 Datasheet
343Kb / 10P
   Miniature Toggles
logo
Nihon Kaiheiki Industry...
TL22DCAW015C NKK-TL22DCAW015C Datasheet
139Kb / 5P
   Fully Illuminated Toggles
logo
List of Unclassifed Man...
M2013SS1W01 ETC2-M2013SS1W01 Datasheet
1Mb / 12P
   Miniature Toggles
M-2011L ETC2-M-2011L Datasheet
1Mb / 12P
   Miniature Toggles
logo
Nihon Kaiheiki Industry...
P2011 NKK-P2011 Datasheet
172Kb / 4P
   Internationally Approved Toggles
logo
List of Unclassifed Man...
A18AV ETC2-A18AV Datasheet
980Kb / 8P
   Process Sealed Subminiature Toggles
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com