Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMI07N50E Datasheet(PDF) 1 Page - Fuji Electric

Part # FMI07N50E
Description  N-CHANNEL SILICON POWER MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FMI07N50E Datasheet(HTML) 1 Page - Fuji Electric

  FMI07N50E Datasheet HTML 1Page - Fuji Electric FMI07N50E Datasheet HTML 2Page - Fuji Electric FMI07N50E Datasheet HTML 3Page - Fuji Electric FMI07N50E Datasheet HTML 4Page - Fuji Electric FMI07N50E Datasheet HTML 5Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
FMI07N50E
FUJI POWER MOSFET
Super FAP-E3 series
N-CHANNEL SILICON POWER MOSFET
Features
Maintains both low power loss and low noise
Lower RDS(on) characteristic
More controllable switching dv/dt by gate resistance
Smaller VGS ringing waveform during switching
Narrow band of the gate threshold voltage (3.0±0.5V)
High avalanche durability
Applications
Switching regulators
UPS (Uninterruptible Power Supply)
DC-DC converters
Maximum Ratings and Characteristics
Absolute Maximum Ratings at Tc=25°C (unless otherwise specified)
Description
Symbol
Characteristics
Unit
Remarks
Drain-Source Voltage
VDS
500
V
VDSX
500
V
VGS = -30V
Continuous Drain Current
ID
±6.5
A
Pulsed Drain Current
IDP
±26
A
Gate-Source Voltage
VGS
±30
V
Repetitive and Non-Repetitive Maximum Avalanche Current
IAR
6.5
A
Note*1
Non-Repetitive Maximum Avalanche Energy
EAS
266
mJ
Note*2
Repetitive Maximum Avalanche Energy
EAR
9.0
mJ
Note*3
Peak Diode Recovery dV/dt
dV/dt
5.4
kV/µs
Note*4
Peak Diode Recovery -di/dt
-di/dt
100
A/µs
Note*5
Maximum Power Dissipation
PD
1.67
W
Ta=25°C
90
Tc=25°C
Operating and Storage Temperature range
Tch
150
°C
Tstg
-55 to +150
°C
Outline Drawings [mm]
Equivalent circuit schematic
Electrical Characteristics at Tc=25°C (unless otherwise specified)
Description
Symbol
Conditions
min.
typ.
max.
Unit
Drain-Source Breakdown Voltage
BVDSS
ID=250µA, VGS=0V
500
-
-
V
Gate Threshold Voltage
VGS (th)
ID=250µA, VDS=VGS
2.5
3.0
3.5
V
Zero Gate Voltage Drain Current
IDSS
VDS=500V, VGS=0V
Tch=25°C
-
-
25
µA
VDS=400V, VGS=0V
Tch=125°C
-
-
250
Gate-Source Leakage Current
IGSS
VGS=±30V, VDS=0V
-
10
100
nA
Drain-Source On-State Resistance
RDS (on)
ID=3.3A, VGS=10V
-
0.73
0.85
Forward Transconductance
gfs
ID=3.3A, VDS=25V
3.5
7
-
S
Input Capacitance
Ciss
VDS=25V
VGS=0V
f=1MHz
-
1050
1575
pF
Output Capacitance
Coss
-
95
142.5
Reverse Transfer Capacitance
Crss
-
7
10.5
Turn-On Time
td(on)
Vcc=300V
VGS=10V
ID=3.3A
RG=10Ω
-
11
16.5
ns
tr
-
7
10.5
Turn-Off Time
td(off)
-
75
113
tf
-
14
21
Total Gate Charge
QG
Vcc=250V
ID=6.5A
VGS=10V
-
32
48
nC
Gate-Source Charge
QGS
-
8
12
Gate-Drain Charge
QGD
-
9
13.5
Avalanche Capability
IAV
L=4.61mH, Tch=25°C
6.5
-
-
A
Diode Forward On-Voltage
VSD
IF=6.5A, VGS=0V, Tch=25°C
-
0.86
1.30
V
Reverse Recovery Time
trr
IF=6.5A, VGS=0V
-di/dt=100A/µs, Tch=25°C
-
0.34
-
µs
Reverse Recovery Charge
Qrr
-
3.0
-
µC
Note *1 : Tch≤150°C
Note *2 : Stating Tch=25°C, IAS=2.6A, L=72.1mH, Vcc=50V, RG=50Ω
EAS limited by maximum channel temperature and avalanche current.
See to 'Avalanche Energy' graph.
Thermal Characteristics
Description
Symbol
Test Conditions
min.
typ.
max.
Unit
Thermal resistance
Rth (ch-c)
Channel to Case
1.390
°C/W
Rth (ch-a)
Channel to Ambient
75.0
°C/W
Gate(G)
Source(S)
Drain(D)
Note *3 : Repetitive rating : Pulse width limited by maximum channel temperature.
See to the 'Transient Themal impeadance' graph.
Note *4 : IF≤-ID, -di/dt=100A/µs, Vcc≤BVDSS, Tch≤150°C.
Note *5 : IF≤-ID, dv/dt=5.4kV/µs, Vcc≤BVDSS, Tch≤150°C.
T-Pack(L)


Similar Part No. - FMI07N50E

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FMI03N60E FUJI-FMI03N60E Datasheet
578Kb / 5P
   N-CHANNEL SILICON POWER MOSFET
FMI05N50E FUJI-FMI05N50E Datasheet
484Kb / 5P
   N-CHANNEL SILICON POWER MOSFET
FMI05N60E FUJI-FMI05N60E Datasheet
575Kb / 5P
   N-CHANNEL SILICON POWER MOSFET
FMI06N60ES FUJI-FMI06N60ES Datasheet
547Kb / 5P
   N-CHANNEL SILICON POWER MOSFET
More results

Similar Description - FMI07N50E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK3597-01 SANYO-2SK3597-01 Datasheet
110Kb / 4P
   POWER MOSFET N-CHANNEL SILICON POWER MOSFET
2SK3685-01 SANYO-2SK3685-01 Datasheet
109Kb / 4P
   POWER MOSFET N-CHANNEL SILICON POWER MOSFET
logo
Fuji Electric
2SK1553-01MR FUJI-2SK1553-01MR Datasheet
70Kb / 2P
   N-CHANNEL SILICON POWER MOSFET
2SK1008-01 FUJI-2SK1008-01 Datasheet
130Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK1014-01 FUJI-2SK1014-01 Datasheet
134Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK1019 FUJI-2SK1019 Datasheet
137Kb / 4P
   N-CHANNEL SILICON POWER MOSFET?
2SK1020 FUJI-2SK1020 Datasheet
137Kb / 4P
   N-CHANNEL SILICON POWER MOSFET?
2SK949-MR FUJI-2SK949-MR Datasheet
132Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
logo
Panasonic Semiconductor
2SK3268 PANASONIC-2SK3268 Datasheet
71Kb / 2P
   Silicon N-channel power MOSFET
logo
Fuji Electric
2SK3526-01L FUJI-2SK3526-01L Datasheet
255Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK3581-01L FUJI-2SK3581-01L Datasheet
254Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com