Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UB25RKG015D-CB Datasheet(PDF) 7 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # UB25RKG015D-CB
Description  Low Profile Pushbuttons
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

UB25RKG015D-CB Datasheet(HTML) 7 Page - Nihon Kaiheiki Industry Co. Ltd.

Back Button UB25RKG015D-CB Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. UB25RKG015D-CB Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. UB25RKG015D-CB Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. UB25RKG015D-CB Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. UB25RKG015D-CB Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. UB25RKG015D-CB Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. UB25RKG015D-CB Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. UB25RKG015D-CB Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. UB25RKG015D-CB Datasheet HTML 10Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Series UB
Low Profile Pushbuttons
www.nkk.com
D84
D
OPTIONAL ACCESSORIES
2
3
1
AT4173
Square Protective Guard/
Snap-in Frame
Opens 180°
Closes automatically
Materials:
Cover: Clear Polycarbonate
Base: Black Polyamide
Coil Spring: Stainless Steel
Recommended
Panel Thickness:
.039” ~ .126”
(1.0mm ~ 3.2mm)
Recommended
Panel-to-PCB Range:
.354” ~ .433”
(9.0mm ~ 11.0mm)
Spring Loaded Protective Guard for Snap-in Mounting of Square PCB Model
Spring Loaded Protective Guard for Square Snap-in Model
AT4171
Square
Protective Guard
Opens 180°
Closes automatically
Materials:
Cover: Clear Polycarbonate
Base: Black GFR Polyamide
Coil Spring: Stainless Steel
Recommended Panel Thickness:
.039” ~ .106” (1.0mm ~ 2.7mm)
Protective
Guard
Panel
Switch
PC Board
Installation
1 Install switch onto
PC board.
2 Snap protective
guard into panel.
3 Join the two
assemblies.
(20.4)
.803 (N)
(16.2) Sq
.638
(39.0) Min*
1.535
(N) = Number of switches
AT4171
(10.5)
.413
(20.5)
.807
(20.4)
.803
* Minimum dimension allows opening of cover to 180°
(18.4)
.724
(20.4)
.803
(10.5)
.413
(20.5)
.807
(6.0)
.236
(9.0)
.354
(15.64)
.616
(15.64)
.616
180°
(9.0) ~ (11.0)
.354 ~ .433
(20.4)
.803 (N)
(18.2) Sq
.717
(39.0) Min*
1.535
(N) = Number of switches
* Minimum dimension allows opening of cover to 180°
AT4173
(10.5)
.413
(20.5)
.807
(20.4)
.803
(18.4)
.724
(20.4)
.803
(10.5)
.413
(20.5)
.807
(7.5)
.295
Cap Height
When
Assembled
(17.9)
.705
(14.2)
.559
(17.9)
.705
(7.1)
.280
180°


Similar Part No. - UB25RKG015D-CB

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
UB25RKG015D-CB NKK-UB25RKG015D-CB Datasheet
117Kb / 6P
   Low Profile Pushbutton Switches
More results

Similar Description - UB25RKG015D-CB

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
UB15SKW015C NKK-UB15SKW015C Datasheet
365Kb / 9P
   Low Profile Pushbuttons
UB215SKW01N-4JA NKK-UB215SKW01N-4JA Datasheet
271Kb / 7P
   Low Profile Pushbuttons
logo
GREATECS
UB15SKG035C-CB GREATECS-UB15SKG035C-CB Datasheet
291Kb / 6P
   Low Profile Pushbuttons
logo
Nihon Kaiheiki Industry...
UB15SKG035C-CC NKK-UB15SKG035C-CC Datasheet
960Kb / 10P
   Low Profile Pushbuttons
UB215SKW015C-1JB NKK-UB215SKW015C-1JB Datasheet
404Kb / 12P
   Low Profile Pushbuttons
SB221NO NKK-SB221NO Datasheet
115Kb / 3P
   Low/Medium Capacity Pushbuttons
logo
List of Unclassifed Man...
SB25B ETC2-SB25B Datasheet
115Kb / 3P
   Low/Medium Capacity Pushbuttons
logo
C&K Components
1.15108.4510000 CK-COMPONENTS-1.15108.4510000 Datasheet
1Mb / 83P
   Pushbuttons
logo
List of Unclassifed Man...
HB15SKW01-6G-JB ETC2-HB15SKW01-6G-JB Datasheet
379Kb / 6P
   Subminiature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SS1W NKK-MB2011SS1W Datasheet
238Kb / 8P
   Miniature Pushbuttons
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com