Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB26SKG01-05-CJ Datasheet(PDF) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # LB26SKG01-05-CJ
Description  Standard Size Pushbuttons
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

LB26SKG01-05-CJ Datasheet(HTML) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

  LB26SKG01-05-CJ Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. LB26SKG01-05-CJ Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. LB26SKG01-05-CJ Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. LB26SKG01-05-CJ Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. LB26SKG01-05-CJ Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. LB26SKG01-05-CJ Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. LB26SKG01-05-CJ Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. LB26SKG01-05-CJ Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. LB26SKG01-05-CJ Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Series LB
Standard Size Pushbuttons
www.nkk.com
D47
D
Distinctive Characteristics
Carefully designed light diffusion and filtering system produces bright,
full surface illumination with front panel relamping.
Spot illumination available in single and bicolor LEDs.
Choice of super bright LEDs in white, green, and blue
in addition to standard or bright red, amber, and
green LEDs.
Stainless steel clips provide secure mounting with a
wide range of panel thicknesses.
Latchdown feature gives indication of circuit status.
Audible and tactile feedback with smooth and
responsive operation.
Snap-action contact mechanism gives long electrical
life and sensitivity of actuation.
Combination solder lug and .110” quick connect
terminals are epoxy sealed to prevent entry of flux,
dust, and other contaminants.
Panel sealed model meets IP65 of IEC60529 specifications
(similar to NEMA 4 & 13).
Compact switch design minimizes behind panel depth.
Matching indicators available.
Actual Size
Snap-in Mount
Page D46
Panel Seal
Page D57


Similar Part No. - LB26SKG01-05-CJ

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
LB26SKG01-05BJ NKK-LB26SKG01-05BJ Datasheet
697Kb / 20P
   General Specifications
LB26SKG01-05CJ NKK-LB26SKG01-05CJ Datasheet
697Kb / 20P
   General Specifications
LB26SKG01-05EJ NKK-LB26SKG01-05EJ Datasheet
697Kb / 20P
   General Specifications
LB26SKG01-05FJ NKK-LB26SKG01-05FJ Datasheet
697Kb / 20P
   General Specifications
LB26SKG01-05GJ NKK-LB26SKG01-05GJ Datasheet
697Kb / 20P
   General Specifications
More results

Similar Description - LB26SKG01-05-CJ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LB15SKW01-5C12-JC ETC2-LB15SKW01-5C12-JC Datasheet
933Kb / 12P
   Standard Size Pushbuttons
logo
Nihon Kaiheiki Industry...
LB15SKW01 NKK-LB15SKW01 Datasheet
2Mb / 20P
   Standard Size Pushbuttons
LB15SKW01-A NKK-LB15SKW01-A Datasheet
359Kb / 9P
   Standard Size Pushbuttons
logo
List of Unclassifed Man...
LB16WKW01-5C12-JC ETC2-LB16WKW01-5C12-JC Datasheet
608Kb / 9P
   Standard Size Pushbuttons
logo
Nihon Kaiheiki Industry...
LB15WKW01-BJ NKK-LB15WKW01-BJ Datasheet
237Kb / 6P
   Standard Size Panel Seal Pushbuttons
logo
GREATECS
LB15SKW01-12-CJ GREATECS-LB15SKW01-12-CJ Datasheet
460Kb / 10P
   Standard Size Snap-in Pushbuttons
logo
List of Unclassifed Man...
ABD-100 ETC2-ABD-100 Datasheet
2Mb / 30P
   TWTD Series Full Size NEMA Pushbuttons
logo
IDEC Corporation
ABD311NUR IDEC-ABD311NUR Datasheet
2Mb / 30P
   New TWND Series — Full Size NEMA Pushbuttons
logo
C&K Components
1.15108.4510000 CK-COMPONENTS-1.15108.4510000 Datasheet
1Mb / 83P
   Pushbuttons
logo
List of Unclassifed Man...
HB15SKW01-6G-JB ETC2-HB15SKW01-6G-JB Datasheet
379Kb / 6P
   Subminiature Pushbuttons
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com