Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KP0215ACAKG03RGB-2SJB Datasheet(PDF) 6 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # KP0215ACAKG03RGB-2SJB
Description  Miniature Audio/Video Pushbuttons
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

KP0215ACAKG03RGB-2SJB Datasheet(HTML) 6 Page - Nihon Kaiheiki Industry Co. Ltd.

Back Button KP0215ACAKG03RGB-2SJB Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. KP0215ACAKG03RGB-2SJB Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. KP0215ACAKG03RGB-2SJB Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. KP0215ACAKG03RGB-2SJB Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. KP0215ACAKG03RGB-2SJB Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. KP0215ACAKG03RGB-2SJB Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. KP0215ACAKG03RGB-2SJB Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. KP0215ACAKG03RGB-2SJB Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. KP0215ACAKG03RGB-2SJB Datasheet HTML 10Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Series KP
Miniature Audio/Video Pushbuttons
www.nkk.com
D41
D
TYPICAL SWITCH DIMENSIONS
12.0mm Square Cap
15.0mm Square Cap
KP0115ACAKG036CF-1SJB
KP0115ANBKG036CF-2SJB
17.4mm Square Cap
KP0115ANBKG036CF-3SJB
(0.9) Dia Typ
.035
(0.6) Dia Typ
.024
(1.3) Dia Typ
.051
(7.62)
.300
(4.5)
.177 (12.7)
.500
(2.54) Typ
.100
(12.7)
.500
L2
L1
1
1a
C
(0.9) Dia Typ
.035
(0.6) Dia Typ
.024
(1.3) Dia Typ
.051
(7.62)
.300
(4.5)
.177 (12.7)
.500
(2.54) Typ
.100
(12.7)
.500
L2
L1
1
1a
C
(0.9) Dia Typ
.035
(0.6) Dia Typ
.024
(1.3) Dia Typ
.051
(7.62)
.300
(4.5)
.177 (12.7)
.500
(2.54) Typ
.100
(12.7)
.500
L2
L1
1
1a
C
(12.0) Sq
.472
(6.5)
.256
(3.6)
.142
(0.3)
.012
(4.5)
.177 (12.7)
.500
(0.25)
.010
(11.5)
.453
(1.1)
.043
(6.0)
.236
(23.0)
.906
(5.0)
.197
(6.4)
.252
(7.62)
.300
(0.6) Typ
.024
(12.7)
.500
(15.0) Sq
.591
L1
L2
COM
(5.08)
.200
+ 0.5
(0.37) Typ
.015
(15.0) Sq
.591
(7.0)
.276
(3.6)
.142
(11.5)
.453
(4.5)
.177
(23.0)
.906
(6.0)
.236
(1.1)
.043
(6.4)
.252
(0.3)
.012
(4.5)
.177 (12.7)
.500
(0.25)
.010
(7.62)
.300
(0.6) Typ
.024
(12.7)
.500
(15.0) Sq
.591
L1
L2
COM
(5.08)
.200
+ 0.5
(0.37) Typ
.015
(17.4) Sq
.685
(7.62)
.300
(0.6) Typ
.024
(12.7)
.500
(15.0) Sq
.591
L1
L2
COM
(5.08)
.200
+ 0.5
(0.37) Typ
.015
(11.5)
.453
(1.1)
.043
(6.0)
.236
(23.0)
.906
(4.5)
.177
(7.0)
.276
(3.6)
.142
(6.4)
.252
(0.3)
.012
(4.5)
.177 (12.7)
.500
(0.25)
.010


Similar Part No. - KP0215ACAKG03RGB-2SJB

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
KP0215ACAKG03RGB-2SJB NKK-KP0215ACAKG03RGB-2SJB Datasheet
320Kb / 9P
   Miniature Audio/Video Pushbuttons
More results

Similar Description - KP0215ACAKG03RGB-2SJB

ManufacturerPart #DatasheetDescription
logo
GREATECS
KP0115ACAKG03CF-1SJB GREATECS-KP0115ACAKG03CF-1SJB Datasheet
367Kb / 6P
   Miniature Audio/Video Pushbuttons
logo
Nihon Kaiheiki Industry...
KP0115ACAKG03CF-1FJB NKK-KP0115ACAKG03CF-1FJB Datasheet
320Kb / 9P
   Miniature Audio/Video Pushbuttons
HB215SKG03CE-JB NKK-HB215SKG03CE-JB_10 Datasheet
136Kb / 4P
   Subminiature Audio/Video Pushbuttons
logo
List of Unclassifed Man...
HB215SKG03CF-JB ETC2-HB215SKG03CF-JB Datasheet
276Kb / 4P
   Subminiature Audio/Video Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SS1W NKK-MB2011SS1W Datasheet
238Kb / 8P
   Miniature Pushbuttons
logo
List of Unclassifed Man...
KB15CKW01-12-FF ETC2-KB15CKW01-12-FF Datasheet
725Kb / 13P
   Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SB1W01 NKK-MB2011SB1W01 Datasheet
333Kb / 11P
   Miniature Pushbuttons
KB15SKW01 NKK-KB15SKW01 Datasheet
400Kb / 10P
   Miniature Pushbuttons
logo
GREATECS
KB15SKW01-05-GG GREATECS-KB15SKW01-05-GG Datasheet
457Kb / 11P
   Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SS1W01-CA NKK-MB2011SS1W01-CA Datasheet
204Kb / 8P
   Miniature Pushbuttons
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com